Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA124XET1 Datasheet(PDF) 8 Page - ON Semiconductor

Part # DTA124XET1
Description  Bias Resistor Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTA124XET1 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button DTA124XET1 Datasheet HTML 4Page - ON Semiconductor DTA124XET1 Datasheet HTML 5Page - ON Semiconductor DTA124XET1 Datasheet HTML 6Page - ON Semiconductor DTA124XET1 Datasheet HTML 7Page - ON Semiconductor DTA124XET1 Datasheet HTML 8Page - ON Semiconductor DTA124XET1 Datasheet HTML 9Page - ON Semiconductor DTA124XET1 Datasheet HTML 10Page - ON Semiconductor DTA124XET1 Datasheet HTML 11Page - ON Semiconductor DTA124XET1 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
DTA114EET1 SERIES
http://onsemi.com
8
MINIMUM RECOMMENDED FOOTPRINTS FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the
total design. The footprint for the semiconductor packages
must be the correct size to insure proper solder connection
interface between the board and the package. With the
correct pad geometry, the packages will self align when
subjected to a solder reflow process.
1.4
0.5 min. (3x)
TYPICAL
SOLDERING PATTERN
Unit: mm
SOT–416/SC–75 POWER DISSIPATION
The power dissipation of the SOT–416/SC–75 is a
function of the pad size. This can vary from the minimum
pad size for soldering to the pad size given for maximum
power dissipation. Power dissipation for a surface mount
device is determined by TJ(max), the maximum rated
junction temperature of the die, RθJA, the thermal
resistance from the device junction to ambient; and the
operating temperature, TA. Using the values provided on
the data sheet, PD can be calculated as follows:
PD =
TJ(max) – TA
RθJA
The values for the equation are found in the maximum
ratings table on the data sheet. Substituting these values
into the equation for an ambient temperature TA of 25°C,
one can calculate the power dissipation of the device which
in this case is 200 milliwatts.
PD =
150
°C – 25°C
= 200 milliwatts
600
°C/W
The 600
°C/W assumes the use of the recommended
footprint on a glass epoxy printed circuit board to achieve a
power dissipation of 200 milliwatts. Another alternative
would be to use a ceramic substrate or an aluminum core
board such as Thermal Clad
™. Using a board material such
as Thermal Clad, a higher power dissipation can be
achieved using the same footprint.
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated
temperature of the device. When the entire device is heated
to a high temperature, failure to complete soldering within
a short time could result in device failure. Therefore, the
following items should always be observed in order to
minimize the thermal stress to which the devices are
subjected.
• Always preheat the device.
• The delta temperature between the preheat and
soldering should be 100
°C or less.*
• When preheating and soldering, the temperature of the
leads and the case must not exceed the maximum
temperature ratings as shown on the data sheet. When
using infrared heating with the reflow soldering
method, the difference should be a maximum of 10
°C.
• The soldering temperature and time should not exceed
260
°C for more than 10 seconds.
• When shifting from preheating to soldering, the
maximum temperature gradient should be 5
°C or less.
• After soldering has been completed, the device should
be allowed to cool naturally for at least three minutes.
Gradual cooling should be used as the use of forced
cooling will increase the temperature gradient and
result in latent failure due to mechanical stress.
• Mechanical stress or shock should not be applied
during cooling.
* Soldering a device without preheating can cause
excessive thermal shock and stress which can result in
damage to the device.


Similar Part No. - DTA124XET1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTA124XET1 ONSEMI-DTA124XET1 Datasheet
142Kb / 12P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
July, 2004 ??Rev. 4
DTA124XET1 ONSEMI-DTA124XET1 Datasheet
108Kb / 13P
   Bias Resistor Transistors
March, 2006 ??Rev. 6
DTA124XET1G ONSEMI-DTA124XET1G Datasheet
142Kb / 12P
   PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
July, 2004 ??Rev. 4
DTA124XET1G ONSEMI-DTA124XET1G Datasheet
108Kb / 13P
   Bias Resistor Transistors
March, 2006 ??Rev. 6
DTA124XET1G ONSEMI-DTA124XET1G Datasheet
134Kb / 10P
   Digital Transistors (BRT) R1 = 22 k, R2 = 47 k
Septenber, 2012 ??Rev. 1
More results

Similar Description - DTA124XET1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211_07 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com