Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3646ETG Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3646ETG
Description  155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3646ETG Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3646ETG Datasheet HTML 4Page - Maxim Integrated Products MAX3646ETG Datasheet HTML 5Page - Maxim Integrated Products MAX3646ETG Datasheet HTML 6Page - Maxim Integrated Products MAX3646ETG Datasheet HTML 7Page - Maxim Integrated Products MAX3646ETG Datasheet HTML 8Page - Maxim Integrated Products MAX3646ETG Datasheet HTML 9Page - Maxim Integrated Products MAX3646ETG Datasheet HTML 10Page - Maxim Integrated Products MAX3646ETG Datasheet HTML 11Page - Maxim Integrated Products MAX3646ETG Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Average power is regulated using APC, which keeps
constant current from a photodiode coupled to the
laser. Peak-to-peak power is maintained by compen-
sating the modulation current for reduced slope effi-
ciency (h) of laser over time and temperature:
PAVG = IMDMON
PP-P = η x IMOD
Modulation compensation from bias increases the mod-
ulation current by a user-selected proportion (K) need-
ed to maintain peak-to-peak laser power as bias
current increases with temperature. Refer to Maxim
Application Note HFAN-02.21 for details:
K = ∆IMOD / ∆IBIAS
This provides a first-order approximation of the current
increase needed to maintain peak-to-peak power.
Slope efficiency decreases more rapidly as tempera-
ture increases. The MAX3646 provides additional tem-
perature compensation as temperature increases past
a user-defined threshold (TTH).
155Mbps to 622Mbps SFF/SFP
Laser Driver with Extinction Ratio Control
8
_______________________________________________________________________________________
MAX3646
IN+
IN-
OUT-
OUT+
INPUT BUFFER
DATA
PATH
IMOD
VBG
RMODSET
MODSET
VBG
RAPCSET
APCSET
IAPCSET
CAPC
APCFILT1
APCFILT2
IBIAS
BIAS
MD
VCC
IBIAS
ENABLE
x1
TX_FAULT
TX_DISABLE
SAFETY LOGIC
AND
POWER DETECTOR
RBC_MON
BC_MON
VCC
RPC_MON
PC_MON
RD
VCC
IMD
CMD
SHUTDOWN
SHUTDOWN
x268
RPULL = 45kΩ
T
xK
xTC
T > TTH
IBIAS
IMOD
ENABLE
x1/2
MODTCOMP
RMODTCOMP
TH_TEMP
RTH_TEMP
MODBCOMP
RMODBCOMP
IBIAS
82
IMD
1
Figure 4. Functional Diagram


Similar Part No. - MAX3646ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3646ETG MAXIM-MAX3646ETG Datasheet
348Kb / 15P
   155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 6/11
MAX3646ETGT MAXIM-MAX3646ETGT Datasheet
348Kb / 15P
   155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 6/11
More results

Similar Description - MAX3646ETG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3646 MAXIM-MAX3646_11 Datasheet
348Kb / 15P
   155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 6/11
MAX3738 MAXIM-MAX3738_11 Datasheet
441Kb / 16P
   155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 3; 6/11
MAX3738 MAXIM-MAX3738_08 Datasheet
362Kb / 16P
   155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 12/08
MAX3738 MAXIM-MAX3738 Datasheet
403Kb / 14P
   1Gbps to 2.7Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 0; 1/04
MAX3737 MAXIM-MAX3737 Datasheet
920Kb / 17P
   Multirate Laser Driver with Extinction Ratio Control
19-2818; Rev 1; 8/03
MAX3737 MAXIM-MAX3737_11 Datasheet
509Kb / 16P
   Multirate Laser Driver with Extinction Ratio Control 100mA Bias Current
Rev 3; 6/11
MAX3667 MAXIM-MAX3667_V01 Datasheet
644Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
MAX3668 MAXIM-MAX3668 Datasheet
435Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
MAX3667 MAXIM-MAX3667 Datasheet
138Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-1311; Rev 1; 3/98
MAX3668 MAXIM-MAX3668_05 Datasheet
871Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Rev 4; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com