Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3646 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX3646
Description  155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3646 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX3646 Datasheet HTML 3Page - Maxim Integrated Products MAX3646 Datasheet HTML 4Page - Maxim Integrated Products MAX3646 Datasheet HTML 5Page - Maxim Integrated Products MAX3646 Datasheet HTML 6Page - Maxim Integrated Products MAX3646 Datasheet HTML 7Page - Maxim Integrated Products MAX3646 Datasheet HTML 8Page - Maxim Integrated Products MAX3646 Datasheet HTML 9Page - Maxim Integrated Products MAX3646 Datasheet HTML 10Page - Maxim Integrated Products MAX3646 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Detailed Description
The MAX3646 laser driver consists of three main parts:
a high-speed modulation driver, biasing block with
ERC, and safety circuitry. The circuit design is opti-
mized for high-speed, low-voltage (+3.3V) operation
(Figure 4).
High-Speed Modulation Driver
The output stage is composed of a high-speed differ-
ential pair and a programmable modulation current
source. The MAX3646 is optimized for driving a 15Ω
load. The minimum instantaneous voltage required at
OUT- is 0.7V for modulation currents up to 60mA and
0.75V for currents from 60mA to 85mA. Operation
above 60mA can be accomplished by AC-coupling or
with sufficient voltage at the laser to meet the driver
output voltage requirement.
To interface with the laser diode, a damping resistor
(RD) is required. The combined resistance damping
resistor and the equivalent series resistance (ESR) of
the laser diode should equal 15Ω. To further damp
aberrations caused by laser diode parasitic induc-
tance, an RC shunt network may be necessary. Refer to
Maxim Application Note HFAN 0.0: Interface Maxim’s
Laser Driver to Laser Diode for more information.
Any capacitive load at the cathode of a laser diode
degrades optical output performance. Because the
BIAS output is directly connected to the laser cathode,
minimize the parasitic capacitance associated with the
pin by using an inductor to isolate the BIAS pin para-
sitics form the laser cathode.
Extinction Ratio Control
The extinction ratio (re) is the laser on-state power
divided by the off-state power. Extinction ratio remains
constant if peak-to-peak and average power are held
constant:
re = (2PAVG + PP-P) / (2PAVG - PP-P)
155Mbps to 622Mbps SFF/SFP
Laser Driver with Extinction Ratio Control
_______________________________________________________________________________________
7
VIN+
VIN-
200mV (min)
2400mV (max)
100mV (min)
1200mV (max)
IMOD
VOLTAGE
CURRENT
TIME
SINGLE ENDED
DIFFERENTIAL
(VIN+) - (VIN-)
IOUT+
Figure 1. Required Input Signal and Output Polarity
MAX3646
30Ω
30Ω
30Ω
75Ω
50Ω
OUT+
OUT-
VCC VCC
OSCILLOSCOPE
Z0 = 30Ω
Z0 = 30Ω
Z0 = 50Ω
0.5pF
IOUT+
Figure 2. Test Circuit for Characterization
L1
1µH
C1
0.1µF
C3
0.1µF
C2
10µF
VOLTAGE
SUPPLY
SOURCE
NOISE
OPTIONAL
OPTIONAL
FILTER DEFINED BY SFP MSA
HOST BOARD
MODULE
TO LASER
DRIVER VCC
Figure 3. Supply Filter


Similar Part No. - MAX3646

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3646 MAXIM-MAX3646 Datasheet
348Kb / 15P
   155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 6/11
MAX3646ETG MAXIM-MAX3646ETG Datasheet
348Kb / 15P
   155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 6/11
MAX3646ETGT MAXIM-MAX3646ETGT Datasheet
348Kb / 15P
   155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 6/11
MAX3646 MAXIM-MAX3646_11 Datasheet
348Kb / 15P
   155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 6/11
More results

Similar Description - MAX3646

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3646 MAXIM-MAX3646_11 Datasheet
348Kb / 15P
   155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 6/11
MAX3738 MAXIM-MAX3738_11 Datasheet
441Kb / 16P
   155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 3; 6/11
MAX3738 MAXIM-MAX3738_08 Datasheet
362Kb / 16P
   155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 12/08
MAX3738 MAXIM-MAX3738 Datasheet
403Kb / 14P
   1Gbps to 2.7Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 0; 1/04
MAX3737 MAXIM-MAX3737 Datasheet
920Kb / 17P
   Multirate Laser Driver with Extinction Ratio Control
19-2818; Rev 1; 8/03
MAX3737 MAXIM-MAX3737_11 Datasheet
509Kb / 16P
   Multirate Laser Driver with Extinction Ratio Control 100mA Bias Current
Rev 3; 6/11
MAX3667 MAXIM-MAX3667_V01 Datasheet
644Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
2003
MAX3668 MAXIM-MAX3668 Datasheet
435Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-4799; Rev 2; 2/00
MAX3667 MAXIM-MAX3667 Datasheet
138Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
19-1311; Rev 1; 3/98
MAX3668 MAXIM-MAX3668_05 Datasheet
871Kb / 12P
   3.3V, 622Mbps SDH/SONET Laser Driver with Automatic Power Control
Rev 4; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com