Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6433642 Datasheet(PDF) 72 Page - Hitachi Semiconductor

Part # HD6433642
Description  H8/3644 Series Hardware Manual
Download  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD6433642 Datasheet(HTML) 72 Page - Hitachi Semiconductor

Back Button HD6433642 Datasheet HTML 68Page - Hitachi Semiconductor HD6433642 Datasheet HTML 69Page - Hitachi Semiconductor HD6433642 Datasheet HTML 70Page - Hitachi Semiconductor HD6433642 Datasheet HTML 71Page - Hitachi Semiconductor HD6433642 Datasheet HTML 72Page - Hitachi Semiconductor HD6433642 Datasheet HTML 73Page - Hitachi Semiconductor HD6433642 Datasheet HTML 74Page - Hitachi Semiconductor HD6433642 Datasheet HTML 75Page - Hitachi Semiconductor HD6433642 Datasheet HTML 76Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 508 page
background image
62
Table 3.2
Interrupt Sources and Their Priorities
Interrupt Source
Interrupt
Vector Number
Vector Address
Priority
RES
Reset
0
H'0000 to H'0001
High
IRQ
0
IRQ
0
4
H'0008 to H'0009
IRQ
1
IRQ
1
5
H'000A to H'000B
IRQ
2
IRQ
2
6
H'000C to H'000D
IRQ
3
IRQ
3
7
H'000E to H'000F
INT
0
INT
0
8
H'0010 to H'0011
INT
1
INT
1
INT
2
INT
2
INT
3
INT
3
INT
4
INT
4
INT
5
INT
5
INT
6
INT
6
INT
7
INT
7
Timer A
Timer A overflow
10
H'0014 to H'0015
Timer B1
Timer B1 overflow
11
H'0016 to H'0017
Timer X
Timer X input capture A
16
H'0020 to H'0021
Timer X input capture B
Timer X input capture C
Timer X input capture D
Timer X compare match A
Timer X compare match B
Timer X overflow
Timer V
Timer V compare match A
17
H'0022 to H'0023
Timer V compare match B
Timer V overflow
SCI1
SCI1 transfer complete
19
H'0026 to H'0027
SCI3
SCI3 transmit end
21
H'002A to H'002B
SCI3 transmit data empty
SCI3 receive data full
SCI3 overrun error
SCI3 framing error
SCI3 parity error
A/D
A/D conversion end
22
H'002C to H'002D
(SLEEP instruction
executed)
Direct transfer
23
H'002E to H'002F Low
Note:
Vector addresses H'0002 to H'0007, H'0012 to H'0013, H'0018 to H'001F, H'0024 to
H'0025, H'0028 to H'0029 are reserved and cannot be used.


Similar Part No. - HD6433642

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6433642 RENESAS-HD6433642 Datasheet
4Mb / 549P
   8-Bit Single-Chip Microcomputer
HD6433642 RENESAS-HD6433642 Datasheet
3Mb / 551P
   Old Company Name in Catalogs and Other Documents
HD6433642 RENESAS-HD6433642 Datasheet
3Mb / 551P
   Old Company Name in Catalogs and Other Documents
HD6433642R RENESAS-HD6433642R Datasheet
4Mb / 549P
   8-Bit Single-Chip Microcomputer
HD6433642R RENESAS-HD6433642R Datasheet
3Mb / 551P
   Old Company Name in Catalogs and Other Documents
More results

Similar Description - HD6433642

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6413007F20 RENESAS-HD6413007F20 Datasheet
4Mb / 798P
   Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
HD64F3644HV RENESAS-HD64F3644HV Datasheet
3Mb / 551P
   Hardware Manual Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Series
HD64F3028F25 RENESAS-HD64F3028F25 Datasheet
5Mb / 925P
   Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
HD6473032F16 RENESAS-HD6473032F16 Datasheet
5Mb / 847P
   Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
HD64F3694HV RENESAS-HD64F3694HV Datasheet
2Mb / 452P
   Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
HD64F38024HV RENESAS-HD64F38024HV Datasheet
4Mb / 684P
   Hardware Manual Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
H8S2144 RENESAS-H8S2144 Datasheet
4Mb / 1140P
   HARDWARE MANUAL
logo
Hitachi Semiconductor
HD6433937 HITACHI-HD6433937 Datasheet
1Mb / 521P
   Hardware Manual
logo
Renesas Technology Corp
HD6473837H RENESAS-HD6473837H Datasheet
2Mb / 562P
   Hardware Manual
logo
TRINAMIC Motion Control...
TMCS-20 TRINAMIC-TMCS-20 Datasheet
469Kb / 12P
   Hardware Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com