Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD6433642 Datasheet(PDF) 56 Page - Hitachi Semiconductor

Part # HD6433642
Description  H8/3644 Series Hardware Manual
Download  508 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD6433642 Datasheet(HTML) 56 Page - Hitachi Semiconductor

Back Button HD6433642 Datasheet HTML 52Page - Hitachi Semiconductor HD6433642 Datasheet HTML 53Page - Hitachi Semiconductor HD6433642 Datasheet HTML 54Page - Hitachi Semiconductor HD6433642 Datasheet HTML 55Page - Hitachi Semiconductor HD6433642 Datasheet HTML 56Page - Hitachi Semiconductor HD6433642 Datasheet HTML 57Page - Hitachi Semiconductor HD6433642 Datasheet HTML 58Page - Hitachi Semiconductor HD6433642 Datasheet HTML 59Page - Hitachi Semiconductor HD6433642 Datasheet HTML 60Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 508 page
background image
46
Three-State Access to On-Chip Peripheral Modules: Figure 2.13 shows the operation timing in
the case of three-state access to an on-chip peripheral module.
T1 state
Bus cycle
Internal
address bus
Internal
read signal
Internal
data bus
(read access)
Internal
write signal
Read data
Address
Internal
data bus
(write access)
T2 state
T3 state
Write data
SUB
ø or ø
Figure 2.13 On-Chip Peripheral Module Access Cycle (3-State Access)
2.7
CPU States
2.7.1
Overview
There are four CPU states: the reset state, program execution state, program halt state, and
exception-handling state. The program execution state includes active (high-speed or medium-
speed) mode and subactive mode. In the program halt state there are a sleep (high-speed or
medium-speed) mode, standby mode, watch mode, and sub-sleep mode. These states are shown in
figure 2.14. Figure 2.15 shows the state transitions.


Similar Part No. - HD6433642

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6433642 RENESAS-HD6433642 Datasheet
4Mb / 549P
   8-Bit Single-Chip Microcomputer
HD6433642 RENESAS-HD6433642 Datasheet
3Mb / 551P
   Old Company Name in Catalogs and Other Documents
HD6433642 RENESAS-HD6433642 Datasheet
3Mb / 551P
   Old Company Name in Catalogs and Other Documents
HD6433642R RENESAS-HD6433642R Datasheet
4Mb / 549P
   8-Bit Single-Chip Microcomputer
HD6433642R RENESAS-HD6433642R Datasheet
3Mb / 551P
   Old Company Name in Catalogs and Other Documents
More results

Similar Description - HD6433642

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD6413007F20 RENESAS-HD6413007F20 Datasheet
4Mb / 798P
   Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
HD64F3644HV RENESAS-HD64F3644HV Datasheet
3Mb / 551P
   Hardware Manual Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Series
HD64F3028F25 RENESAS-HD64F3028F25 Datasheet
5Mb / 925P
   Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
HD6473032F16 RENESAS-HD6473032F16 Datasheet
5Mb / 847P
   Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
HD64F3694HV RENESAS-HD64F3694HV Datasheet
2Mb / 452P
   Hardware Manual Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
HD64F38024HV RENESAS-HD64F38024HV Datasheet
4Mb / 684P
   Hardware Manual Renesas 8-Bit Single-Chip Microcomputer H8 Family/H8/300L Super Low Power Series
H8S2144 RENESAS-H8S2144 Datasheet
4Mb / 1140P
   HARDWARE MANUAL
logo
Hitachi Semiconductor
HD6433937 HITACHI-HD6433937 Datasheet
1Mb / 521P
   Hardware Manual
logo
Renesas Technology Corp
HD6473837H RENESAS-HD6473837H Datasheet
2Mb / 562P
   Hardware Manual
logo
TRINAMIC Motion Control...
TMCS-20 TRINAMIC-TMCS-20 Datasheet
469Kb / 12P
   Hardware Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com