Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HB28L064MM3 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HB28L064MM3
Description  MultiMediaCard 32 MByte/64 MByte/128 MByte/256 MByte/512 MByte
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28L064MM3 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HB28L064MM3 Datasheet HTML 7Page - Renesas Technology Corp HB28L064MM3 Datasheet HTML 8Page - Renesas Technology Corp HB28L064MM3 Datasheet HTML 9Page - Renesas Technology Corp HB28L064MM3 Datasheet HTML 10Page - Renesas Technology Corp HB28L064MM3 Datasheet HTML 11Page - Renesas Technology Corp HB28L064MM3 Datasheet HTML 12Page - Renesas Technology Corp HB28L064MM3 Datasheet HTML 13Page - Renesas Technology Corp HB28L064MM3 Datasheet HTML 14Page - Renesas Technology Corp HB28L064MM3 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
HB28K032/L064/J128/J256/J512MM3, HB28K032/L064/J128/J256RM3
Rev.0.02, Sep.15.2004, page 11 of 89
Card Specific Data (CSD)
The card specific data register describes how to access the card content. The CSD defines card operating
parameters like maximum data access time, data transfer speed.
The CSD Fields
Name
Field
Width
CSD-slice Value
Type
CSD structure
CSD_STRUCTURE
2
[127:126]
“10”
read only
Spec version
SPEC_VERS
4
[125:122]
“0011”
read only
Reserved
2
[121:120]
0
read only
Data read access-time-1
TAAC
8
[119:112]
0x0E (1 ms)
read only
Data read access-time-2 in
CLK cycles (NSAC*100)
NSAC
8
[111:104]
0x01 (100 cycles)
read only
Max. data transfer rate
TRAN_SPEED
8
[103:96]
0x2A (20 Mbit/s)
read only
Card command classes
CCC
12
[95:84]
0x0FF (class 0, 1,
2, 3, 4, 5, 6, 7)
read only
Max. read data block length
READ_BLK_LEN
4
[83:80]
0x9 (512 bytes)
read only
Partial blocks for read
allowed
READ_BLK_PARTIAL
1
[79:79]
‘1’ (Enabled)
read only
Write block misalignment
WRITE_BLK_MISALIG
N
1
[78:78]
‘0’ (Disabled)
read only
Read block misalignment
READ_BLK_MISALIGN 1
[77:77]
‘0’ (Disabled)
read only
DSR implemented
DSR_IMP
1
[76:76]
‘0’ (Disabled)
read only
Reserved
2
[75:74]
0
read only
Device size
C_SIZE
12
[73:62]
*
1
read only
Max. read current at V
DD min
VDD_R_CURR_MIN
3
[61:59]
*
2
read only
Max. read current at V
DD max
VDD_R_CURR_MAX
3
[58:56]
*
2
read only
Max. write current at V
DD min
VDD_W_CURR_MIN
3
[55:53]
*
2
read only
Max. write current at V
DD max
VDD_W_CURR_MAX
3
[52:50]
*
2
read only
Device size multiplier
C_SIZE_MULT
3
[49:47]
*
3
read only
Erase group size
ERASE_GRP_SIZE
5
[46:42]
0
read only
Erase group size multiplier
ERASE_GRP_MULT
5
[41:37]
0x0F
read only


Similar Part No. - HB28L064MM3

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
HB28-1-A++ SLPOWER-HB28-1-A+ Datasheet
720Kb / 7P
   Commercial/Medical International Linears
HB28-1-A+G SLPOWER-HB28-1-A+G Datasheet
374Kb / 7P
   DC Power Supplies
logo
Power-One
HB28-1-AG POWER-ONE-HB28-1-AG Datasheet
478Kb / 9P
   Linear Power Supplies Data Sheet
logo
Hitachi Semiconductor
HB288016MM1 HITACHI-HB288016MM1 Datasheet
233Kb / 79P
   MultiMediaCard 16 MByte
HB288032A5 HITACHI-HB288032A5 Datasheet
170Kb / 66P
   FLASH ATA Card
More results

Similar Description - HB28L064MM3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HB28H016MM2 RENESAS-HB28H016MM2 Datasheet
497Kb / 90P
   MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
logo
Hitachi Semiconductor
HB28D032MM2 HITACHI-HB28D032MM2 Datasheet
329Kb / 88P
   MultiMediaCard 16 Mbyte/32 Mbyte/64 Mbyte/128 MByte
logo
Numonyx B.V
SMCXXXAF NUMONYX-SMCXXXAF Datasheet
1Mb / 82P
   32 Mbyte, 64 Mbyte, 128 Mbyte, 256 Mbyte and 512 Mbyte 3.3 V / 5 V supply CompactFlash??card
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
logo
Numonyx B.V
SMSXXXAF NUMONYX-SMSXXXAF Datasheet
1Mb / 61P
   64 MByte, 128 MByte, 256 MByte 512 MByte and 1 GByte, 3.3V Supply Secure Digital??Card
logo
Cypress Semiconductor
S29GL01GT CYPRESS-S29GL01GT Datasheet
9Mb / 105P
   1 Gbit (128 Mbyte), 512 Mbit (64 Mbyte)
S29GL01GS CYPRESS-S29GL01GS Datasheet
1Mb / 108P
   1-Gbit (128 Mbyte)/512-Mbit (64 Mbyte)/256-Mbit (32 Mbyte)/128-Mbit (16 Mbyte),3.0 V, GL-S Flash Memory
logo
Hitachi Semiconductor
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288016MM1 HITACHI-HB288016MM1 Datasheet
233Kb / 79P
   MultiMediaCard 16 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com