Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC4D-L2-DC48V Datasheet(PDF) 11 Page - Nais(Matsushita Electric Works)

Part # NC4D-L2-DC48V
Description  FLAT/VERTICAL TYPE HIGH POWER BIFURCATED CONTACT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

NC4D-L2-DC48V Datasheet(HTML) 11 Page - Nais(Matsushita Electric Works)

Back Button NC4D-L2-DC48V Datasheet HTML 3Page - Nais(Matsushita Electric Works) NC4D-L2-DC48V Datasheet HTML 4Page - Nais(Matsushita Electric Works) NC4D-L2-DC48V Datasheet HTML 5Page - Nais(Matsushita Electric Works) NC4D-L2-DC48V Datasheet HTML 6Page - Nais(Matsushita Electric Works) NC4D-L2-DC48V Datasheet HTML 7Page - Nais(Matsushita Electric Works) NC4D-L2-DC48V Datasheet HTML 8Page - Nais(Matsushita Electric Works) NC4D-L2-DC48V Datasheet HTML 9Page - Nais(Matsushita Electric Works) NC4D-L2-DC48V Datasheet HTML 10Page - Nais(Matsushita Electric Works) NC4D-L2-DC48V Datasheet HTML 11Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
NC
233
NC4-SS
NC4-L2S
Terminal width: 1.9 .075
Terminal thickness: 0.4 .016
Terminals 3 and 6 excluded for NC4-SS.
20.4
.803
3.9
.154
1.0
.039
8.6
.339
8.0
.315
11.2
.441
15.24
.600 25.4
1.000
35.56
1.400
42.0
1.654
30.48
1.200
10.16
.400
20.32
.800
5.08
.200
5.08
.200
12.6
.496
44.0
1.732
7.62
.300
General tolerance:
±0.5 ±.020
Chassis cutout
Chassis thickness range: 1.0 to 2.0
.039 to .079
11.5
.453
42.5
1.673
NC4-PS
NC4-L2P
Terminal width: 0.9 .035
Terminal thickness: 0.4 .016
Terminals 3 and 6 excluded for NC4-PS.
20.4
.803
8.6
.339
1.0
.039
4.6
.181
3.9
.154
44.0
1.732
12.6
.496
11.2
.441
35.56
1.400
15.24
.600 25.4
1.000
7.62
.300
30.48
1.200
42.0
1.654
10.16
.400
20.32
.800
5.08
.200
5.08
.200
General tolerance:
±0.5 ±.020
PC board pattern
(copper-side view)
7.62
.300
2.54
.100
2.54
.100
0.5
.020
16-1.2 DIA. HOLES
16-.047 DIA. HOLES
7
86 5 4 3 2 1
9 10 11 1213 141516
Tolerance:
±0.1 ±.004
NOTES
1. To maintain insulation between coils of
2 coil latching series, terminals 5 and 6 for
flat series, and terminals 3 and 4 for slim
series should be connected to provide
common return.
2. 2 coil latching series 4C are for intermit-
tent operation only. Power should be ap-
plied to coils continuously for no more
than two minutes.
3. When designing printed circuit board
patterns, note that:
(1) "Top View" wiring diagram is indicated
for the Flat series because terminals can
be seen from above.
(2) "Bottom View" wiring diagram is indi-
cated for the Slim series because termi-
nals can not be seen from above.
4. When using slim series in close proxim-
ity, mount all relays facing the same direc-
tion.
Different mounting directions may cause
change in the relay characteristics be-
cause NC relays are polarized.
5. Sockets
(1) When PC board series are used with
socket, do not apply loads exceeding 3 A.
(2) Soldering should be done quickly to
avoid damaging the thermoplastic body.
(3) Insulation will be optimum when wire
connections are soldered as shown with
all slim sockets.
6
3
5
4
Reset coil
Set coil
Reset switch
Set switch
Same direction
For Cautions for Use, see Relay Technical Information (Page 48 to 76).
9/1/2000
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Similar Part No. - NC4D-L2-DC48V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NC4D-AC100V PANASONIC-NC4D-AC100V Datasheet
556Kb / 15P
   FLAT/VERTICAL TYPE HIGH POWER BIFURCATED CONTACT NC RELAYS
NC4D-AC12V PANASONIC-NC4D-AC12V Datasheet
556Kb / 15P
   FLAT/VERTICAL TYPE HIGH POWER BIFURCATED CONTACT NC RELAYS
NC4D-AC24V PANASONIC-NC4D-AC24V Datasheet
556Kb / 15P
   FLAT/VERTICAL TYPE HIGH POWER BIFURCATED CONTACT NC RELAYS
NC4D-AC48V PANASONIC-NC4D-AC48V Datasheet
556Kb / 15P
   FLAT/VERTICAL TYPE HIGH POWER BIFURCATED CONTACT NC RELAYS
NC4D-DC100V PANASONIC-NC4D-DC100V Datasheet
556Kb / 15P
   FLAT/VERTICAL TYPE HIGH POWER BIFURCATED CONTACT NC RELAYS
More results

Similar Description - NC4D-L2-DC48V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NC2D-JP-DC3V PANASONIC-NC2D-JP-DC3V Datasheet
556Kb / 15P
   FLAT/VERTICAL TYPE HIGH POWER BIFURCATED CONTACT NC RELAYS
logo
Tyco Electronics
61668-2 MACOM-61668-2 Datasheet
70Kb / 1P
   CONTACT, BIFURCATED LEAF
logo
C&K Components
TDD CK-COMPONENTS-TDD Datasheet
166Kb / 2P
   Bifurcated contact for increased electrical reliability
logo
Molex Electronics Ltd.
08-50-0115 MOLEX11-08-50-0115 Datasheet
103Kb / 2P
   TERMINAL, DBL.CANTILEVER KK CRIMP TYPE BIFURCATED
logo
Nais(Matsushita Electri...
JV1APF-S-12V NAIS-JV1APF-S-12V Datasheet
63Kb / 4P
   FLAT TYPE POWER RELAY
logo
KOA Speer Electronics, ...
WK73 KOA-WK73 Datasheet
383Kb / 2P
   high power, wide terminal type flat chip resistors
WK732JTTE33L0F KOA-WK732JTTE33L0F Datasheet
248Kb / 2P
   high power, wide terminal type flat chip resistors
logo
Aries Electronics, Inc.
28-0501-31 ARIES-28-0501-31 Datasheet
228Kb / 2P
   Series 0501 Strip-line Sockets with Bifurcated Contact Wire Wrap Pins
logo
List of Unclassifed Man...
TPM150 ETC2-TPM150 Datasheet
1Mb / 2P
   Chassis Mounting Non-inductive Flat Type High Power resistors
TPL320 ETC-TPL320 Datasheet
612Kb / 1P
   Chassis Mounting Non-inductive Flat Type High Power resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com