Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C9851BY Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # C9851BY
Description  Clock Generator for Pentium III Server and Workstation Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

C9851BY Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button C9851BY Datasheet HTML 6Page - Cypress Semiconductor C9851BY Datasheet HTML 7Page - Cypress Semiconductor C9851BY Datasheet HTML 8Page - Cypress Semiconductor C9851BY Datasheet HTML 9Page - Cypress Semiconductor C9851BY Datasheet HTML 10Page - Cypress Semiconductor C9851BY Datasheet HTML 11Page - Cypress Semiconductor C9851BY Datasheet HTML 12Page - Cypress Semiconductor C9851BY Datasheet HTML 13Page - Cypress Semiconductor C9851BY Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Clock Generator for Pentium
III Server and Workstation Applications
Cypress Semiconductor Corporation
525 Los Coches St.
Document#: 38-07068 Rev. **
05/04/2001
Milpitas, CA 95035. Tel: 408-263-6300, Fax: 408-263-6571
Page 10 of 14
http://www.cypress.com
PRELIMINARY
C9851
Current Accuracy
Conditions
Configuration
Load
Min
Max
Iout
VDD = nominal (3.30V)
All combinations of M0, M1
and Rr shown in host Swing
Select Function Table 5, p. 8
Nominal test load for
given configuration
-7% Inom
+ 7% Inom
Iout
VDD = 3.30 +/- 5%
All combinations of M0, m1
and Rr shown in Host Swing
Select Function Table 5, p. 8
Nominal test load for
given configuration
-12% Inom
+ 12% Inom
Note: Inom refers to the expected current based on the configuration of the device.
Buffer Characteristics for REF
Characteristic
Symbol
Min
Typ
Max
Units
Conditions
Pull-Up Current Min
IOHmin
-12
-53
mA
VOH=VDDmin-0.5V (2.64V)
Pull-Up Current Max
IOHmax
-27
-92
mA
VOH=VDDmin/2 (1.56V)
Pull-Down Current Min
IOLmin
927
mA
VOL=0.4V
Pull-Down Current Max
IOLmax
26
79
mA
VOL=VDDmin/2 (1.56V)
3.3V Output Rise Edge Rate
Trh
0.5
-
2.0
V/nS
3.3V +/- 5% @ 0.4V – 2.4 V
3.3V Output Fall Edge Rate
Tfh
0.5
-
2.0
V/nS
3.3V +/- 5% @ 2.4V – 0.4 V
Buffer Characteristics for 3V66, Mref, Mref_b
Characteristic
Symbol
Min
Typ
Max
Units
Conditions
Pull-Up Current Min
IOHmin
-11
-83
mA
VOH=VDD-0.5V (2.64V)
Pull-Up Current Max
IOHmax
-30
-184
mA
V OH=VDD/2 (1.56V)
Pull-Down Current Min
IOLmin
938
mA
VOL=0.4V
Pull-Down Current Max
IOLmax
28
148
mA
VOL=VDD/2 (1.56V)
3.3V Output Rise Edge Rate
Trh
1/1
-
4/1
V/nS
3.3V +/- 5% @ 0.4V – 2.4 V
3.3V Output Fall Edge Rate
Tfh
1/1
-
4/1
V/nS
3.3V +/- 5% @ 2.4V – 0.4 V


Similar Part No. - C9851BY

ManufacturerPart #DatasheetDescription
logo
Cisco Systems, Inc.
C9800 CISCO-C9800 Datasheet
947Kb / 23P
   Cisco Catalyst 9800-80 Wireless Controller
2022
logo
Cypress Semiconductor
C9812 CYPRESS-C9812 Datasheet
269Kb / 18P
   Low EMI Clock Generator for Intel 810E Chipset Systems
C9812DYB CYPRESS-C9812DYB Datasheet
269Kb / 18P
   Low EMI Clock Generator for Intel 810E Chipset Systems
logo
Kemet Corporation
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C981U103MYVDAAWL45 KEMET-C981U103MYVDAAWL45 Datasheet
56Kb / 1P
   Ceramic, Safety, C900_Y, 0.01 uF, 20%, Y5V, Lead Spacing = 10mm
More results

Similar Description - C9851BY

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
C9630 CYPRESS-C9630 Datasheet
185Kb / 18P
   PC133 Clock Generator for SiS630/Pentium III & SiS540/Socket7 Applications
logo
Renesas Technology Corp
ICS932S200 RENESAS-ICS932S200 Datasheet
413Kb / 14P
   Frequency Timing Generator for Dual Server/Workstation Systems
2019
logo
Integrated Circuit Syst...
ICS932S200 ICST-ICS932S200 Datasheet
102Kb / 12P
   Frequency Timing Generator for Dual Server/Workstation Systems
logo
Pericom Semiconductor C...
PI6C671F PERICOM-PI6C671F Datasheet
199Kb / 7P
   Clock Generator for Pentium Modules
logo
List of Unclassifed Man...
UT8586SC ETC1-UT8586SC Datasheet
87Kb / 6P
   CLOCK GENERATOR FOR PENTIUM BASED SYSTEM
S7070 ETC2-S7070 Datasheet
810Kb / 2P
   Dual-socket server/workstation implementation for mainstream applications
logo
Diodes Incorporated
PI6CG330440 DIODES-PI6CG330440 Datasheet
796Kb / 2P
   19-Output PCIe 5.0 Clock Generator for Server and Data-Center Applications
logo
Freescale Semiconductor...
MPC9850 FREESCALE-MPC9850 Datasheet
247Kb / 12P
   Clock Generator for PowerQUICC III
logo
Integrated Device Techn...
XC9850 IDT-XC9850 Datasheet
322Kb / 10P
   Clock Generator for PowerQUICC III
logo
Integrated Circuit Syst...
ICS9248-134 ICST-ICS9248-134 Datasheet
294Kb / 13P
   Frequency Timing Generator for PENTIUM II/III Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com