Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


WSL324RZ Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. WSL324RZ
Description  LOW POWER QUAD OPERATIONAL AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 1 page
background image
JAN. 2003 REV:00
copyright@wooseok s.tech corp. All rights reserved.
WSL324RZ/PZ
LOGIC DIAGRAM
PIN ASSIGNMENT
Device
Operating
Temperature
Package
WSL324PZ
0~70℃
14DIP
WSL324RZ
14SOP
Ordering Information
The WSL324 contains four independent high gain
operational amplifiers with internal frequency
compensation.The four Op-Amps operate over a wide
voltage range from a single power supply.Also use a
split power supply.The device has low power supply
current drain,regardless of the power supply voltage.
The low power drain also makes the WSL324 a good
choice for Battery operation.
When your project calls for a traditional Op-Amp
function,now you can streamline your design with a
simple single power supply.Use ordinary +5V DC
common to practically any Digital System or Personal
Computer application,without requiring an extra 15V
power supply just to have the interface electronics you
need.
The WSL324 is a versatile,rugged workhouse with a
thousand-and-one use,from amplifyng signals from a
variety of transducers to DC gain blocks,or any OP-Amp
function.The attached pages offer some recipes that will
have your project cooking in no time.
LOW POWER QUAD OPERATIONAL AMPLIFIER
FEATURES
Internally frequency compensated for unity gain
Large DC voltage gain :100dB
Wide power supply range :3V~32V(or ± 1.5~± 16V)
Input common mode Voltage range includes ground
Large output voltage swing:0V DC to Vcc-1.5V DC
Power drain suitable for Battery operation
Low input offset voltage and offset current
differential input range equal to the power supply
voltage
2
3
1
Out1
IN1(-)
IN1(+)
6
5
7
Out2
IN2(-)
IN2(+)
9
10
8
Out3
IN3(-)
IN3(+)
13
12
14
Out4
IN4(-)
IN4(+)
1
2
3
4
5
6
78
9
10
11
12
13
14
Out1
Out2
Out3
Out4
IN1(-)
IN1(+)
Vcc
IN2(-)
IN2(+)
IN4(-)
IN4(+)
GND
IN3(+)
IN3(-)
1
14
8
7
1
7
8
14
1




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LF444Quad Low Power JFET Input Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
UPC324LOW POWER QUAD OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreNEC
AU2902Low power quad operational amplifier 1 2 3 4 5 MoreNXP Semiconductors
LPC660Low Power CMOS Quad Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
IL324Low Power Quad Operational Amplifier 1 2 3 4 List of Unclassifed Manufacturers
IL2902Low Power Quad Operational Amplifier 1 2 3 4 5 Integral Corp.
TSH94HIGH SPEED LOW POWER QUAD OPERATIONAL AMPLIFIER WITH STANDBY POSITION 1 2 3 4 5 MoreSTMicroelectronics
LMC6024Low Power CMOS Quad Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
TSH95HIGH SPEED LOW POWER QUAD OPERATIONAL AMPLIFIER WITH DUAL STANDBY POSITION 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl