Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


WSL324RZ Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part No. WSL324RZ
Description  LOW POWER QUAD OPERATIONAL AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 4 page
background image
JAN. 2003 REV:00
copyright@wooseok s.tech corp. All rights reserved.
WSL324RZ/PZ
Input Voltage Range
Input/Output Differential Voltage(V)
4.0
8.0
10
14
18
0
4.0
8.0
12
5 6
Open -Loop Frequency
A
1.0
100
10
1K
10K
100K
f, Frequency(Hz)
-20
60
80
100
Large Signal Frequency Response
Small Signal Voltage Follower
Pulse Respnse(Noninverting)
Negative
Positive
0.0
4.0
10
12
1.0
10
100
1000
f,Frequency(KHz)
Input
200
300
400
500
550
0
2.0
4.0
6.0
8.0
Power Supply Current-Voltage
Input Bias current-Power Supply Volatge
0
0.6
1.2
0
5.0
10
20 25
30
90
80
70
VCC,Power Supply Voltage(V)
2.0
6.0
8.0
14
TYPICAL PERFORMANCE CHARACTERISTICS
0
1M
20
RL=2.0㏀
Vcc=15V
GND=0
Gain=100
RI=1.0㏀
RF=100㏀
Vcc=30V
GND=0
Ta=25℃
CL=50pF
output
t,Time(us)
Ta=25℃
RL=
15
35
1.8
2.4
3.0
VCC,Power Supply Voltage(V)
0
2.0
4.0
8.0
12
16
60
100
4




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LF444Quad Low Power JFET Input Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
UPC324LOW POWER QUAD OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreNEC
AU2902Low power quad operational amplifier 1 2 3 4 5 MoreNXP Semiconductors
LPC660Low Power CMOS Quad Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
IL324Low Power Quad Operational Amplifier 1 2 3 4 List of Unclassifed Manufacturers
IL2902Low Power Quad Operational Amplifier 1 2 3 4 5 Integral Corp.
TSH94HIGH SPEED LOW POWER QUAD OPERATIONAL AMPLIFIER WITH STANDBY POSITION 1 2 3 4 5 MoreSTMicroelectronics
LMC6024Low Power CMOS Quad Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
TSH95HIGH SPEED LOW POWER QUAD OPERATIONAL AMPLIFIER WITH DUAL STANDBY POSITION 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl