Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


WSL324RZ Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part No. WSL324RZ
Description  LOW POWER QUAD OPERATIONAL AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

   
 3 page
background image
JAN. 2003 REV:00
copyright@wooseok s.tech corp. All rights reserved.
WSL324RZ/PZ
ELECTRICAL CHARACTERISTICS
Characteristic
Symbol
Test condition
Min.
Typ.
Max.
Unit
Maximum Input Offset Voltage
VIO
VO=1.4V VCC=5.0~30V
RS=0Ω ,VICM=0V to VCC-1.7V
9.0
Input offset Voltage Drift
Δ
VIO/Δ T RS=0Ω ,VCC=30V
7.0
/℃
Maximum Input offset Current
IIO
VCC=5.0V
150
Input offset Current Drift
Δ
IIO/Δ T RS=0Ω ,VCC=30V
10
/℃
Maximum Input Bias current
IIB
VCC=5.0V
-500
Input Common Mode Voltage Range
VICR
VCC=30V
0
28
V
Maximum Power Supply Current
ICC
RL=∞ ,VCC=30V ,V0=0V
RL=∞ ,VCC=5V , V0=0V
3
1.2
Minimum Large Signal Open-Loop
Voltage Gain
AVOL
VCC=15V ,RL≥ 2㏀
15
V/㎷
Minimum Output High Level Voltage
Swing
VOH
VCC=30V ,RL=2㏀
VCC=30V ,RL=10㏀
26
27
V
Maximum Output low Level Voltage
Swing
VOL
VCC=5V ,RL=10㏀
20
Common Mode Rejection
CMR
VCC=30V ,Rs=10㏀
65*
dB
Power Supply Rejection
PSR
VCC=30V
65
dB
Channel Seperation
CS
f=1KHz to 20KHz,VCC=30V
-120*
dB
maximum Output Short Circuit to
GND
ISC
VCC=30V
60*
Minimum Output Source Current
ISOURCE
VIN+=1V ,VIN=0V
,VCC=15V,V0=0V
10
Minimum Output Sink Current
ISINK
VIN+=0V ,VIN-=1V, VCC=15V,
V0=15V
VIN+=0V ,VIN-=1V, VCC=15V,
V0=0.2V
5
12*
Differential Input Voltage Range
VIDR
All VIN≥ GND
or V-supply(If Used)
VCC*
V
TA=0~70℃
*=@ 25℃
3




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LF444Quad Low Power JFET Input Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
UPC324LOW POWER QUAD OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreNEC
AU2902Low power quad operational amplifier 1 2 3 4 5 MoreNXP Semiconductors
LPC660Low Power CMOS Quad Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
IL324Low Power Quad Operational Amplifier 1 2 3 4 List of Unclassifed Manufacturers
IL2902Low Power Quad Operational Amplifier 1 2 3 4 5 Integral Corp.
TSH94HIGH SPEED LOW POWER QUAD OPERATIONAL AMPLIFIER WITH STANDBY POSITION 1 2 3 4 5 MoreSTMicroelectronics
LMC6024Low Power CMOS Quad Operational Amplifier 1 2 3 4 5 MoreNational Semiconductor (TI)
TSH95HIGH SPEED LOW POWER QUAD OPERATIONAL AMPLIFIER WITH DUAL STANDBY POSITION 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl