JAN. 2003 REV:00
copyright@wooseok s.tech corp. All rights reserved.
WSL324RZ/PZ
Characteristic
Symbol
Value
Unit
Power Supply Voltages
Single Supply
Split Supplies
VCC
32
±
16
V
Input Differential Voltage Range(1)
VIDR
±
32
V
Input Common Mode Voltage Range
VICR
-0.3 to 32
V
Output Short Circuit Duration
ISC
Continuous
Junction Temperature(14DIP)
Tj
150
℃
Storage Temperature(14DIP)
Tstg
-55~125
℃
Input Current,per Pin(2)
IIN
50
mA
Lead Temperature,1mm from Case for 10sec.
TL
260
℃
ABSOLUTE MAXIMUM RATINGS*
* Maximum Ratings are those values beyond which damage to the device may occur.
Function operation should be restricted to the Recommended Operating Conditions.
□
derating :14DIP :-10mW/℃ from 65℃ to 125℃
8SOP :-7mW/℃ from 65℃ to 125℃
[NOTE]
(1)Split Power Supplies
(2)VIN<0.3V. This input current will only exist when voltage at any of the input leads is driven negative.
RECOMMENDED OPERATING CONDITIONS
Characteristic
Symbol
Min
Max
Unit
DC Supply Voltage
VCC
±
2.5 or 5.0
±
15 or 30
V
Operating Temperature (All Package Types)
TA
0
+70
℃
This device contains protection circuitry to guard against damage due to high static voltages or electric fields.
However,precautions must be taken to avoid applications of any voltage higher than maximum rated voltages
to this high-impedance circuit.For proper operation,VIN and VOUT should be constrained to the range
GND≤ (VIN and VOUT)≤ VCC.
Unused inputs must always be tied to an appropriate logic voltage level(e.g.,either GND or VCC ).
Unused outputs must be left open.
2