Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STTH16L06GG-TR Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH16L06GG-TR
Description  TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH16L06GG-TR Datasheet(HTML) 3 Page - STMicroelectronics

  STTH16L06GG-TR Datasheet HTML 1Page - STMicroelectronics STTH16L06GG-TR Datasheet HTML 2Page - STMicroelectronics STTH16L06GG-TR Datasheet HTML 3Page - STMicroelectronics STTH16L06GG-TR Datasheet HTML 4Page - STMicroelectronics STTH16L06GG-TR Datasheet HTML 5Page - STMicroelectronics STTH16L06GG-TR Datasheet HTML 6Page - STMicroelectronics STTH16L06GG-TR Datasheet HTML 7Page - STMicroelectronics STTH16L06GG-TR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
STTH16L06C
3/8
Figure 1: Conduction losses versus average
forward current (per diode)
Figure 2: Forward voltage drop versus forward
current (per diode)
Figure
3:
Relative
variation
of
thermal
impedance junction to case versus pulse
duration (TO-220AB & D2PAK)
Figure
4:
Relative
variation
of
thermal
impedance junction to case versus pulse
duration (TO-220FPAB)
Figure 5: Peak reverse recovery current versus
dIF/dt (typical values, per diode)
Figure 6: Reverse recovery time versus dIF/dt
(typical values, per diode)
0
5
10
15
024
68
10
P(W)
T
δ=tp/T
tp
δ = 0.05
δ = 1
I
(A)
F(AV)
δ = 0.1 δ = 0.2
δ = 0.5
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
I
(A)
FM
T =150°C
(typical values)
j
T =25°C
(maximum values)
j
T =150°C
(maximum values)
j
V
(V)
FM
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
Z/R
th(j-c)
th(j-c)
t (s)
p
Single pulse
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Z/R
th(j-c)
th(j-c)
t (s)
p
Single pulse
0
2
4
6
8
10
12
14
16
18
0
50
100
150
200
250
300
350
400
450
500
I
(A)
RM
dI /dt(A/µs)
F
I =2 x I
FF(AV)
I=I
FF(AV)
I =0.5 x I
FF(AV)
V =400V
T =125°C
R
j
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
350
400
450
500
t (ns)
rr
dI /dt(A/µs)
F
I=I
FF(AV)
I =0.5 x I
FF(AV)
V =400V
T =125°C
R
j
I =2 x I
F
F(AV)


Similar Part No. - STTH16L06GG-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH16L06C-Y STMICROELECTRONICS-STTH16L06C-Y Datasheet
188Kb / 9P
   Automotive turbo 2 ultrafast high voltage rectifier
December 2014 Rev 2
logo
Inchange Semiconductor ...
STTH16L06CFP ISC-STTH16L06CFP Datasheet
254Kb / 2P
   Ultra fast Rectifier
STTH16L06CG ISC-STTH16L06CG Datasheet
365Kb / 2P
   Ultra fast Rectifier
logo
STMicroelectronics
STTH16L06CTY STMICROELECTRONICS-STTH16L06CTY Datasheet
188Kb / 9P
   Automotive turbo 2 ultrafast high voltage rectifier
December 2014 Rev 2
More results

Similar Description - STTH16L06GG-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH60L06 STMICROELECTRONICS-STTH60L06 Datasheet
71Kb / 6P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH1L06 STMICROELECTRONICS-STTH1L06 Datasheet
81Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
STTH5R06D STMICROELECTRONICS-STTH5R06D Datasheet
135Kb / 8P
   TURBO 2 ULTRAFAST HIGH VOLTAGE RECTIFIER
October 2002 - Ed: 3B
STTH506 STMICROELECTRONICS-STTH506 Datasheet
128Kb / 9P
   Turbo 2 ultrafast - high voltage rectifier
STTH8R06 STMICROELECTRONICS-STTH8R06 Datasheet
173Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
STTH8S06 STMICROELECTRONICS-STTH8S06 Datasheet
100Kb / 8P
   Turbo 2 ultrafast high voltage rectifier
STTH8L06 STMICROELECTRONICS-STTH8L06_06 Datasheet
156Kb / 10P
   Turbo 2 ultrafast high voltage rectifier
STTH8006 STMICROELECTRONICS-STTH8006 Datasheet
88Kb / 6P
   Turbo 2 ultrafast high voltage rectifier
STTH8R06 STMICROELECTRONICS-STTH8R06_08 Datasheet
172Kb / 12P
   Turbo 2 ultrafast high voltage rectifier
STTH50W06S STMICROELECTRONICS-STTH50W06S Datasheet
87Kb / 8P
   Turbo 2 ultrafast high voltage rectifier
STTH6006W STMICROELECTRONICS-STTH6006W Datasheet
99Kb / 7P
   Turbo 2 ultrafast - high voltage rectifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com