Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC2D-PL2-DC48V Datasheet(PDF) 7 Page - Nais(Matsushita Electric Works)

Part # NC2D-PL2-DC48V
Description  FLAT/VERTICAL TYPE HIGH POWER BIFURCATED CONTACT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

NC2D-PL2-DC48V Datasheet(HTML) 7 Page - Nais(Matsushita Electric Works)

Back Button NC2D-PL2-DC48V Datasheet HTML 3Page - Nais(Matsushita Electric Works) NC2D-PL2-DC48V Datasheet HTML 4Page - Nais(Matsushita Electric Works) NC2D-PL2-DC48V Datasheet HTML 5Page - Nais(Matsushita Electric Works) NC2D-PL2-DC48V Datasheet HTML 6Page - Nais(Matsushita Electric Works) NC2D-PL2-DC48V Datasheet HTML 7Page - Nais(Matsushita Electric Works) NC2D-PL2-DC48V Datasheet HTML 8Page - Nais(Matsushita Electric Works) NC2D-PL2-DC48V Datasheet HTML 9Page - Nais(Matsushita Electric Works) NC2D-PL2-DC48V Datasheet HTML 10Page - Nais(Matsushita Electric Works) NC2D-PL2-DC48V Datasheet HTML 11Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NC
229
Schematic
— Energize relays only in the polarities shown —
1. Single side stable
Same operation as conventional magnetic relays.
Contacts will transfer only when coil is energized under indicated polarity.
2. 2 coil latching
Contacts will transfer only when coil is energized under indicated polarity.
Once transferred, contacts remain in that position even with power off until opposite coil is energized at indicated polarity.
2C
4C
2C
4C
2C
4C
Reset
Reset
set
set
set
set
Reset
Reset
Diagrams show the "set" position when
terminals 4 (–) and 5 (+) are energized.
When the coil current is switched off,
these contacts remain in "make" position.
Energize terminals 3 (–) and 6 (+) to
transfer the contacts.
Diagrams show the "reset" position when
terminals 3 (–) and 6 (+) are energized.
Energize terminals 4 (–) and 5 (+) to
transfer the contacts.
REFERENCE DATA
Standard type
1.-(1) Life curve
DC load (2C, 4C)
AC load (2C)
AC load (4C)
Contact carrying current, A
0.1
1.0
10
100
1,000
10,000
220 V DC resistive
110 V DC resistive
30 V DC resistive
Contact carrying current, A
100
10
0
1,000
5,000
1
234
5
250 V AC resistive
250 V AC inductive (pf=0.4)
Contact carrying current, A
100
10
0
1,000
5,000
125 V AC resistive
250 V AC resistive
125 V AC inductive (pf=0.4)
250 V AC inductive (pf=0.4)
12
3
4
5
2.-(1) Temperature rise characteristics for sin-
gle side stable
Measured portion: Inside the coil
20
30
40
50
60
70
80
0.4
0.6
0.8
1.0
1.2
1.4
1.6 1.8W
100 120 140 160
180
200
220%V
100 110 120 130 140 150%V
5 A
(Contact
carring
current)
3 A
(Contact
carring
current)
4C
2C
Operating
power
Coil voltage
2C : up to
48 V DC
2C : 100 V DC
4C : all types
)
)
(
(
5 A
(Contact
carring
current)
3 A
(Contact
carring
current)
2.-(2) Temperature rise characteristics for 2 coil
latching
Measured portion: Inside the coil
510
15
25
20
0
10
20
30
40
50
60
70
0 A (No. contact carring current)
0 A (No. contact carring current)
5 A (Max. contact carring current)
5 A (Max. contact carring current)
Energizing time, min.
4C
2C
deenergized coil
energized coil


Similar Part No. - NC2D-PL2-DC48V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NC2D-P-AC100V PANASONIC-NC2D-P-AC100V Datasheet
556Kb / 15P
   FLAT/VERTICAL TYPE HIGH POWER BIFURCATED CONTACT NC RELAYS
NC2D-P-AC12V PANASONIC-NC2D-P-AC12V Datasheet
556Kb / 15P
   FLAT/VERTICAL TYPE HIGH POWER BIFURCATED CONTACT NC RELAYS
NC2D-P-AC24V PANASONIC-NC2D-P-AC24V Datasheet
556Kb / 15P
   FLAT/VERTICAL TYPE HIGH POWER BIFURCATED CONTACT NC RELAYS
NC2D-P-AC48V PANASONIC-NC2D-P-AC48V Datasheet
556Kb / 15P
   FLAT/VERTICAL TYPE HIGH POWER BIFURCATED CONTACT NC RELAYS
NC2D-P-DC100V PANASONIC-NC2D-P-DC100V Datasheet
556Kb / 15P
   FLAT/VERTICAL TYPE HIGH POWER BIFURCATED CONTACT NC RELAYS
More results

Similar Description - NC2D-PL2-DC48V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NC2D-JP-DC3V PANASONIC-NC2D-JP-DC3V Datasheet
556Kb / 15P
   FLAT/VERTICAL TYPE HIGH POWER BIFURCATED CONTACT NC RELAYS
logo
Tyco Electronics
61668-2 MACOM-61668-2 Datasheet
70Kb / 1P
   CONTACT, BIFURCATED LEAF
logo
C&K Components
TDD CK-COMPONENTS-TDD Datasheet
166Kb / 2P
   Bifurcated contact for increased electrical reliability
logo
Molex Electronics Ltd.
08-50-0115 MOLEX11-08-50-0115 Datasheet
103Kb / 2P
   TERMINAL, DBL.CANTILEVER KK CRIMP TYPE BIFURCATED
logo
Nais(Matsushita Electri...
JV1APF-S-12V NAIS-JV1APF-S-12V Datasheet
63Kb / 4P
   FLAT TYPE POWER RELAY
logo
KOA Speer Electronics, ...
WK73 KOA-WK73 Datasheet
383Kb / 2P
   high power, wide terminal type flat chip resistors
WK732JTTE33L0F KOA-WK732JTTE33L0F Datasheet
248Kb / 2P
   high power, wide terminal type flat chip resistors
logo
Aries Electronics, Inc.
28-0501-31 ARIES-28-0501-31 Datasheet
228Kb / 2P
   Series 0501 Strip-line Sockets with Bifurcated Contact Wire Wrap Pins
logo
List of Unclassifed Man...
TPM150 ETC2-TPM150 Datasheet
1Mb / 2P
   Chassis Mounting Non-inductive Flat Type High Power resistors
TPL320 ETC-TPL320 Datasheet
612Kb / 1P
   Chassis Mounting Non-inductive Flat Type High Power resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com