Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTA143T Datasheet(PDF) 7 Page - ON Semiconductor

Part # DTA143T
Description  PNP SILICON BIAS RESISTOR TRANSISTOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTA143T Datasheet(HTML) 7 Page - ON Semiconductor

  DTA143T Datasheet HTML 1Page - ON Semiconductor DTA143T Datasheet HTML 2Page - ON Semiconductor DTA143T Datasheet HTML 3Page - ON Semiconductor DTA143T Datasheet HTML 4Page - ON Semiconductor DTA143T Datasheet HTML 5Page - ON Semiconductor DTA143T Datasheet HTML 6Page - ON Semiconductor DTA143T Datasheet HTML 7Page - ON Semiconductor DTA143T Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DTA114E SERIES
http://onsemi.com
7
TYPICAL ELECTRICAL CHARACTERISTICS
DTA114Y
35
Vin, INPUT VOLTAGE (VOLTS)
10
1
0.1
010
20
30
40
50
100
10
1
02
4
6
8
10
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
0
2
4
6
8
1015
202530
4045
50
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 17. VCE(sat) versus IC
IC, COLLECTOR CURRENT (mA)
0
20
406080
Figure 18. DC Current Gain
Figure 19. Output Capacitance
Figure 20. Output Current versus Input Voltage
Figure 21. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
1
0.1
0.01
0.001
f = 1 MHz
lE = 0 V
TA = 25°C
LOAD
+12 V
Figure 22. Inexpensive, Unregulated Current Source
Typical Application
for PNP BRTs
TA = –25°C
75
°C
25
°C
TA =75°C
25
°C
–25
°C
VO = 5 V
VO = 0.2 V
TA = –25°C
25
°C
75
°C
IC/IB =10
1
10
100
IC, COLLECTOR CURRENT (mA)
–25
°C
25
°C
TA =75°C
VCE = 10 V
180
160
140
120
100
80
60
40
20
0
2
4
6
8
1520 40 5060 708090


Similar Part No. - DTA143T

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA143T ROHM-DTA143T Datasheet
704Kb / 9P
   DIGITAL TRANSISTOR
DTA143T ROHM-DTA143T Datasheet
878Kb / 3P
   DTA/DTC SERIES
logo
Unisonic Technologies
DTA143T UTC-DTA143T Datasheet
49Kb / 3P
   DIGITAL TRANSISTORS (BUILT- IN BIAS RESISTORS)
DTA143T UTC-DTA143T Datasheet
149Kb / 3P
   DIGITAL TRANSISTORS
logo
Rohm
DTA143T ROHM-DTA143T Datasheet
516Kb / 10P
   PNP -100mA -50V Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - DTA143T

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN2111 WEITRON-MUN2111 Datasheet
271Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Guangdong Kexin Industr...
KMUN2114 KEXIN-KMUN2114 Datasheet
234Kb / 2P
   PNP Silicon Bias Resistor Transistor
logo
Weitron Technology
MUN5111 WEITRON-MUN5111 Datasheet
112Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1 Datasheet
188Kb / 12P
   PNP SILICON BIAS RESISTOR TRANSISTOR
November, 2001 ??Rev. 2
logo
Weitron Technology
MMUN2111 WEITRON-MMUN2111 Datasheet
138Kb / 6P
   Bias Resistor Transistor PNP Silicon
MUN2111 WEITRON-MUN2111_09 Datasheet
606Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Motorola, Inc
MUN2111T1 MOTOROLA-MUN2111T1 Datasheet
236Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
October, 2004 ??Rev. 7
logo
Motorola, Inc
MUN5111T1 MOTOROLA-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
DTA114EE WEITRON-DTA114EE Datasheet
799Kb / 13P
   Bias Resistor Transistor PNP Silicon
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com