Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC4D-DC12V Datasheet(PDF) 8 Page - Nais(Matsushita Electric Works)

Part # NC4D-DC12V
Description  FLAT/VERTICAL TYPE HIGH POWER BIFURCATED CONTACT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

NC4D-DC12V Datasheet(HTML) 8 Page - Nais(Matsushita Electric Works)

Back Button NC4D-DC12V Datasheet HTML 3Page - Nais(Matsushita Electric Works) NC4D-DC12V Datasheet HTML 4Page - Nais(Matsushita Electric Works) NC4D-DC12V Datasheet HTML 5Page - Nais(Matsushita Electric Works) NC4D-DC12V Datasheet HTML 6Page - Nais(Matsushita Electric Works) NC4D-DC12V Datasheet HTML 7Page - Nais(Matsushita Electric Works) NC4D-DC12V Datasheet HTML 8Page - Nais(Matsushita Electric Works) NC4D-DC12V Datasheet HTML 9Page - Nais(Matsushita Electric Works) NC4D-DC12V Datasheet HTML 10Page - Nais(Matsushita Electric Works) NC4D-DC12V Datasheet HTML 11Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
NC
230
3. Operate time for single side stable
4. Release time for single side stable
Coil applied voltage,%V
4
2
10
6
8
12
16
14
18
20
80
100
90
110
Min.
Max.
4c
2c
Min.
Max.
Coil applied voltage,%V
5
4
3
2
1
80
100
90
110
4c
2c
Max.
Min.
Max.
Min.
5. Rate of change of pick-up and drop-out voltage
2 Form C single side stable
4 Form C single side stable
100
–40 –20
0
20
40
60
80
80
90
110
120
Ambient temperature,
°C
Drop-out voltage
Pick-up voltage
100
–40 –20
0
20
40
60
80
80
90
110
120
Ambient temperature,
°C
Drop-out voltage
Pick-up voltage
6.-(1) Ambient temperature vs Max. continuous
voltage
Sample: NC2D-P-DC24 V (2c slim single side stable)
6.-(2) Ambient temperature vs Max. continuous
voltage
Sample: NC2D-P-DC110 V (2c slim single side sta-
ble), NC4D-P-DC24 V (4c slim single side stable)
100
150
200
250
Ambient temperature,
°C
40
50
60
70
0 A
(Contact
carring
current)
3 A
(Contact
carring
current)
5 A
(Contact
carring
current)
30
40
50
100
150
200
250
Ambient temperature,
°C
0 A (Contact
carring
current)
3 A (Contact
carring
current)
5 A (Contact
carring
current)


Similar Part No. - NC4D-DC12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NC4D-DC12V PANASONIC-NC4D-DC12V Datasheet
556Kb / 15P
   FLAT/VERTICAL TYPE HIGH POWER BIFURCATED CONTACT NC RELAYS
More results

Similar Description - NC4D-DC12V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NC2D-JP-DC3V PANASONIC-NC2D-JP-DC3V Datasheet
556Kb / 15P
   FLAT/VERTICAL TYPE HIGH POWER BIFURCATED CONTACT NC RELAYS
logo
Tyco Electronics
61668-2 MACOM-61668-2 Datasheet
70Kb / 1P
   CONTACT, BIFURCATED LEAF
logo
C&K Components
TDD CK-COMPONENTS-TDD Datasheet
166Kb / 2P
   Bifurcated contact for increased electrical reliability
logo
Molex Electronics Ltd.
08-50-0115 MOLEX11-08-50-0115 Datasheet
103Kb / 2P
   TERMINAL, DBL.CANTILEVER KK CRIMP TYPE BIFURCATED
logo
Nais(Matsushita Electri...
JV1APF-S-12V NAIS-JV1APF-S-12V Datasheet
63Kb / 4P
   FLAT TYPE POWER RELAY
logo
KOA Speer Electronics, ...
WK73 KOA-WK73 Datasheet
383Kb / 2P
   high power, wide terminal type flat chip resistors
WK732JTTE33L0F KOA-WK732JTTE33L0F Datasheet
248Kb / 2P
   high power, wide terminal type flat chip resistors
logo
Aries Electronics, Inc.
28-0501-31 ARIES-28-0501-31 Datasheet
228Kb / 2P
   Series 0501 Strip-line Sockets with Bifurcated Contact Wire Wrap Pins
logo
List of Unclassifed Man...
TPM150 ETC2-TPM150 Datasheet
1Mb / 2P
   Chassis Mounting Non-inductive Flat Type High Power resistors
TPL320 ETC-TPL320 Datasheet
612Kb / 1P
   Chassis Mounting Non-inductive Flat Type High Power resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com