Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-310VT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SML-310VT
Description  LEDs, Surface Mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SML-310VT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SML-310VT Datasheet HTML 1Page - List of Unclassifed Manufacturers SML-310VT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LEDs, Surface Mount
01945 47 47 47
sales@angliac.com
01945 47 48 49
www.angliac.com
OPTOELECTRONICS
459
CHIP - standard
Typ. Luminous
Case &
Peak
Intensity
Chip
Manf. Part No.
Viewing
Emitted
Lens
Wavelength
(IF = 20mA)
Height
&
Angle
Colour
Colour
nm
mcd
(H) mm
Order Code
NORMAL BRIGHTNESS
Red
water-clear
650
4
0.8
SML-310VT
Red
water-clear
660
10
0.8
SML-310LT
Orange
water-clear
610
6.3
0.8
SML-310DT
Yellow
water-clear
585
6.3
0.8
SML-310YT
Green
water-clear
570
16
0.8
SML-310MT
Green
white-diffused
570
16
0.55
SML-510MW
Green
white-diffused
570
16
0.4
SML-410MW
Pure-Green
water-clear
555
4
0.8
SML-310PT
HIGH BRIGHTNESS
Red
white-diffused
630
40
0.55
SML-511UW
Red
white-diffused
630
63
0.55
SML-512UW
Orange
white-diffused
611
40
0.55
SML-511DW
Orange
white-diffused
611
63
0.55
SML-512DW
Yellow
white-diffused
590
40
0.55
SML-511WW
Yellow
white-diffused
590
63
0.55
SML-512WW
Green
white-diffused
570
40
0.55
SML-512MW
Green
white-diffused
570
40
0.4
SML-412MW
Green*
water-clear
523
90
0.8
SML311EBT
Green*
water-clear
518
200
0.8
SML312ECT
Blue*
water-clear
428
3.6
0.8
SML310BAT
Blue*
water-clear
468
14
0.8
SML311BBT
Blue*
water-clear
468
63
0.8
SML312BCT
Dimensions (mm)
0603 Chip
1.6
0.8
1.0
H
1.0
0.8(SML-410/2MW)
CATHODE
1.2
Viewing angle 140°
*These LEDs are electrostatic sensitive devices. Observe precautions for handling
Typ. Luminous
Case &
Peak
Intensity
Chip
Manf. Part No.
Viewing
Emitted
Lens
Wavelength
(IF = 20mA)
Height
&
Angle
Colour
Colour
nm
mcd
(H) mm
Order Code
NORMAL BRIGHTNESS
Red
water-clear
650
4
0.8
SML-210VT
Red
water-clear
660
10
0.8
SML-210LT
Orange
water-clear
610
6.3
0.8
SML-210DT
Yellow
water-clear
585
6.3
0.8
SML-210YT
Green
water-clear
570
16
0.8
SML-210MT
Pure-Green
water-clear
555
4
0.8
SML-210PT
HIGH BRIGHTNESS
Red
water-clear
639
63
0.8
SML-212VT
Orange
water-clear
611
63
0.8
SML-212DT
Yellow
water-clear
591
63
0.8
SML-212YT
Viewing angle 140°
0805 Chip
2.0
CATHODE
0.8
0.25
1.2
1.25
1.4
Typ. Luminous
Case &
Peak
Intensity
Chip
Manf. Part No.
Viewing
Emitted
Lens
Wavelength
(IF = 20mA)
Height
&
Angle
Colour
Colour
nm
mcd
(H) mm
Order Code
NORMAL BRIGHTNESS
Green
water-clear
570
16
1.1
SML-810MT
HIGH BRIGHTNESS
Green
water-clear
570
40
1.1
SML-812MT
Viewing angle 140°
1305 Chip
Reverse Mounting
3.4
CATHODE
1.1
0.28
1.8
1.2
1.25
RESIST
Reverse mounting types, ideal for backlight applications
Dimensions (mm)
Dimensions (mm)
Packaging
TAPE : 8mm wide, 4mm pitch
REEL : 178mm dia.


Similar Part No. - SML-310VT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-310VT ROHM-SML-310VT Datasheet
418Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-310VT ROHM-SML-310VT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-310VT ROHM-SML-310VT Datasheet
424Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-310VT ROHM-SML-310VT Datasheet
424Kb / 3P
   Standard Type Mini-molded chip LEDs
SML-310VT ROHM-SML-310VT Datasheet
1Mb / 4P
   1608 standard size(1.6횞0.8mm, t=0.8mm)
More results

Similar Description - SML-310VT

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
7020X CML-7020X Datasheet
74Kb / 1P
   Surface Mount LEDs
logo
Visual Communications C...
7020X VCC-7020X Datasheet
651Kb / 1P
   Surface Mount LEDs
logo
Panasonic Semiconductor
LNJ319G9TRA PANASONIC-LNJ319G9TRA Datasheet
109Kb / 3P
   Surface Mount LEDs
logo
Agilent(Hewlett-Packard...
HSMB-C190 HP-HSMB-C190 Datasheet
208Kb / 8P
   Surface Mount Chip LEDs
logo
Unity Opto Technology
MSL-154B UOT-MSL-154B Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154HG UOT-MSL-154HG Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154SG UOT-MSL-154SG Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
MSL-154SO UOT-MSL-154SO Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154UYL UOT-MSL-154UYL Datasheet
33Kb / 2P
   Surface Mount Chip LEDs
MSL-154Y UOT-MSL-154Y Datasheet
34Kb / 2P
   Surface Mount Chip LEDs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com