Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HX6656-SRT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HX6656-SRT
Description  32K x 8 ROM-SOI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HX6656-SRT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HX6656-SRT Datasheet HTML 1Page - List of Unclassifed Manufacturers HX6656-SRT Datasheet HTML 2Page - List of Unclassifed Manufacturers HX6656-SRT Datasheet HTML 3Page - List of Unclassifed Manufacturers HX6656-SRT Datasheet HTML 4Page - List of Unclassifed Manufacturers HX6656-SRT Datasheet HTML 5Page - List of Unclassifed Manufacturers HX6656-SRT Datasheet HTML 6Page - List of Unclassifed Manufacturers HX6656-SRT Datasheet HTML 7Page - List of Unclassifed Manufacturers HX6656-SRT Datasheet HTML 8Page - List of Unclassifed Manufacturers HX6656-SRT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
GENERAL DESCRIPTION
The 32K x 8 Radiation Hardened ROM is a high perform-
ance 32,768 word x 8-bit read only memory with industry-
standard functionality. It is fabricated with Honeywell’s
radiation hardened technology, and is designed for use in
systems operating in radiation environments. The ROM
operates over the full military temperature range and re-
quires only a single 5 V
± 10% power supply. The ROM is
available with either TTL or CMOS compatible I/O. Power
consumption is typically less than 15 mW/MHz in operation,
and less than 5 mW when de-selected. The ROM operation
is fully asynchronous, with an associated typical access
time of 14 ns.
Honeywell’s enhanced SOI RICMOSIV (Radiation Insen-
sitive CMOS) technology is radiation hardened through the
use of advanced and proprietary design, layout, and pro-
cess hardening techniques. The RICMOSIV process is a
5-volt, SIMOX CMOS technology with a 150 Å gate oxide
and a minimum drawn feature size of 0.75
µm (0.6 µm
effective gate length—L
eff).
Additional features include
tungsten via plugs, Honeywell’s proprietary SHARP pla-
narization process, and a lightly doped drain (LDD) struc-
ture for improved short channel reliability.
RADIATION
Fabricated with RICMOSIV Silicon on Insulator
(SOI) 0.75
µm Process (L
eff = 0.6 µm)
Total Dose Hardness through 1x106 rad(SiO
2)
Dynamic and Static Transient Upset
Hardness through 1x109 rad(Si)/s
Dose Rate Survivability through 1x1011 rad(Si)/s
Neutron Hardness through 1x1014 cm-2
SEU Immune
Latchup Free
32K x 8 ROM—SOI
HX6656
OTHER
• Read Cycle Times
< 17 ns (Typical)
≤ 25 ns (-55 to 125°C)
• Typical Operating Power <15 mW/MHz
• Asynchronous Operation
• CMOS or TTL Compatible I/O
• Single 5 V
± 10% Power Supply
• Packaging Options
- 28-Lead Flat Pack (0.500 in. x 0.720 in.)
- 28-Lead DIP, MIL-STD-1835, CDIP2-T28
- 36-Lead Flat Pack (0.630 in. x 0.650 in.)
Military & Space Products
FEATURES


Similar Part No. - HX6656-SRT

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HX6001 HBH-HX6001 Datasheet
20Kb / 1P
   15-21 GHz Active Harmonic Mixer
logo
Pulse A Technitrol Comp...
HX6062FNL PULSE-HX6062FNL Datasheet
477Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6062NL PULSE-HX6062NL Datasheet
328Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6080FNL PULSE-HX6080FNL Datasheet
500Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
HX6080NL PULSE-HX6080NL Datasheet
343Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
More results

Similar Description - HX6656-SRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX6356 ETC1-HX6356 Datasheet
145Kb / 12P
   32K x 8 STATIC RAM-SOI
logo
Honeywell Solid State E...
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
logo
List of Unclassifed Man...
HM23C256A ETC1-HM23C256A Datasheet
74Kb / 1P
   32K x 8 MASK ROM
logo
Everspin Technologies I...
MR256A08B EVERSPIN-MR256A08B Datasheet
1Mb / 24P
   32K x 8 MRAM
Rev. 6.5 3/2018
logo
List of Unclassifed Man...
HLX6228 ETC-HLX6228 Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
logo
Honeywell Solid State E...
HX6228 HONEYWELL-HX6228 Datasheet
153Kb / 12P
   128K x 8 STATIC RAM-SOI HX6228
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
logo
List of Unclassifed Man...
U637256 ETC1-U637256 Datasheet
146Kb / 14P
   CapStore 32K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com