Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCA-50LH+ Datasheet(PDF) 1 Page - Mini-Circuits

Part # MCA-50LH+
Description  Ceramic Frequency Mixer wide band Level 10 (LO Power 10 dBm) 1000 to 5000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MCA-50LH+ Datasheet(HTML) 1 Page - Mini-Circuits

  MCA-50LH+ Datasheet HTML 1Page - Mini-Circuits MCA-50LH+ Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CASE STYLE: DZ883
PRICE: $ 8.95 ea. QTY (10-49)
Features
Applications
• wide bandwidth, 1000 to 5000 MHz
• good L-R isolation, 25 dB typ.;
L-I isolation, 30 dB typ.
• small size 0.25"x0.3"x0.2"
• triple balanced mixer
• protected under U.S. Patent 6,917,796
Mixer Electrical Specifications (TAMB=-55°C to 100°C)
1dB Compr.: +6 dBm typ.
E= [IP3(dBm)-LO Power(dBm)]/10
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
Max.
CONVERSION LOSS
(dB)
_
x
FREQUENCY
(MHz)
IF
LO/RF
f
L- fU
σσσσσ
IP3@
center
band
Typ.
(dBm)
Typ. Min.
E
FACTOR
MCA-50LH
1000-5000
10-1500
7.3
0.2
9.9
1000-1400
10-400
6.8
0.1
8.5
20
11
32
25
17
0.7
1400-2000
10-600
6.6
0.1
7.7
25
20
32
25
17
0.7
2000-2600
10-600
7.8
0.2
9.9
25
18
30
24
18
0.8
2600-4500
10-1500
7.8
0.1
8.6
35
20
25
15
15
0.5
4500-5000
50-500
8.0
0.2
9.9
35
22
25
15
16
0.6
Typ. Min.
MODEL
NO.
• PCN
• satellite
• line of sight links
• see individual band specs.
Pin Connections
LO
10
RF
5
IF
3
GROUND
1,2,4,6,7,8,9
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
See our web site for RoHS Compliance methodologies and
qualifications.
MCA-50LH+
MCA-50LH
Outline Dimensions (
)
inch
mm
Outline Drawing
Demo Board MCL P/N: TB-144
Suggested PCB Layout (PL-045)
A
B
CDE
F
G
H
J
K
L
M
wt
.30
.250
.190
.274
.050
.050
.012
.057
.004
.085
.296
.030
grams
7.62
6.35
4.83
6.96
1.27
1.27
0.30
1.45
0.10
2.16
7.52
0.76
0.50
electrical schematic
LO
IF
RF
Level 10 (LO Power +10 dBm) 1000 to 5000 MHz
Frequency Mixer WIDEBAND
Ceramic
REV. D
M85169
ED-9595A/2
MCA-50LH
DJ/TD/CP
050914
Page 1 of 2
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified


Similar Part No. - MCA-50LH+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MCA-50LH++ MINI-MCA-50LH+ Datasheet
247Kb / 1P
   FREQUENCY MIXERS
More results

Similar Description - MCA-50LH+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
MCA1-60LH MINI-MCA1-60LH Datasheet
166Kb / 2P
   Frequency Mixer WIDE BAND - Level 10 (LO Power 10 dBm) 1700 to 6000 MHz
logo
List of Unclassifed Man...
ADEX-10L ETC-ADEX-10L Datasheet
61Kb / 1P
   Frequency Mixer Level 4 (LO Power 4 dBm) 10 to 1000 MHz
logo
Mini-Circuits
ADEX-R10LH MINI-ADEX-R10LH Datasheet
225Kb / 2P
   High Reliability Mixer Level 10 (LO Power 10 dBm) 10 to 1000 MHz
TUF-R2LHSM MINI-TUF-R2LHSM Datasheet
259Kb / 2P
   High Reliability Mixer Level 10 (LO Power 10 dBm) 50 to 1000 MHz
ADE-R901LH MINI-ADE-R901LH Datasheet
229Kb / 2P
   High Reliability Mixer Level 10 (LO Power 10 dBm) 300 to 1000 MHz
ADE-R5LH MINI-ADE-R5LH Datasheet
229Kb / 2P
   High Reliability Mixer Level 10 (LO Power 10 dBm) 10 to 1500 MHz
CY7C1520KV18 MINI-CY7C1520KV18 Datasheet
261Kb / 2P
   Frequency Mixer wide band Level 7 (LO Power 7 dBm) 3700 to 10000 MHz
SCM-2++ MINI-SCM-2+ Datasheet
196Kb / 2P
   Frequency Mixer Level 7 (LO Power 7 dBm) 5 to 1000 MHz
ADE-R1LH MINI-ADE-R1LH Datasheet
225Kb / 2P
   High Reliability Mixer Level 10 (LO Power 10 dBm) 1 to 500 MHz
ADE-R6LH MINI-ADE-R6LH Datasheet
232Kb / 2P
   High Reliability Mixer Level 10 (LO Power 10 dBm) 0.2 to 250 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com