Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M28C16-200N1T Datasheet(PDF) 11 Page - STMicroelectronics

Part # M28C16-200N1T
Description  16K (2K x 8) LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28C16-200N1T Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M28C16-200N1T Datasheet HTML 7Page - STMicroelectronics M28C16-200N1T Datasheet HTML 8Page - STMicroelectronics M28C16-200N1T Datasheet HTML 9Page - STMicroelectronics M28C16-200N1T Datasheet HTML 10Page - STMicroelectronics M28C16-200N1T Datasheet HTML 11Page - STMicroelectronics M28C16-200N1T Datasheet HTML 12Page - STMicroelectronics M28C16-200N1T Datasheet HTML 13Page - STMicroelectronics M28C16-200N1T Datasheet HTML 14Page - STMicroelectronics M28C16-200N1T Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AI01516
A0-A10
E
G
DQ7
W
DQ7
DQ7
DQ7
DQ7
DQ7
READY
LAST WRITE
INTERNAL WRITE SEQUENCE
Address of the last byte of the Page Write instruction
Figure 14. Data Polling Waveform Sequence
AI01517
A0-A10
E
G
DQ6
W
READY
LAST WRITE
INTERNAL WRITE SEQUENCE
(1)
TOGGLE
Figure 15. Toggle Bit Waveform Sequence
Note: 1. First Toggle bit is forced to ’0’
11/17
M28LV16


Similar Part No. - M28C16-200N1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C16-20BS6 STMICROELECTRONICS-M28C16-20BS6 Datasheet
134Kb / 19P
   16 Kbit 2Kb x8 Parallel EEPROM
M28C16-20KA6 STMICROELECTRONICS-M28C16-20KA6 Datasheet
134Kb / 19P
   16 Kbit 2Kb x8 Parallel EEPROM
M28C16-20MS6 STMICROELECTRONICS-M28C16-20MS6 Datasheet
134Kb / 19P
   16 Kbit 2Kb x8 Parallel EEPROM
M28C16-20NS6 STMICROELECTRONICS-M28C16-20NS6 Datasheet
134Kb / 19P
   16 Kbit 2Kb x8 Parallel EEPROM
M28C16-20WBS6 STMICROELECTRONICS-M28C16-20WBS6 Datasheet
134Kb / 19P
   16 Kbit 2Kb x8 Parallel EEPROM
More results

Similar Description - M28C16-200N1T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M28C16 STMICROELECTRONICS-M28C16 Datasheet
129Kb / 18P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C17 STMICROELECTRONICS-M28C17 Datasheet
165Kb / 17P
   16K 2K x 8 PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C16B STMICROELECTRONICS-M28C16B Datasheet
131Kb / 17P
   16 Kbit 2K x 8 Parallel EEPROM With Software Data Protection
M28LV64 STMICROELECTRONICS-M28LV64 Datasheet
127Kb / 18P
   64K 8K x 8 LOW VOLTAGE PARALLEL EEPROM with SOFTWARE DATA PROTECTION
M28C64 STMICROELECTRONICS-M28C64 Datasheet
153Kb / 24P
   64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
M28010 STMICROELECTRONICS-M28010 Datasheet
150Kb / 23P
   1 Mbit 128K x 8 Parallel EEPROM With Software Data Protection
logo
Microchip Technology
28C16A MICROCHIP-28C16A Datasheet
64Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
28C16A MICROCHIP-28C16A_04 Datasheet
125Kb / 10P
   16K (2K x 8) CMOS EEPROM
2004
28C17A MICROCHIP-28C17A Datasheet
67Kb / 8P
   16K (2K x 8) CMOS EEPROM
1996
logo
Renesas Technology Corp
X4163 RENESAS-X4163 Datasheet
880Kb / 22P
   16K, 2K x 8 Bit CPU Supervisor with 16K EEPROM
November 26, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com