Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HX6356PSFT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HX6356PSFT
Description  32K x 8 STATIC RAM-SOI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HX6356PSFT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HX6356PSFT Datasheet HTML 1Page - List of Unclassifed Manufacturers HX6356PSFT Datasheet HTML 2Page - List of Unclassifed Manufacturers HX6356PSFT Datasheet HTML 3Page - List of Unclassifed Manufacturers HX6356PSFT Datasheet HTML 4Page - List of Unclassifed Manufacturers HX6356PSFT Datasheet HTML 5Page - List of Unclassifed Manufacturers HX6356PSFT Datasheet HTML 6Page - List of Unclassifed Manufacturers HX6356PSFT Datasheet HTML 7Page - List of Unclassifed Manufacturers HX6356PSFT Datasheet HTML 8Page - List of Unclassifed Manufacturers HX6356PSFT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
HX6356
Total Dose
≥1x106
rad(SiO
2)
Transient Dose Rate Upset
≥1x1011
rad(Si)/s
Transient Dose Rate Survivability
≥1x1012
rad(Si)/s
Soft Error Rate
<1x10-10
upsets/bit-day
Neutron Fluence
≥1x1014
N/cm2
Parameter
Limits (2)
Test Conditions
RADIATION HARDNESS RATINGS (1)
Units
TA=25
°C
Total Ionizing Radiation Dose
The SRAM will meet all stated functional and electrical
specifications over the entire operating temperature range
after the specified total ionizing radiation dose. All electrical
and timing performance parameters will remain within
specifications after rebound at VDD = 5.5 V and T =125
°C
extrapolated to ten years of operation. Total dose hardness
is assured by wafer level testing of process monitor transis-
tors and RAM product using 10 keV X-ray and Co60
radiation sources. Transistor gate threshold shift correla-
tions have been made between 10 keV X-rays applied at a
dose rate of 1x105 rad(SiO
2)/min at T = 25°C and gamma
rays (Cobalt 60 source) to ensure that wafer level X-ray
testing is consistent with standard military radiation test
environments.
Transient Pulse Ionizing Radiation
The SRAM is capable of writing, reading, and retaining
stored data during and after exposure to a transient
ionizing radiation pulse up to the transient dose rate upset
specification, when applied under recommended operat-
ing conditions. To ensure validity of all specified perfor-
mance parameters before, during, and after radiation
(timing degradation during transient pulse radiation (tim-
ing degradation during transient pulse radiation is
≤10%),
it is suggested that stiffening capacitance be placed on or
near the package VDD and VSS, with a maximum induc-
tance between the package (chip) and stiffening capaci-
tance of 0.7 nH per part. If there are no operate-through
or valid stored data requirements, typical circuit board
mounted de-coupling capacitors are recommended.
(1) Device will not latch up due to any of the specified radiation exposure conditions.
(2) Operating conditions (unless otherwise specified): VDD=4.5 V to 5.5 V, -55
°C to 125°C.
1 MeV equivalent energy,
Unbiased, TA=25
°C
TA=125
°C, Adams 90%
worst case environment
Pulse width
≤50 ns, X-ray,
VDD=6.0 V, TA=25
°C
Pulse width
≤1 µs
The SRAM will meet any functional or electrical specifica-
tion after exposure to a radiation pulse up to the transient
dose rate survivability specification, when applied under
recommended operating conditions. Note that the current
conducted during the pulse by the RAM inputs, outputs,
and power supply may significantly exceed the normal
operating levels. The application design must accommo-
date these effects.
Neutron Radiation
The SRAM will meet any functional or timing specification
after exposure to the specified neutron fluence under
recommended operating or storage conditions. This as-
sumes an equivalent neutron energy of 1 MeV.
Soft Error Rate
The SRAM has an extremely low Soft Error Rate (SER) as
specified in the table below. This hardness level is defined
by the Adams 90% worst case cosmic ray environment.
The low SER is achieved by the use of a unique 7-transistor
memory cell and the oxide isolation of the SOI substrate.
Latchup
The SRAM will not latch up due to any of the above radiation
exposure conditions when applied under recommended
operating conditions. Fabrication with the SIMOX substrate
material provides oxide isolation between adjacent PMOS
and NMOS transistors and eliminates any potential SCR
latchup structures. Sufficient transistor body tie connec-
tions to the p- and n-channel substrates are made to ensure
no source/drain snapback occurs.
RADIATION CHARACTERISTICS


Similar Part No. - HX6356PSFT

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HX6001 HBH-HX6001 Datasheet
20Kb / 1P
   15-21 GHz Active Harmonic Mixer
logo
Pulse A Technitrol Comp...
HX6062FNL PULSE-HX6062FNL Datasheet
477Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6062NL PULSE-HX6062NL Datasheet
328Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6080FNL PULSE-HX6080FNL Datasheet
500Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
HX6080NL PULSE-HX6080NL Datasheet
343Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
More results

Similar Description - HX6356PSFT

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com