Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C106MG Datasheet(PDF) 6 Page - ON Semiconductor

Part # C106MG
Description  Sensitive Gate Silicon Controlled Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

C106MG Datasheet(HTML) 6 Page - ON Semiconductor

  C106MG Datasheet HTML 1Page - ON Semiconductor C106MG Datasheet HTML 2Page - ON Semiconductor C106MG Datasheet HTML 3Page - ON Semiconductor C106MG Datasheet HTML 4Page - ON Semiconductor C106MG Datasheet HTML 5Page - ON Semiconductor C106MG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
C106 Series
http://onsemi.com
6
PACKAGE DIMENSIONS
TO−225
CASE 77−09
ISSUE Z
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 077−01 THRU −08 OBSOLETE, NEW STANDARD
077−09.
STYLE 2:
PIN 1. CATHODE
2. ANODE
3. GATE
−B−
−A−
M
K
F
C
Q
H
V
G
S
D
J
R
U
13
2
2 PL
M
A
M
0.25 (0.010)
B M
M
A
M
0.25 (0.010)
B M
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.425
0.435
10.80
11.04
B
0.295
0.305
7.50
7.74
C
0.095
0.105
2.42
2.66
D
0.020
0.026
0.51
0.66
F
0.115
0.130
2.93
3.30
G
0.094 BSC
2.39 BSC
H
0.050
0.095
1.27
2.41
J
0.015
0.025
0.39
0.63
K
0.575
0.655
14.61
16.63
M
5 TYP
5 TYP
Q
0.148
0.158
3.76
4.01
R
0.045
0.065
1.15
1.65
S
0.025
0.035
0.64
0.88
U
0.145
0.155
3.69
3.93
V
0.040
−−−
1.02
−−−
__
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
C106/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Similar Part No. - C106MG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
C106M MOTOROLA-C106M Datasheet
98Kb / 4P
   SCRs 4 AMPERES RMS 50 thru 600 VOLTS
logo
GE Solid State
C106M GESS-C106M Datasheet
37Kb / 1P
   4-A Sensitive-Gate Silicon Controlled Rectifiers
logo
Tiger Electronic Co.,Lt...
C106M TGS-C106M Datasheet
57Kb / 1P
   Thyristors logic level
logo
Central Semiconductor C...
C106M CENTRAL-C106M Datasheet
82Kb / 2P
   4.0A SENSITIVE GATE SILICON CONTROLLED RECTIFIER 200 THRU 600 VOLTS
logo
Apollo Electron Co., Lt...
C106M APOLLOELECTRON-C106M Datasheet
2Mb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
More results

Similar Description - C106MG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5061RLR ONSEMI-2N5061RLR Datasheet
70Kb / 8P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2005 ??Rev. 7
logo
SemiWell Semiconductor
MCK100-8 SEMIWELL-MCK100-8 Datasheet
568Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
MCR22-8 SEMIWELL-MCR22-8 Datasheet
569Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
SCN2C60 SEMIWELL-SCN2C60 Datasheet
623Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
YENYO TECHNOLOGY Co., L...
MCR100 YENYO-MCR100 Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
MCR100-8A YENYO-MCR100-8A Datasheet
150Kb / 4P
   Sensitive Gate / Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR12DSN-1G ONSEMI-MCR12DSN-1G Datasheet
126Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
June, 2013 ??Rev. 7
logo
Shenzhen Winsemi Microe...
WCD6C60S WINSEMI-WCD6C60S Datasheet
408Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
Apollo Electron Co., Lt...
CD6C60S APOLLOELECTRON-CD6C60S Datasheet
594Kb / 5P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
NYC008-6JG-D ONSEMI-NYC008-6JG-D Datasheet
147Kb / 7P
   Sensitive Gate Silicon Controlled Rectifiers
January, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com