Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTST-C930CKT Datasheet(PDF) 3 Page - Lite-On Technology Corporation

Part # LTST-C930CKT
Description  Compatible with infrared and vapor phase reflow solder process
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTST-C930CKT Datasheet(HTML) 3 Page - Lite-On Technology Corporation

  LTST-C930CKT Datasheet HTML 1Page - Lite-On Technology Corporation LTST-C930CKT Datasheet HTML 2Page - Lite-On Technology Corporation LTST-C930CKT Datasheet HTML 3Page - Lite-On Technology Corporation LTST-C930CKT Datasheet HTML 4Page - Lite-On Technology Corporation LTST-C930CKT Datasheet HTML 5Page - Lite-On Technology Corporation LTST-C930CKT Datasheet HTML 6Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
         
               
"      #$       !



 
"5 
%

6
#5 67
3
#
%%7  -
73

#
6 0

7+:
 
3&//
","

"0
/
 "+/6!
' *; 2/
'

66

9 %
<' *+/!
(   2/


61

 
)  = 8


"

+& 3 /
3+

1
"#
3
7+:"
2%
7


3:03
 )  



'+
3+:
 8:9=>
 %%  - %&  /  8 ?   ))@ 
7;-)%2
" ," 88 @ / &   %%  - 8  @ %%  -
   & 2/ . 28 7;   - /  ) 
/& 2/ &  8 8 2
  %'&#"#()*+,#
'*.
/%"(0$(-*-1!2


Similar Part No. - LTST-C930CKT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C930CBKT LITEON-LTST-C930CBKT Datasheet
328Kb / 6P
   Dome lens Chip LED
More results

Similar Description - LTST-C930CKT

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C230KSKT LITEON-LTST-C230KSKT Datasheet
642Kb / 11P
   Compatible with Infrared and Vapor phase reflow solder process
logo
Everlight Electronics C...
HIR67-21C-L11-TR8 EVERLIGHT-HIR67-21C-L11-TR8_15 Datasheet
224Kb / 7P
   Compatible with infrared and vapor phase reflow solder process
logo
Grayhill, Inc
76HPSB02GWRTRT GRAYHILL-76HPSB02GWRTRT Datasheet
225Kb / 1P
   Compatible with SMT Assembly Including Infrared Reflow and Vapor-Phase
78HJ01GWT GRAYHILL-78HJ01GWT Datasheet
238Kb / 1P
   Compatible with SMT Assembly Including Infrared Reflow and Vapor-Phase
76HPSB10GWT GRAYHILL-76HPSB10GWT Datasheet
225Kb / 1P
   Compatible with SMT Assembly Including Infrared Reflow and Vapor-Phase
logo
P-tec Corporation
PL00134-WCRB1811 P-TEC-PL00134-WCRB1811 Datasheet
1Mb / 9P
   Compatible with reflow solder process
PL00134-WCBY1106 P-TEC-PL00134-WCBY1106 Datasheet
1Mb / 9P
   Compatible with reflow solder process
PL00134-WCRG0817 P-TEC-PL00134-WCRG0817 Datasheet
1Mb / 9P
   Compatible with reflow solder process
PL00134-WCRY1806 P-TEC-PL00134-WCRY1806 Datasheet
1Mb / 9P
   Compatible with reflow solder process
PL00134-WCRG1825 P-TEC-PL00134-WCRG1825 Datasheet
1Mb / 9P
   Compatible with reflow solder process
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com