Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTP18N06L Datasheet(PDF) 11 Page - ON Semiconductor

Part # NTP18N06L
Description  Power MOSFET 15 Amps, 60 Volts, Logic Level (N?묬hannel TO??20 and DPAK)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP18N06L Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NTP18N06L Datasheet HTML 4Page - ON Semiconductor NTP18N06L Datasheet HTML 5Page - ON Semiconductor NTP18N06L Datasheet HTML 6Page - ON Semiconductor NTP18N06L Datasheet HTML 7Page - ON Semiconductor NTP18N06L Datasheet HTML 8Page - ON Semiconductor NTP18N06L Datasheet HTML 9Page - ON Semiconductor NTP18N06L Datasheet HTML 10Page - ON Semiconductor NTP18N06L Datasheet HTML 11Page - ON Semiconductor NTP18N06L Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NTP18N06L, NTB18N06L
http://onsemi.com
11
PACKAGE DIMENSIONS
TO−220
CASE 221A−09
ISSUE AA
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.405
9.66
10.28
C
0.160
0.190
4.07
4.82
D
0.025
0.035
0.64
0.88
F
0.142
0.147
3.61
3.73
G
0.095
0.105
2.42
2.66
H
0.110
0.155
2.80
3.93
J
0.018
0.025
0.46
0.64
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.045
0.055
1.15
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
−−−
1.15
−−−
Z
−−−
0.080
−−−
2.04
B
Q
H
Z
L
V
G
N
A
K
F
12 3
4
D
SEATING
PLANE
−T−
C
S
T
U
R
J
STYLE 5:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN


Similar Part No. - NTP18N06L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP18N06L ONSEMI-NTP18N06L Datasheet
91Kb / 8P
   Power MOSFET 15 Amps, 60 Volts, Logic Level
August, 2005 ??Rev. 4
logo
VBsemi Electronics Co.,...
NTP18N06L VBSEMI-NTP18N06L Datasheet
1Mb / 8P
   N-Channel 60 V(D-S) MOSFET
logo
ON Semiconductor
NTP18N06LG ONSEMI-NTP18N06LG Datasheet
91Kb / 8P
   Power MOSFET 15 Amps, 60 Volts, Logic Level
August, 2005 ??Rev. 4
More results

Similar Description - NTP18N06L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD20N06LT4G ONSEMI-NTD20N06LT4G Datasheet
128Kb / 8P
   Power MOSFET 20 Amps, 60 Volts Logic Level, N?묬hannel DPAK
October, 2011 ??Rev. 3
MTD20N06HDL ONSEMI-MTD20N06HDL Datasheet
227Kb / 8P
   Power MOSFET 20 Amps, 60 Volts, Logic Level N?묬hannel DPAK
August, 2006 ??Rev. 6
NTD24N06L ONSEMI-NTD24N06L Datasheet
87Kb / 8P
   Power MOSFET 24 Amps, 60 Volts Logic Level, N?묬hannel DPAK
August, 2005 ??Rev. 2
NTD3055L170 ONSEMI-NTD3055L170 Datasheet
93Kb / 8P
   9.0 Amps, 60 Volts, Logic Level, N?묬hannel DPAK
August, 2004 ??Rev. 3
NTD3055L104-001 ONSEMI-NTD3055L104-001 Datasheet
126Kb / 8P
   12 Amps, 60 Volts, Logic Level N?묬hannel DPAK
June, 2008 ??Rev. 6
NTP60N06L ONSEMI-NTP60N06L Datasheet
94Kb / 8P
   Power MOSFET 60 Amps, 60 Volts, Logic Level N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 3
NTDV20N06T4G ONSEMI-NTDV20N06T4G Datasheet
162Kb / 7P
   Power MOSFET 20 Amps, 60 Volts, N?묬hannel DPAK
August, 2011 ??Rev. 8
NTD20N06-001 ONSEMI-NTD20N06-001 Datasheet
162Kb / 7P
   Power MOSFET 20 Amps, 60 Volts, N?묬hannel DPAK
August, 2011 ??Rev. 8
MTD20N06HD ONSEMI-MTD20N06HD Datasheet
293Kb / 11P
   Power MOSFET 20 Amps, 60 Volts N?묬hannel DPAK
August, 2006 ??Rev. 5
NTP45N06LG ONSEMI-NTP45N06LG Datasheet
86Kb / 8P
   Power MOSFET 45 Amps, 60 Volts Logic Level, N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com