Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HX6656RBNC Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # HX6656RBNC
Description  32K x 8 ROM-SOI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HX6656RBNC Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button HX6656RBNC Datasheet HTML 4Page - List of Unclassifed Manufacturers HX6656RBNC Datasheet HTML 5Page - List of Unclassifed Manufacturers HX6656RBNC Datasheet HTML 6Page - List of Unclassifed Manufacturers HX6656RBNC Datasheet HTML 7Page - List of Unclassifed Manufacturers HX6656RBNC Datasheet HTML 8Page - List of Unclassifed Manufacturers HX6656RBNC Datasheet HTML 9Page - List of Unclassifed Manufacturers HX6656RBNC Datasheet HTML 10Page - List of Unclassifed Manufacturers HX6656RBNC Datasheet HTML 11Page - List of Unclassifed Manufacturers HX6656RBNC Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
HX6656
10
E
1
e
b
(width)
(pitch)
L
TOP
VIEW
U
W
X
Y
Capacitor
Pads
[1] BSC – Basic lead spacing between centers
[2] Where lead is brazed to package
[3] Parts delivered with leads unformed
[4] Lid connected to VSS
A
b
C
D
e
E
E2
E3
F
G
L
Q
S
U
W
X
Y
0.105
± 0.015
0.017
± 0.002
0.003 to 0.006
0.720
± 0.008
0.050
± 0.005 [1]
0.500
± 0.007
0.380
± 0.008
0.060 ref
0.650
± 0.005 [2]
0.035
± 0.004
0.295 min [3]
0.026 to 0.045
0.045
± 0.010
0.130 ref
0.050 ref
0.075 ref
0.010 ref
All dimensions in inches
1
A
Lead
Alloy 42 [3]
Ceramic
Body
C
E2
G
Q
Kovar
Lid [4]
E3
BOTTOM
VIEW
S
Index
28-LEAD FLAT PACK (22017842-001)
For 28-Lead DIP description, see MIL-STD-1835, Type CDIP2-T28, Config. C, Dimensions D-10
28-LEAD DIP (22017785-001)


Similar Part No. - HX6656RBNC

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HX6001 HBH-HX6001 Datasheet
20Kb / 1P
   15-21 GHz Active Harmonic Mixer
logo
Pulse A Technitrol Comp...
HX6062FNL PULSE-HX6062FNL Datasheet
477Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6062NL PULSE-HX6062NL Datasheet
328Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6080FNL PULSE-HX6080FNL Datasheet
500Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
HX6080NL PULSE-HX6080NL Datasheet
343Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
More results

Similar Description - HX6656RBNC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX6356 ETC1-HX6356 Datasheet
145Kb / 12P
   32K x 8 STATIC RAM-SOI
logo
Honeywell Solid State E...
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
logo
List of Unclassifed Man...
HM23C256A ETC1-HM23C256A Datasheet
74Kb / 1P
   32K x 8 MASK ROM
logo
Everspin Technologies I...
MR256A08B EVERSPIN-MR256A08B Datasheet
1Mb / 24P
   32K x 8 MRAM
Rev. 6.5 3/2018
logo
List of Unclassifed Man...
HLX6228 ETC-HLX6228 Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
logo
Honeywell Solid State E...
HX6228 HONEYWELL-HX6228 Datasheet
153Kb / 12P
   128K x 8 STATIC RAM-SOI HX6228
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
logo
List of Unclassifed Man...
U637256 ETC1-U637256 Datasheet
146Kb / 14P
   CapStore 32K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com