Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S12DP512VPV Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MC9S12DP512VPV
Description  Microcontroller Unit (MCU)
Download  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S12DP512VPV Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MC9S12DP512VPV Datasheet HTML 1Page - Freescale Semiconductor, Inc MC9S12DP512VPV Datasheet HTML 2Page - Freescale Semiconductor, Inc MC9S12DP512VPV Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S12DP512VPV Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S12DP512VPV Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S12DP512VPV Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S12DP512VPV Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S12DP512VPV Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S12DP512VPV Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 124 page
background image
MC9S12DP512 Device Guide V01.23
3
V01.06
24 Jul
2002
24 Jul
2002
- Updated SPI electrical characteristics.
- Updated Derivative Differences table.
- Added ordering number example.
- Added Detailed Register Map.
- Changed Internal Pull Resistor column of signal table.
- Added pull device description for MODC pin.
- Corrected XCLKS figure titles. Moved table to section Modes of
Operation.
- Removed ’1/2’ from BDM in Figure Clock Connections.
- Completely reworked section Modes of Operation. Added Chip
Configuration Summary and Low Power Mode description.
- Changed classification to C for internal pull currents inTable 5V I/O
Characteristics.
- Changed input leakage to 1uA for all pins.
- Updated VREG section and layout recommendation.
- Moved Power and Gound Connection Summary table to start of
Power Supply Pins section.
- Added ROMONE to pinout
V01.07
29 Jul
2002
05 Aug
2002
- Corrected mem map: ’MEBI map x of 3’
- Corrected mem map: KEYEN bits in FSEC.
- Added section Printed Circuit Board Layout Proposal.
- Corrected addresses in Reserved, CAN and EEP buffer map.
- Updated NVM electricals.
V01.08
21 Aug
2002
21 Aug
2002
- Updated table ’Document References’
- Added section ’Oscillator (OSC) Block Description’
V01.09
24 Sep
2002
24 Sep
2002
- Section HCS12 Core Block Desciption: mentioned alternalte clock of
BDM to be equivalent to oscillator clock
- Corrected tables 0-1 and 0-2
V01.10
18 Oct
2002
18 Oct
2002
- Added derivatives to cover sheet.
- Added part ID for 1L00M maskset.
- Corrected in footnote of Table "PLL Characteristics": fOSC = 4MHz.
V01.11
29 Oct
2002
29 Oct
2002
- Renamed Preface section to Derivative Differences and Document
references.
- Added A512 derivative.
- Updated module set of DJ512 in Table 0-1.
- Added details for derivatives without CAN and/or BDLC modules.
V01.12
03 Dec
2002
03 Dec
2002
- Corrected several entries in ’Detailed Memory Map’.
- Removed footnote on input leakage current from table ’5V I/O
Characteristics’.
V01.13
08 Jan
2003
08 Jan
2003
- Updated section ’Unsecuring the Microcontroller’.
- Updated footnote 1 in table ’Operating Conditions’.
V01.14
23 Jan
2003
23 Jan
2003
- Renamed ROMONE pin to ROMCTL.
V01.15
28 Feb
2003
28 Feb
2003
- Corrected PE[1,0] pull specification in Signal Properties Summary
Table.
Version
Number
Revision
Date
Effective
Date
Author
Description of Changes
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MC9S12DP512VPV

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12DP512 MOTOROLA-MC9S12DP512 Datasheet
373Kb / 14P
   16-Bit Microcontroller
logo
Freescale Semiconductor...
MC9S12DP512 FREESCALE-MC9S12DP512 Datasheet
418Kb / 14P
   16-Bit Microcontroller
MC9S12DP512CPVE FREESCALE-MC9S12DP512CPVE Datasheet
4Mb / 124P
   MC9S12DP512 Device Guide V01.25
MC9S12DP512MPVE FREESCALE-MC9S12DP512MPVE Datasheet
419Kb / 14P
   16-Bit Microcontroller
More results

Similar Description - MC9S12DP512VPV

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B128 MOTOROLA-MC9S12B128 Datasheet
1Mb / 128P
   microcontroller unit (MCU)
logo
Freescale Semiconductor...
MC9S12DT256 FREESCALE-MC9S12DT256 Datasheet
2Mb / 130P
   Microcontroller Unit (MCU)
logo
Motorola, Inc
MC9S12A128 MOTOROLA-MC9S12A128 Datasheet
712Kb / 92P
   Microcontroller unit (MCU)
logo
Freescale Semiconductor...
MC9S12A256 FREESCALE-MC9S12A256 Datasheet
1Mb / 96P
   microcontroller unit (MCU)
logo
Renesas Technology Corp
H83003 RENESAS-H83003 Datasheet
1Mb / 715P
   microcontroller (MCU)
HD6413003RF RENESAS-HD6413003RF Datasheet
1Mb / 715P
   Microcontroller (MCU)
logo
Hitachi Semiconductor
HD6805V1 HITACHI-HD6805V1 Datasheet
609Kb / 21P
   MCU MICROCOMPUTER UNIT
HD65901 HITACHI-HD65901 Datasheet
1Mb / 89P
   MCU(MICROCOMPUTER UNIT)
HD6801S0 HITACHI-HD6801S0 Datasheet
1Mb / 35P
   MCU ( MICROCOMPUTER UNIT )
HD6805W1 HITACHI-HD6805W1 Datasheet
879Kb / 28P
   MCU MICROCOMPUTER UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com