Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5949BESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5949BESA
Description  -48V Hot-Swap Controllers with External RSENSE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5949BESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5949BESA Datasheet HTML 1Page - Maxim Integrated Products MAX5949BESA Datasheet HTML 2Page - Maxim Integrated Products MAX5949BESA Datasheet HTML 3Page - Maxim Integrated Products MAX5949BESA Datasheet HTML 4Page - Maxim Integrated Products MAX5949BESA Datasheet HTML 5Page - Maxim Integrated Products MAX5949BESA Datasheet HTML 6Page - Maxim Integrated Products MAX5949BESA Datasheet HTML 7Page - Maxim Integrated Products MAX5949BESA Datasheet HTML 8Page - Maxim Integrated Products MAX5949BESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
General Description
The MAX5949A/MAX5949B are hot-swap controllers that
allow a circuit card to be safely hot plugged into a live
backplane. The MAX5949A/MAX5949B operate from
-20V to -80V and are well-suited for -48V power systems.
These devices are pin and function compatible with the
LT4250 and pin compatible with the LT1640.
The MAX5949A/MAX5949B provide a controlled turn-on
to circuit cards preventing glitches on the power-supply
rail and damage to board connectors and components.
The MAX5949A/MAX5949B provide undervoltage, over-
voltage, and overcurrent protection. These devices
ensure the input voltage is stable and within tolerance
before applying power to the load.
Both the MAX5949A and MAX5949B protect a system
against overcurrent and short-circuit conditions by turn-
ing off the external MOSFET in the event of a fault con-
dition. The MAX5949A/MAX5949B also provide
protection against input voltage steps. During an input
voltage step, the MAX5949A/MAX5949B limit the cur-
rent drawn by the load to a safe level without turning off
power to the load.
Both devices feature an open-drain power-good status
output (PWRGD for the MAX5949A or PWRGD for the
MAX5949B) that can be used to enable downstream
converters.
The MAX5949A/MAX5949B are available in an 8-pin SO
package. Both devices are specified for the extended
-40°C to +85°C temperature range.
Applications
Telecom Line Cards
Network Switches/Routers
Central-Office Line Cards
Server Line Cards
Base-Station Line Cards
Central-Office Switching
-48V Distributed Power Systems
Negative Power-Supply Controls
Features
♦ Allow Safe Board Insertion and Removal
from a Live -48V Backplane
♦ Pin and Function Compatible with LT4250L
(MAX5949A)
♦ Pin Compatible with LT1640L (MAX5949A)
♦ Pin and Function Compatible with LT4250H
(MAX5949B)
♦ Pin Compatible with LT1640H (MAX5949B)
♦ Circuit-Breaker Immunity to Input Voltage Steps
and Current Spikes
♦ Withstand -100V Input Transients with No
External Components
♦ Programmable Inrush and Short-Circuit Current
Limits
♦ Operate from -20V to -80V
♦ Programmable Overvoltage Protection
♦ Programmable Undervoltage Lockout
♦ Power Up into a Shorted Load
♦ Power-Good Control Output
-48V Hot-Swap Controllers
with External RSENSE
________________________________________________________________ Maxim Integrated Products
1
GATE
SENSE
VEE
1
2
8
7
VDD
DRAIN
OV
UV
PWRGD
(PWRGD)
SO
TOP VIEW
3
4
6
5
MAX5949A
MAX5949B
( ) FOR MAX5949B.
Pin Configuration
Ordering Information
19-3494; Rev 0; 11/04
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX5949AESA
-40°C to +85°C
8 SO
MAX5949BESA
-40°C to +85°C
8 SO
Typical Operating Circuit and Selector Guide appear at end
of data sheet.


Similar Part No. - MAX5949BESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5949BESA++ MAXIM-MAX5949BESA+ Datasheet
192Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
More results

Similar Description - MAX5949BESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5949A MAXIM-MAX5949A_11 Datasheet
192Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5948 MAXIM-MAX5948 Datasheet
685Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 0; 10/04
MAX5948A MAXIM-MAX5948A_11 Datasheet
188Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE
Rev 1; 8/11
MAX5920 MAXIM-MAX5920 Datasheet
310Kb / 18P
   -48V Hot-Swap Controller with External RSENSE
19-2931; Rev 0; 8/03
MAX5921 MAXIM-MAX5921 Datasheet
313Kb / 18P
   -48V Hot-Swap Controllers with External RSENSE and High Gate Pulldown Current
19-2946; Rev 0; 9/03
MAX5936 MAXIM-MAX5936 Datasheet
343Kb / 23P
   -48V Hot-Swap Controllers with VIN Step Immunity and No RSENSE
Rev 1; 1/05
logo
Linear Technology
LTC4253 LINER-LTC4253_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
LTC4253A LINER-LTC4253A_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
   -48V Hot Swap Controller
2003
logo
Linear Technology
LTC4253 LINER-LTC4253 Datasheet
337Kb / 32P
   -48V Hot Swap Controller with Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com