Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1742-20ACVBG Datasheet(PDF) 6 Page - Analog Intergrations Corporation

Part # AIC1742-20ACVBG
Description  Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1742-20ACVBG Datasheet(HTML) 6 Page - Analog Intergrations Corporation

Back Button AIC1742-20ACVBG Datasheet HTML 2Page - Analog Intergrations Corporation AIC1742-20ACVBG Datasheet HTML 3Page - Analog Intergrations Corporation AIC1742-20ACVBG Datasheet HTML 4Page - Analog Intergrations Corporation AIC1742-20ACVBG Datasheet HTML 5Page - Analog Intergrations Corporation AIC1742-20ACVBG Datasheet HTML 6Page - Analog Intergrations Corporation AIC1742-20ACVBG Datasheet HTML 7Page - Analog Intergrations Corporation AIC1742-20ACVBG Datasheet HTML 8Page - Analog Intergrations Corporation AIC1742-20ACVBG Datasheet HTML 9Page - Analog Intergrations Corporation AIC1742-20ACVBG Datasheet HTML 10Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AIC1742
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Fig. 7 Load Regulation
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
16
18
20
22
24
26
28
30
32
34
IOUT=100mA
Input Voltage (V)
VSHDN=1.6V
TA=25°C
IOUT=150mA
AIC1742-33
Fig. 8 Dropout Voltage
10
20
30
40
50
60
70
80
90 100 110 120 130 140 150
0
50
100
150
200
250
300
Output Current (mA)
TA=25°C
AIC1742-25
Fig. 9 Dropout Voltage
Output Current (mA)
10
20
30
40
50
60
70
80
90
100 110 120 130 140 150
0
100
200
300
400
500
600
700
800
TA=25°C
AIC1742-20
Fig. 10 Input Ripple Rejection
10
10
2
10
3
10
4
10
5
10
6
0
20
40
60
80
100
COUT=2.2µF Ceramic
IOUT=0mA
CBP=0.1µF
Frequency (Hz)
CBP=0.01µF
AIC1742-20
Fig. 11 Input Ripple Rejection
0
20
40
60
80
100
Frequency (Hz)
COUT=2.2µF Ceramic
IOUT=0mA
CBP=0.1µF
CBP=0.01µF
AIC1742-30
10
10
2
10
3
10
4
10
5
10
6
Fig. 12 Input Ripple Rejection
Frequency (Hz)
0
20
40
60
80
100
COUT=2.2µF Ceramic
IOUT=100mA
CBP=0.01µF
CBP=0.1µF
AIC1742-20
10
10
2
10
3
10
4
10
5
10
6
6


Similar Part No. - AIC1742-20ACVBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1742-20AXV AIC-AIC1742-20AXV Datasheet
328Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
More results

Similar Description - AIC1742-20ACVBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1742 AIC-AIC1742_15 Datasheet
328Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
logo
Semtech Corporation
SC1453 SEMTECH-SC1453_08 Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453 SEMTECH-SC1453_06 Datasheet
245Kb / 14P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453 SEMTECH-SC1453 Datasheet
119Kb / 5P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Monolithic Power System...
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
   24V, 150mA, Low Quiescent Current Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com