Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HX6656RVNC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # HX6656RVNC
Description  32K x 8 ROM-SOI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HX6656RVNC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  HX6656RVNC Datasheet HTML 1Page - List of Unclassifed Manufacturers HX6656RVNC Datasheet HTML 2Page - List of Unclassifed Manufacturers HX6656RVNC Datasheet HTML 3Page - List of Unclassifed Manufacturers HX6656RVNC Datasheet HTML 4Page - List of Unclassifed Manufacturers HX6656RVNC Datasheet HTML 5Page - List of Unclassifed Manufacturers HX6656RVNC Datasheet HTML 6Page - List of Unclassifed Manufacturers HX6656RVNC Datasheet HTML 7Page - List of Unclassifed Manufacturers HX6656RVNC Datasheet HTML 8Page - List of Unclassifed Manufacturers HX6656RVNC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
HX6656
3
RADIATION CHARACTERISTICS
Total Ionizing Radiation Dose
The ROM will meet all stated functional and electrical
specifications over the entire operating temperature range
after the specified total ionizing radiation dose. All electrical
and timing performance parameters will remain within
specifications after rebound at VDD = 5.5 V and T =125
°C
extrapolated to ten years of operation. Total dose hardness
is assured by wafer level testing of process monitor transis-
tors and ROM product using 10 keV X-ray and Co60
radiation sources. Transistor gate threshold shift correla-
tions have been made between 10 keV X-rays applied at a
dose rate of 1x105 rad(SiO
2)/min at T = 25°C and gamma
rays (Cobalt 60 source) to ensure that wafer level X-ray
testing is consistent with standard military radiation test
environments.
Transient Pulse Ionizing Radiation
The ROM is capable of reading and retaining stored data
during and after exposure to a transient ionizing radiation
pulse of
≤1 µs duration up to 1x109 rad(Si)/s, when applied
under recommended operating conditions. To ensure va-
lidity of all specified performance parameters before, dur-
ing, and after radiation (timing degradation during tran-
sient pulse radiation (timing degradation during transient
pulse radiation is
≤10%), it is suggested that stiffening
capacitance be placed on or near the package VDD and
VSS, with a maximum inductance between the package
(chip) and stiffening capacitance of 0.7 nH per part. If
there are no operate-through requirements, typical circuit
board mounted de-coupling capacitors are recommended.
The ROM will meet any functional or electrical specifica-
tion after exposure to a radiation pulse of
≤50 ns duration
up to 1x1011 rad(Si)/s, when applied under recommended
operating conditions.
Neutron Radiation
The ROM will meet any functional or timing specification
after a total neutron fluence of up to 1x1014 cm-2 applied
under recommended operating or storage conditions. This
assumes an equivalent neutron energy of 1 MeV.
Single Event Phenomena
All storage elements within the ROM are immune to single
event upsets. No access time or other performance deg-
radation will occur for LET 190 MeV/cm/mg2.
Latchup
The ROM will not latch up due to any of the above radiation
exposure conditions when applied under recommended
operating conditions. Fabrication with the SIMOX sub-
strate material provides oxide isolation between adjacent
PMOS and NMOS transistors and eliminates any potential
SCR latchup structures. Sufficient transistor body tie con-
nections to the p- and n-channel substrates are made to
ensure no source/drain snapback occurs.
Total Dose
≥1x106
rad(SiO
2)
Transient Dose Rate Upset (3)
≥1x109
rad(Si)/s
Transient Dose Rate Survivability (3)
≥1x1011
rad(Si)/s
Neutron Fluence
≥1x1014
N/cm2
Parameter
Limits (2)
Test Conditions
RADIATION HARDNESS RATINGS (1)
Units
TA=25
°C
(1) Device will not latch up due to any of the specified radiation exposure conditions.
(2) Operating conditions (unless otherwise specified): VDD=4.5 V to 5.5 V, TA=-55
°C to 125°C.
(3) Not guaranteed with 28–Lead DIP.
1 MeV equivalent energy,
Unbiased, TA=25
°C
Pulse width
≤50 ns, X-ray,
VDD=6.0 V, TA=25
°C
Pulse width
≤1 µs


Similar Part No. - HX6656RVNC

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HX6001 HBH-HX6001 Datasheet
20Kb / 1P
   15-21 GHz Active Harmonic Mixer
logo
Pulse A Technitrol Comp...
HX6062FNL PULSE-HX6062FNL Datasheet
477Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6062NL PULSE-HX6062NL Datasheet
328Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6080FNL PULSE-HX6080FNL Datasheet
500Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
HX6080NL PULSE-HX6080NL Datasheet
343Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
More results

Similar Description - HX6656RVNC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX6356 ETC1-HX6356 Datasheet
145Kb / 12P
   32K x 8 STATIC RAM-SOI
logo
Honeywell Solid State E...
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
logo
List of Unclassifed Man...
HM23C256A ETC1-HM23C256A Datasheet
74Kb / 1P
   32K x 8 MASK ROM
logo
Everspin Technologies I...
MR256A08B EVERSPIN-MR256A08B Datasheet
1Mb / 24P
   32K x 8 MRAM
Rev. 6.5 3/2018
logo
List of Unclassifed Man...
HLX6228 ETC-HLX6228 Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
logo
Honeywell Solid State E...
HX6228 HONEYWELL-HX6228 Datasheet
153Kb / 12P
   128K x 8 STATIC RAM-SOI HX6228
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
logo
List of Unclassifed Man...
U637256 ETC1-U637256 Datasheet
146Kb / 14P
   CapStore 32K x 8 nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com