Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1742-25APVBG Datasheet(PDF) 11 Page - Analog Intergrations Corporation

Part # AIC1742-25APVBG
Description  Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1742-25APVBG Datasheet(HTML) 11 Page - Analog Intergrations Corporation

Back Button AIC1742-25APVBG Datasheet HTML 4Page - Analog Intergrations Corporation AIC1742-25APVBG Datasheet HTML 5Page - Analog Intergrations Corporation AIC1742-25APVBG Datasheet HTML 6Page - Analog Intergrations Corporation AIC1742-25APVBG Datasheet HTML 7Page - Analog Intergrations Corporation AIC1742-25APVBG Datasheet HTML 8Page - Analog Intergrations Corporation AIC1742-25APVBG Datasheet HTML 9Page - Analog Intergrations Corporation AIC1742-25APVBG Datasheet HTML 10Page - Analog Intergrations Corporation AIC1742-25APVBG Datasheet HTML 11Page - Analog Intergrations Corporation AIC1742-25APVBG Datasheet HTML 12Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AIC1742
11
F
ent
0
20
40
60
80
100
120
140
0.01
0.1
1
10
100
Stable Region
COUT=4.7µF
COUT=2.2µF
ig. 20 Stable Region with extra Serial Resistor vs.
Load Current
Load Current (mA)
0
20
40
60
80
100
120
140
1
Fig. 21 Region of Stable COUT ESR vs. Load Curr
Load Current (mA)
0.0
0.1
10
100
Stable Region
COUT=1µF
PHYSICAL DIMENSIONS
SOT-23-5 (unit: mm)
b
WITH PLATING
VIEW B
L1
L
SEATING PLANE
GAUGE PLANE
SECTION A-A
BASE METAL
e1
D
AA
SEE VIEW B
e
0.90
0.30
1.50
2.60
2.80
0.08
0.30
0.05
e
θ
L1
L
e1
c
E
E1
D
b
A2
A1
0.95 BSC
0.60
1.90 BSC
0.60 REF
1.30
1.70
3.00
3.00
0.22
0.50
0.15
0.95
MIN.
S
Y
M
B
O
L
A1.45
MAX.
SOT-25
MILLIMETERS


Similar Part No. - AIC1742-25APVBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1742-25AXV AIC-AIC1742-25AXV Datasheet
328Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
More results

Similar Description - AIC1742-25APVBG

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1742 AIC-AIC1742_15 Datasheet
328Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
logo
Semtech Corporation
SC1453 SEMTECH-SC1453_08 Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453 SEMTECH-SC1453_06 Datasheet
245Kb / 14P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
SC1453 SEMTECH-SC1453 Datasheet
119Kb / 5P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730_15 Datasheet
269Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Monolithic Power System...
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
   24V, 150mA, Low Quiescent Current Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com