Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

41N60 Datasheet(PDF) 2 Page - IXYS Corporation

Part # 41N60
Description  Ultra-Low VCE(sat) IGBT
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

41N60 Datasheet(HTML) 2 Page - IXYS Corporation

  41N60 Datasheet HTML 1Page - IXYS Corporation 41N60 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 - 2
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= I
C90; VCE = 10 V,
19
28
S
Pulse test, t
£ 300 ms, duty cycle £ 2 %
C
ies
2750
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
206
pF
C
res
55
pF
Q
g
120
nC
Q
ge
I
C = IC90, VGE = 15 V, VCE = 0.5 VCES
25
nC
Q
gc
40
nC
t
d(on)
30
ns
t
ri
30
ns
t
d(off)
600
ns
t
fi
450
ns
E
off
8mJ
t
d(on)
40
ns
t
ri
40
ns
E
on
0.3
mJ
t
d(off)
800
ns
t
fi
600
ns
E
off
15
mJ
R
thJC
0.62 K/W
R
thCK
0.25
K/W
Inductive load, T
J = 25°C
I
C = IC90, VGE = 15 V, L = 100 mH,
V
CE = 0.8 VCES, RG = Roff = 10 W
Remarks: Switching times may increase
for V
CE (Clamp) > 0.8 • VCES, higher TJ or
increased R
G
Inductive load, T
J = 125°C
I
C = IC90, VGE = 15 V, L = 100 mH
V
CE = 0.8 VCES, RG = Roff = 10 W
Remarks: Switching times may increase
for V
CE (Clamp) > 0.8 • VCES, higher TJ or
increased R
G
TO-247 AD (IXGH) Outline
Dim. Millimeter
Inches
Min.
Max.
Min.
Max.
A
19.81 20.32
0.780 0.800
B
20.80 21.46
0.819 0.845
C
15.75 16.26
0.610 0.640
D
3.55
3.65
0.140 0.144
E
4.32
5.49
0.170 0.216
F
5.4
6.2
0.212 0.244
G
1.65
2.13
0.065 0.084
H
-
4.5
-
0.177
J
1.0
1.4
0.040 0.055
K
10.8
11.0
0.426 0.433
L
4.7
5.3
0.185 0.209
M
0.4
0.8
0.016 0.031
N
1.5
2.49
0.087 0.102
IXGH 41N60
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025


Similar Part No. - 41N60

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
41NF10RE OHMITE-41NF10RE Datasheet
201Kb / 1P
   Ohmicone짰 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
41NF10RE OHMITE-41NF10RE Datasheet
378Kb / 2P
   All-welded construction
41NF1K0E OHMITE-41NF1K0E Datasheet
201Kb / 1P
   Ohmicone짰 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
41NF1K0E OHMITE-41NF1K0E Datasheet
378Kb / 2P
   All-welded construction
41NF1R0E OHMITE-41NF1R0E Datasheet
201Kb / 1P
   Ohmicone짰 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
More results

Similar Description - 41N60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH38N60 IXYS-IXGH38N60 Datasheet
45Kb / 2P
   Ultra-Low VCE(sat) IGBT
IXGH60N60 IXYS-IXGH60N60 Datasheet
95Kb / 4P
   Ultra-Low VCE(sat) IGBT
IXGN60N60 IXYS-IXGN60N60 Datasheet
67Kb / 2P
   Ultra-Low VCE(sat) IGBT
IXGH31N60 IXYS-IXGH31N60 Datasheet
55Kb / 2P
   Ultra-Low VCE(sat) IGBT
IXGH31N60U1 IXYS-IXGH31N60U1 Datasheet
46Kb / 2P
   Ultra-Low VCE(sat) IGBT with Diode
IXGH38N60U1 IXYS-IXGH38N60U1 Datasheet
46Kb / 2P
   Ultra-Low VCE(sat) IGBT with Diode
IXGM30N60 IXYS-IXGM30N60 Datasheet
64Kb / 2P
   Low VCE(sat) IGBT, High speed IGBT
IXSM25N100 IXYS-IXSM25N100 Datasheet
102Kb / 6P
   Low VCE(sat) IGBT, High Speed IGBT
IXSM30N60 IXYS-IXSM30N60 Datasheet
241Kb / 2P
   Low VCE(sat) IGBT, High Speed IGBT
IXSM40N60 IXYS-IXSM40N60 Datasheet
91Kb / 6P
   Low VCE(sat) IGBT, High Speed IGBT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com