Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY28RS480OXCT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY28RS480OXCT
Description  Clock Generator for ATI RS480 Chipset
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28RS480OXCT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY28RS480OXCT Datasheet HTML 5Page - Cypress Semiconductor CY28RS480OXCT Datasheet HTML 6Page - Cypress Semiconductor CY28RS480OXCT Datasheet HTML 7Page - Cypress Semiconductor CY28RS480OXCT Datasheet HTML 8Page - Cypress Semiconductor CY28RS480OXCT Datasheet HTML 9Page - Cypress Semiconductor CY28RS480OXCT Datasheet HTML 10Page - Cypress Semiconductor CY28RS480OXCT Datasheet HTML 11Page - Cypress Semiconductor CY28RS480OXCT Datasheet HTML 12Page - Cypress Semiconductor CY28RS480OXCT Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CY28RS480
Document #: 38-07638 Rev. *C
Page 9 of 15
Absolute Maximum Conditions
Parameter
Description
Condition
Min.
Max.
Unit
VDD
Core Supply Voltage
–0.5
4.6
V
VDDA
Analog Supply Voltage
–0.5
4.6
V
VIN
Input Voltage
Relative to VSS
–0.5
VDD+0.5
VDC
TS
Temperature, Storage
Non-functional
–65
+150
°C
TA
Temperature, Operating Ambient
Functional
0
70
°C
TJ
Temperature, Junction
Functional
150
°C
ESDHBM
ESD Protection (Human Body Model)
MIL-STD-883, Method 3015
2000
V
ØJC
Dissipation, Junction to Case
Mil-Spec 883E Method 1012.1
20
°C/W
ØJA
Dissipation, Junction to Ambient
JEDEC (JESD 51)
60
°C/W
UL-94
Flammability Rating
At 1/8 in.
V–0
MSL
Moisture Sensitivity Level
1
Multiple Supplies: The voltage on any input or I/O pin cannot exceed the power pin during power-up. Power supply sequencing is NOT required.
DC Electrical Specifications
Parameter
Description
Condition
Min.
Max.
Unit
VDD_REF,
VDD_CPU,
VDD_PCI,
VDD_SRC,
VDD_SRC1,
VDD_SRCS
VDD_48
3.3V Operating Voltage
3.3V ± 5%
3.135
3.465
V
VILSMBUS
Input Low Voltage
SDATA, SCLK
1.0
V
VIHSMBUS
Input High Voltage
SDATA, SCLK
2.2
-
V
VIL
Input Low Voltage
VDD
VSS–0.3
0.8
V
VIH
Input High Voltage
2.0
VDD+0.3
V
IIL
Input Leakage Current
Except pull-ups or pull-downs 0<VIN<VDD
–5
5
mA
VOL
Output Low Voltage
IOL = 1 mA
0.4
V
VOH
Output High Voltage
IOH = 1 mA
2.4
V
IOZ
High-Impedance Output Current
–10
10
µA
CIN
Input Pin Capacitance
3
5
pF
COUT
Output Pin Capacitance
3
5
pF
LIN
Pin Inductance
7
nH
VXIH
Xin High Voltage
0.7*VDD
VDD
V
VXIL
Xin Low Voltage
0
0.3*VDD
V
IDD
Dynamic Supply Current
At max load and frequency
450
mA
IPDD
Power Down Supply Current
PD asserted, Outputs driven
75
mA
IPDT
Power Down Supply Current
PD asserted, Outputs Hi-Z
12
mA
AC Electrical Specifications
Parameter
Description
Condition
Min.
Max.
Unit
Crystal
TDC
XIN Duty Cycle
The device will operate reliably with input
duty cycles up to 30/70 but the REF clock
duty cycle will not be within specification
47.5
52.5
%
TPERIOD
XIN Period
When XIN is driven from an external
clock source
69.841
71.0
ns


Similar Part No. - CY28RS480OXCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28RS480OXCT SPECTRALINEAR-CY28RS480OXCT Datasheet
144Kb / 14P
   Clock Generator for ATI RS480 Chipset
More results

Similar Description - CY28RS480OXCT

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
CY28RS480 SPECTRALINEAR-CY28RS480 Datasheet
144Kb / 14P
   Clock Generator for ATI RS480 Chipset
logo
Cypress Semiconductor
CY28RS480-1 CYPRESS-CY28RS480-1 Datasheet
231Kb / 16P
   Clock Generator for ATI RS480 Chipset
CY28RS400 CYPRESS-CY28RS400 Datasheet
256Kb / 19P
   Clock Generator for ATI RS400 Chipset
logo
SpectraLinear Inc
CY28RS400 SPECTRALINEAR-CY28RS400 Datasheet
179Kb / 18P
   Clock Generator for ATI RS400 Chipset
logo
Renesas Technology Corp
ICS951416 RENESAS-ICS951416 Datasheet
435Kb / 26P
   System Clock Chip for ATI RS480
2019
ICS951412B RENESAS-ICS951412B Datasheet
395Kb / 22P
   System Clock Chip for ATI RS480 K8-based Systems
2019
logo
Integrated Circuit Syst...
ICS951412 ICST-ICS951412 Datasheet
283Kb / 10P
   System Clock Chip for ATI RS480 K8-based Systems
logo
Renesas Technology Corp
IDTCV137 RENESAS-IDTCV137 Datasheet
323Kb / 18P
   PROGRAMMABLE FLEXPC™ CLOCK FOR AMD K8 PROCESSOR ATI RS480
MARCH 2005
IDTCV149 RENESAS-IDTCV149 Datasheet
595Kb / 18P
   PROGRAMMABLE FLEXPC™ CLOCK FOR AMD K8 PROCESSOR ATI RS480
MAY 2004
logo
Silicon Laboratories
SL28541 SILABS-SL28541 Datasheet
307Kb / 31P
   Clock Generator for Intel짰Mobile Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com