Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XB1117P12BFL Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XB1117P12BFL
Description  1A Low Dropout Positive Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XB1117P12BFL Datasheet(HTML) 1 Page - Torex Semiconductor

  XB1117P12BFL Datasheet HTML 1Page - Torex Semiconductor XB1117P12BFL Datasheet HTML 2Page - Torex Semiconductor XB1117P12BFL Datasheet HTML 3Page - Torex Semiconductor XB1117P12BFL Datasheet HTML 4Page - Torex Semiconductor XB1117P12BFL Datasheet HTML 5Page - Torex Semiconductor XB1117P12BFL Datasheet HTML 6Page - Torex Semiconductor XB1117P12BFL Datasheet HTML 7Page - Torex Semiconductor XB1117P12BFL Datasheet HTML 8Page - Torex Semiconductor XB1117P12BFL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
3
Bi-polar transistors LDD
Output Voltage (1.8V, 2.5V, 3.3V, 5.0V, ADJ)
Output Voltage Accuracy :±1%
Output Current
:Up to 1A
GENERAL DESCRIPTION
The XB1117 series is a 1A low dropout positive voltage
regulator. Output voltage of the XB1117P series is fixed to
1.8V, 2.5V, 3.3V, and 5.0V. The XB1117K series’ output
voltage is adjustable by the external resistors. Please refer
to the absolute maximum ratings for the difference between
the rated input voltage of the XB1117P50 (VOUT=5.0V) and
the XB1117P18 / 25 / 30 (VOUT=1.8V, 2.5V and 3.0V) and
XB1117K type. With the dropout voltage 1.2V (TYP.), output
current can be generated up to 1A. The built-in overcurrent
circuit and thermal protection circuit start to operate when
either one of output put current reaches the current limit
level or junction temperature reaches the temperature limit.
The XB1117 series provide stable line and load regulation by
using an input capacitor (10μF, tantalum) and an output
capacitor. Package is available in SOT-223.
APPLICATIONS
Highly efficient linear regulator
5V ~ 3V DC / DC converter
Battery charger
Local power supply inside equipment
Battery powered equipment
TYPICAL APPLICATION CIRCUIT
FEATURES
Low Dropout Voltage
Adjustable or Fixed Voltages
Line Regulation (TYP.)
Load Regulation (TYP.)
Adjust pin current less than 120μA (ADJ)
Overcurrent protection circuit built-in
Thermal protection circuit built-in
Package
TYPICAL PERFORMANCE
CHARACTERISTICS
: 1.2V @ IOUT = 1A
: 1.8V, 2.5V, 3.3V, 5.0V (ADJ)
: 0.04% (ADJ)
: 0.1% (ADJ)
: SOT-223
Preliminary


Similar Part No. - XB1117P12BFL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1117P12BFL TOREX-XB1117P12BFL Datasheet
684Kb / 13P
   1A Low Dropout Positive Voltage Regulator
More results

Similar Description - XB1117P12BFL

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com