Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C404-10PC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY7C404-10PC
Description  64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C404-10PC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY7C404-10PC Datasheet HTML 1Page - Cypress Semiconductor CY7C404-10PC Datasheet HTML 2Page - Cypress Semiconductor CY7C404-10PC Datasheet HTML 3Page - Cypress Semiconductor CY7C404-10PC Datasheet HTML 4Page - Cypress Semiconductor CY7C404-10PC Datasheet HTML 5Page - Cypress Semiconductor CY7C404-10PC Datasheet HTML 6Page - Cypress Semiconductor CY7C404-10PC Datasheet HTML 7Page - Cypress Semiconductor CY7C404-10PC Datasheet HTML 8Page - Cypress Semiconductor CY7C404-10PC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CY7C401/CY7C403
CY7C402/CY7C404
2
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature ................................. –65
°C to +150°C
Ambient Temperature with
Power Applied............................................. –55
°C to +125°C
Supply Voltage to Ground Potential ............... –0.5V to +7.0V
DC Voltage Applied to Outputs
in High Z State ............................................... –0.5V to +7.0V
DC Input Voltage............................................ –3.0V to +7.0V
Power Dissipation ..........................................................1.0W
Output Current, into Outputs (LOW)............................ 20 mA
Static Discharge Voltage ........................................... >2001V
(per MIL-STD-883, Method 3015)
Latch-Up Current ..................................................... >200 mA
Operating Range
Range
Ambient
Temperature
VCC
Commercial
0
°C to +70°C
5V
±10%
Military[1]
–55
°C to +125°C
5V
±10%
Electrical Characteristics Over the Operating Range (Unless Otherwise Noted)[2]
7C40X–10, 15, 25
Parameter
Description
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.0
6.0
V
VIL
Input LOW Voltage
–3.0
0.8
V
IIX
Input Leakage Current
GND
≤ V
I ≤ VCC
–10
+10
µA
VCD
[3]
Input Diode Clamp Voltage[3]
IOZ
Output Leakage Current
GND
≤ V
OUT ≤ VCC, VCC = 5.5V
Output Disabled (CY7C403 and CY7C404)
–50
+50
µA
IOS
Output Short Circuit Current[4]
VCC = Max., VOUT = GND
–90
mA
ICC
Power Supply Current
VCC = Max., IOUT = 0 mA
Commercial
75
mA
Military
90
mA
Capacitance[5]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 4.5V
5
pF
COUT
Output Capacitance
7
pF
Notes:
1.
TA is the “instant on” case temperature.
2.
See the last page of this specification for Group A subgroup testing information.
3.
The CMOS process does not provide a clamp diode. However, the FIFO is insensitive to –3V dc input levels and –5V undershoot pulses of less than 10 ns
(measured at 50% output).
4.
For test purposes, not more than one output at a time should be shorted. Short circuit test duration should not exceed 30 seconds.
5.
Tested initially and after any design or process changes that may affect these parameters.


Similar Part No. - CY7C404-10PC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4041KV13 CYPRESS-CY7C4041KV13 Datasheet
1Mb / 46P
   72-Mbit QDR??IV HP SRAM
CY7C4041KV13-600FCXC CYPRESS-CY7C4041KV13-600FCXC Datasheet
1Mb / 46P
   72-Mbit QDR??IV HP SRAM
CY7C4041KV13-667FCXC CYPRESS-CY7C4041KV13-667FCXC Datasheet
1Mb / 46P
   72-Mbit QDR??IV HP SRAM
CY7C4042KV13 CYPRESS-CY7C4042KV13 Datasheet
1Mb / 46P
   72-Mbit QDR??IV XP SRAM
CY7C4042KV13-106FCXC CYPRESS-CY7C4042KV13-106FCXC Datasheet
1Mb / 46P
   72-Mbit QDR??IV XP SRAM
More results

Similar Description - CY7C404-10PC

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
   64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
   FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401_05 Datasheet
89Kb / 9P
   CMOS PARALLEL FIFO 64 x 4 and 64 x 5
IDT72401 IDT-IDT72401 Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
logo
Fairchild Semiconductor
3341 FAIRCHILD-3341 Datasheet
174Kb / 3P
   64 x 4 FIFO Serial Memory
logo
Renesas Technology Corp
IDT72413 RENESAS-IDT72413 Datasheet
384Kb / 11P
   CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
logo
Integrated Device Techn...
IDT72413 IDT-IDT72413 Datasheet
104Kb / 11P
   CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
logo
NXP Semiconductors
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
   5-Bit x 64-word FIFO register; 3-state
September 1993
logo
Texas Instruments
TMS4024 TI-TMS4024 Datasheet
172Kb / 5P
[Old version datasheet]   9 X 64 DIGITAL STORAGE BUFFER (FIFO)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com