Part Name
         Description
AT73C213

 Power Management for Mobiles (PM) / Audio Interface for Portable Handsets ( 35 Page)


ATMEL
100% 
Zoom Out Zoom In
 6 page
background image
6
2744A–PMGMT–27-Jan-05
AT73C213
7.
Audio DAC
7.1
Electrical Specifications
AVDD, AVDDHS = 2.8 V, T
A = 25°C, typical case, unless otherwise noted.
All noise and distortion specifications are measured in the 20 Hz to 0.425xFs and A-weighted filtered.
Full-scale levels scale proportionally with the analog supply voltage.
Table 7-1.
Electrical Specifications
Min
Typ
Max
Units
OVERALL
Operating Temperature (ambient)
-40
+25
+85
°C
Analog Supply Voltage (AVDD, AVDDHS)
2.7
2.8
3.3
V
Digital Supply Voltage (VDIG)
2.4
2.8
3.3
V
DIGITAL INPUTS/OUTPUTS
Resolution
20
bits
Logic Family
CMOS
Logic Coding
2's Complement
ANALOG PERFORMANCE - DAC to Line-out/Headphone Output
Output level for full scale input (for AVDD, AVDDHS = 2.8 V)
1.65
Vpp
Output common mode voltage
0.5 x
AVDDHS
V
Output load resistance (on HSL, HSR)
Headphone load
Line load
16
7
32
10
Ohm
kOhm
Output load capacitance (on HSL, HSR)
Headphone load
Line load
30
30
1000
150
pF
pF
Signal to Noise Ratio (-1dBFS @ 1kHz input and 0dB Gain)
Line and Headphone loads
87
92
dB
Total Harmonic Distortion (-1dBFS @ 1kHz input and 0dB Gain)
Line Load
Headphone Load
Headphone Load (16 Ohm)
0.01
0.06
0.5
0.016
0.1
1
%
%
%
Dynamic Range (measured with -60 dBFS @ 1kHz input,
extrapolated to full-scale)
Line Load
Headphone Load
88
70
93
74
dB
dB
Interchannel mismatch
0.1
1
dB
Left-channel to right-channel crosstalk (@ 1kHz)
-90
-80
dB
Output Headset Driver Level Control Range
-6
6
dB
Output Headset Driver Level Control Step
3
dB



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
WM9711LOW POWER AUDIO CODEC FOR PORTABLE APPLICATIONS 1 2 3 4 5 MoreWolfson Microelectronics plc
TLV320AIC33Low Power Stereo Audio Codec for Portable Audio/Telephony 1 2 3 4 5 MoreTexas Instruments
MC33560Power Management and Interface IC for Smartcard Readers and Couplers 1 2 3 4 5 MoreON Semiconductor
AT73C212Power Management for Mobiles PM 1 2 3 4 5 MoreATMEL Corporation
TLV320AIC31LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY 1 2 3 4 5 MoreTexas Instruments
TLV320DAC32LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY 1 2 3 4 5 MoreBurr-Brown Corporation
AT73C239Power Management for Mobiles PM 1 2 3 4 ATMEL Corporation
AT73C204Power Management for Mobiles PM 1 2 3 ATMEL Corporation
LP3910Power Management IC for Hard Drive Based Portable Media Players Coming SoonNational Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl