Part Name
         Description
AT73C213

 Power Management for Mobiles (PM) / Audio Interface for Portable Handsets ( 35 Page)


ATMEL
100% 
Zoom Out Zoom In
 
 5 page
background image
5
2744A–PMGMT–27-Jan-
AT73C213
2744A–PMGMT–27-Jan-05
BW
min
Low Frequency Cutoff
1 kHz reference frequency
3 dB attenuation
470 nF input coupling capacitors
50
Hz
BW
max
High Frequency Cutoff
1 KHz reference frequency
3 dB attenuation
470 nF input coupling capacitors
20
kHz
tUP
Output setup time
Off to on mode
Voltage already settled
Input capacitors precharged
10
ms
VN
Output noise
Max gain, A weighted
120
500
µVRMS
THDHP
Output distortion
High power mode, V
DD = 3.6V, 1 kHz,
Pout = 100 mW, gain = 0dB
0.3
%
THD
LP
Output distortion
Low power mode, VDD = 3.6V, 1KHz,
Vout = 100m Vpp, Max gain, load 8
ohms in series with 200 ohms
1%
P
max
Maximum power
Low power mode, VDD = 3.6V, 1 KHz,
Vout = 100 mVpp, Max gain, load 8
ohms in series with 200 ohms
440
mW
GACC
Overall Gain accuracy
-2
0
2
dB
G
STEP
Gain Step Accuracy
-0.7
0
0.7
dB
Table 6-1.
Audio Power Amplifier Electrical Specifications
Parameter
Symbol
Conditions
Min
Typ
Max
Unit



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
WM9711LOW POWER AUDIO CODEC FOR PORTABLE APPLICATIONS 1 2 3 4 5 MoreWolfson Microelectronics plc
TLV320AIC33Low Power Stereo Audio Codec for Portable Audio/Telephony 1 2 3 4 5 MoreTexas Instruments
MC33560Power Management and Interface IC for Smartcard Readers and Couplers 1 2 3 4 5 MoreON Semiconductor
AT73C212Power Management for Mobiles PM 1 2 3 4 5 MoreATMEL Corporation
TLV320AIC31LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY 1 2 3 4 5 MoreTexas Instruments
TLV320DAC32LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY 1 2 3 4 5 MoreBurr-Brown Corporation
AT73C239Power Management for Mobiles PM 1 2 3 4 ATMEL Corporation
AT73C204Power Management for Mobiles PM 1 2 3 ATMEL Corporation
LP3910Power Management IC for Hard Drive Based Portable Media Players Coming SoonNational Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl