Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT73C213 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT73C213
Description  Power Management for Mobiles (PM) / Audio Interface for Portable Handsets
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT73C213 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT73C213 Datasheet HTML 6Page - ATMEL Corporation AT73C213 Datasheet HTML 7Page - ATMEL Corporation AT73C213 Datasheet HTML 8Page - ATMEL Corporation AT73C213 Datasheet HTML 9Page - ATMEL Corporation AT73C213 Datasheet HTML 10Page - ATMEL Corporation AT73C213 Datasheet HTML 11Page - ATMEL Corporation AT73C213 Datasheet HTML 12Page - ATMEL Corporation AT73C213 Datasheet HTML 13Page - ATMEL Corporation AT73C213 Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
10
2744A–PMGMT–27-Jan-05
AT73C213
7.3
Data Interface
Normal operation is entered by applying correct LRFS, BCLK and SDIN waveforms to the serial
interface, as illustrated in Figure 7-4, Figure 7-5 and Figure 7-6.
To avoid noise at the output, the reset state is maintained until proper synchronization is
achieved in the serial interface.
The data interface allows three different data transfer modes. See Figure 7-4, Figure 7-5 and
Figure 7-6.
Figure 7-4.
20-bit I2S Justified Mode
Figure 7-5.
20-bit MSB Justified Mode
Figure 7-6.
20-bit LSB Justified Mode
The selection between modes is done using the DINTSEL<1:0> signal.
The data interface always works in slave mode. This means that the LRFS and the BCLK sig-
nals are provided by the host controller. In order to achieve proper operation, the LRFS and the
BCLK signals must be synchronous with the MCLK master clock signal and their frequency rela-
tionship must reflect the selected data mode. For example, if the data mode selected is the 20-
bit MSB Justified, then the BCLK frequency must be 40 times higher than the LRFS frequency.
R1
R0
L(N-1)
L(N-2)
L(N-3)
...
L2
L1
L0
R(N-1)
R(N-2)
R(N-3)
...
R2
R1
R0
BCLK
LRFS
SDIN
R0
L(N-1)
L(N-2)
L(N-3)
...
L2
L1
L0
R(N-1)
R(N-2)
R(N-3)
...
R2
R1
R0
L(N-1)
BCLK
LRFS
SDIN
R0
L(N-1)
L(N-2)
...
L1
L0
R(N-1)
R(N-2)
...
R1
R0
L(N-1)
BCLK
LRFS
SDIN
DINTSEL <1:0>
Format
00
I2S Justified
01
MSB Justified
1x
LSB Justified


Similar Part No. - AT73C213

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C213 ATMEL-AT73C213 Datasheet
1Mb / 37P
   Supply Input from Main Li-Ion Battery
AT73C213B ATMEL-AT73C213B Datasheet
1Mb / 37P
   Power Management and Analog Companions (PMAAC)
AT73C213B ATMEL-AT73C213B_14 Datasheet
1Mb / 37P
   93 dB SNR Playback Stereo Channels
AT73C213 ATMEL-AT73C213_14 Datasheet
1Mb / 37P
   Supply Input from Main Li-Ion Battery
More results

Similar Description - AT73C213

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT73C239 ATMEL-AT73C239 Datasheet
118Kb / 4P
   Power Management for Mobiles (PM)
AT73C212 ATMEL-AT73C212 Datasheet
77Kb / 11P
   Power Management for Mobiles (PM)
AT73C204 ATMEL-AT73C204 Datasheet
50Kb / 3P
   Power Management for Mobiles (PM)
AT73C202 ATMEL-AT73C202 Datasheet
49Kb / 3P
   Power Management for Mobiles (PM)
logo
Texas Instruments
TLV320ADC3101 TI-TLV320ADC3101 Datasheet
1Mb / 84P
[Old version datasheet]   Low Power Stereo ADC for Wireless Handsets and Portable Audio
logo
ams AG
AS3658 AMSCO-AS3658_07 Datasheet
6Mb / 158P
   Power and Audio Management Unit for Portable Devices
AS3658 AMSCO-AS3658 Datasheet
148Kb / 3P
   Power and Audio Management Unit for Portable Devices
logo
Texas Instruments
TLV320ADC3101-Q1 TI-TLV320ADC3101-Q1_15 Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
REVISED AUGUST 2012
TLV320ADC3001 TI1-TLV320ADC3001 Datasheet
976Kb / 81P
[Old version datasheet]   Low-Power Stereo ADC With Embedded miniDSP for Wireless Handsets and Portable Audio
logo
Active-Semi, Inc
ACT5830 ACTIVE-SEMI-ACT5830 Datasheet
74Kb / 2P
   Twelve Channel Integrated Power Management IC for Mobile Handsets
21-Nov-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com