Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF7012BRU-REEL7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADF7012BRU-REEL7
Description  Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7012BRU-REEL7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF7012BRU-REEL7 Datasheet HTML 4Page - Analog Devices ADF7012BRU-REEL7 Datasheet HTML 5Page - Analog Devices ADF7012BRU-REEL7 Datasheet HTML 6Page - Analog Devices ADF7012BRU-REEL7 Datasheet HTML 7Page - Analog Devices ADF7012BRU-REEL7 Datasheet HTML 8Page - Analog Devices ADF7012BRU-REEL7 Datasheet HTML 9Page - Analog Devices ADF7012BRU-REEL7 Datasheet HTML 10Page - Analog Devices ADF7012BRU-REEL7 Datasheet HTML 11Page - Analog Devices ADF7012BRU-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ADF7012
Rev. 0 | Page 8 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
315 MHZ
PHASE NOISE (Hz)
–60
–70
–80
–90
–100
–110
–120
–130
–140
1.0k
10.0k
100.0k
1.0M
10.0M
= NORMAL
FREQUENCY = 9.08 kHz
LEVEL = –84.47dBc/Hz
Figure 4. Phase Noise Response—DVDD = 3.0 V, ICP = 0.86 mA
IVCO = 2.0 mA, FOUT = 315 MHz, PFD = 3.6864 MHZ, PA Bias = 5.5 mA
5
–20
–10
0
–50
–40
–30
–70
–80
–90
–60
–95
1MA
2
1
CENTER 315MHz
50kHz/
SPAN 500kHz
REF LVL
5dBm
0.45dBm
315.05060120MHz
30dB
dBm
RF ATT
UNIT
5kHz
5kHz
500ms
RBW
VBW
SWT
A
Figure 5. FSK Modulation, Power = 0 dBm, Data Rate = 1 kbps,
FDEVIATION = ±50 kHz
5
–20
–10
0
–50
–40
–30
–70
–80
–90
–60
–95
1MA
1
CENTER 315MHz
40MHz/
D1 –41.5dBm
D2 –49dBm
SPAN 400MHz
REF LVL
5dBm
0.31dBm
315.40080160MHz
30dB
dBm
RF ATT
UNIT
500kHz
500kHz
5ms
RBW
VBW
SWT
A
1 [T1]
0.31dBm
315.40080160MHz
Figure 6. Spurious Components—Meets FCC Specs
5
–20
–10
0
–50
–40
–30
–70
–80
–90
–60
–95
1MA
1
CENTER 3.5MHz
700MHz/
D1 –41.5dBm
SPAN 7GHz
REF LVL
5dBm
0.27dBm
308.61723447MHz
30dB
dBm
RF ATT
UNIT
1MHz
1MHz
17.5ms
RBW
VBW
SWT
A
3
2
4
2 [T1]
1 [T1]
0.27dBm
308.61723447MHz
–35.43dBm
631.26252505MHz
3 [T1]
4 [T1]
–11.48dBm
939.87975952MHz
–34.11dBm
1.26252505GHz
Figure 7. Harmonic Response, RFOUT Matched to 50 Ω, No Filter
5
–20
–10
0
–50
–40
–30
–70
–80
–90
–60
–95
1MA
SGL
1
CENTER 3.5MHz
700MHz/
D1 –41.5dBm
SPAN 7GHz
REF LVL
5dBm
0.18dBm
308.61723447MHz
30dB
dBm
RF ATT
UNIT
1MHz
1MHz
17.5ms
RBW
VBW
SWT
A
3
2
4
2 [T1]
1 [T1]
0.18dBm
308.61723447MHz
–50.53dBm
631.26252505MHz
3 [T1]
4 [T1]
–42.93dBm
939.87975952MHz
–55.48dBm
1.26252505GHz
Figure 8. Harmonic Response, Fifth-Order Butterworth Filter
5
–20
–10
0
–50
–40
–30
–70
–80
–90
–60
–95
1MA
1
2
3
CENTER 315MHz
50kHz/
SPAN 500kHz
REF LVL
5dBm
20.33dBm
26.55310621kHz
30dB
dBm
RF ATT
UNIT
5kHz
5kHz
500ms
RBW
VBW
SWT
A
3 [T1]
2 [T1]
1 [T1]
–3.49dBm
315.00012525MHz
–20.33dB
26.55310621kHz
–20.85dB
–27.55511022kHz
Figure 9. OOK Modulation, Power = 0 dBm, Data Rate = 10 kbps


Similar Part No. - ADF7012BRU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7012BRU-REEL7 AD-ADF7012BRU-REEL7 Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
More results

Similar Description - ADF7012BRU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7012BRUZ AD-ADF7012BRUZ Datasheet
937Kb / 28P
   Multichannel ISM Band FSK/GFSK/OOK/GOOK/ASK Transmitter
REV. A
ADF7011 AD-ADF7011 Datasheet
567Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7011 AD-ADF7011_15 Datasheet
573Kb / 24P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010 Datasheet
561Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010 AD-ADF7010_15 Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
ADF7010BRUZ AD-ADF7010BRUZ Datasheet
615Kb / 20P
   High Performance ISM Band ASK/FSK/GFSK Transmitter IC
REV. 0
logo
ON Semiconductor
NCV53480 ONSEMI-NCV53480 Datasheet
542Kb / 60P
   Low-Power OOK/FSK/ASK ISM Band Transceiver
August, 2013 ??Rev. 6
logo
Micrel Semiconductor
MICRF405 MICREL-MICRF405 Datasheet
653Kb / 46P
   290MHz-980MHz ISM Band ASK / FSK Transmitter
logo
Analog Devices
ADF7901 AD-ADF7901_15 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
ADF7901 AD-ADF7901_06 Datasheet
171Kb / 12P
   High Performance ISM Band OOK/FSK Transmitter IC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com