Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XB1117K181FR Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XB1117K181FR
Description  1A Low Dropout Positive Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XB1117K181FR Datasheet(HTML) 4 Page - Torex Semiconductor

  XB1117K181FR Datasheet HTML 1Page - Torex Semiconductor XB1117K181FR Datasheet HTML 2Page - Torex Semiconductor XB1117K181FR Datasheet HTML 3Page - Torex Semiconductor XB1117K181FR Datasheet HTML 4Page - Torex Semiconductor XB1117K181FR Datasheet HTML 5Page - Torex Semiconductor XB1117K181FR Datasheet HTML 6Page - Torex Semiconductor XB1117K181FR Datasheet HTML 7Page - Torex Semiconductor XB1117K181FR Datasheet HTML 8Page - Torex Semiconductor XB1117K181FR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
6
XB1117 Series
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
10.0
V
Thermal Resistance
(Junction to Case)
θ
JC
15
Thermal Resistance
(Junction to Ambient)
θ
JA
160
/W
Power Dissipation
(ΔT=100℃)
PD
625
mW
Operating Temperature Range
TOPR
0 ~+70
Operating Junction Temperature Range
TJ
0 ~+125
Storage Temperature Range
TSTG
-65 ~+150
Lead Temperature
TLEAD
260
STANDARD VALUE
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
4.950
5.000
5.050
Output Voltage
VOUT
VIN=7.0V
IOUT=0A
*Over Temp.
4.900
5.000
5.100
V
Line Regulation
Δ
VOUT1
7.0V≦VIN≦9.0V
IOUT=0A
*Over Temp.
-
1
6
-
5.0
15.2
Load Regulation
Δ
VOUT2
VIN=7.0V
0A≦IOUT≦1.0A
*Over Temp.
-
10.1
20.2
mV
-
1.2
1.4
Dropout Voltage
Vdif
Δ
VOUT=±1%
0A≦IOUT≦1.0A
*Over Temp.
-
1.3
-
V
Current Limit
Ilim
7.0V≦VIN≦10.0V
*Over Temp.
1.0
1.5
-
A
Supply Current
ISS
VIN=7.0V
0A≦IOUT≦1.0A
*Over Temp.
-
6
13
mA
Temperature
Coefficient
TC
7.0V≦VIN≦10.0V
0A≦IOUT≦1.0A
-
50
-
ppm/℃
Temperature Stability
TS
VIN=7.0V
IOUT=100mA
*Over Temp.
-
0.5
-
ABSOLUTE MAXIMUM RATINGS
Ta=25℃
*Over Temp. = Over Temperature(0~+70℃)
*Stress above the listed absolute maximum rating may cause permanent damage to the device.
** Please note that the difference between the rated input voltage of the XB1117P50 (VOUT=5.0V)
and the XB1117P18 / 25 / 30 (VOUT=1.8V, 2.5V and 3.0V) and XB1117K type.
ELECTRICAL CHARACTERISTICS
XB1117P501
XB1117P50


Similar Part No. - XB1117K181FR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XB1117K181FR TOREX-XB1117K181FR Datasheet
684Kb / 13P
   1A Low Dropout Positive Voltage Regulator
XB1117K181FR-G TOREX-XB1117K181FR-G Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
More results

Similar Description - XB1117K181FR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com