Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAC16HCN Datasheet(PDF) 4 Page - ON Semiconductor

Part # MAC16HCN
Description  TRICAS Silicon Bidirectional Thyristors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC16HCN Datasheet(HTML) 4 Page - ON Semiconductor

  MAC16HCN Datasheet HTML 1Page - ON Semiconductor MAC16HCN Datasheet HTML 2Page - ON Semiconductor MAC16HCN Datasheet HTML 3Page - ON Semiconductor MAC16HCN Datasheet HTML 4Page - ON Semiconductor MAC16HCN Datasheet HTML 5Page - ON Semiconductor MAC16HCN Datasheet HTML 6Page - ON Semiconductor MAC16HCN Datasheet HTML 7Page - ON Semiconductor MAC16HCN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MAC16HCD, MAC16HCM, MAC16HCN
http://onsemi.com
4
120
°
TJ, JUNCTION TEMPERATURE (°C)
Figure 1. Typical Gate Trigger Current
versus Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
– 40
– 10
20
50
80
110
125
100
1
Q3
Q1
Q2
1.10
0.40
Q1
Q2
Q3
Figure 2. Typical Gate Trigger Voltage
versus Junction Temperature
TJ, JUNCTION TEMPERATURE (°C)
MT2 POSITIVE
MT2 NEGATIVE
TJ, JUNCTION TEMPERATURE (°C)
Figure 3. Typical Holding Current
versus Junction Temperature
Figure 4. Typical Latching Current
versus Junction Temperature
– 25
5
35
65
95
10
100
1
10
100
1
10
– 40
– 10
20
50
80
110
125
– 25
5
35
65
95
– 40
– 10
20
50
80
110
125
– 25
5
35
65
95
0.50
0.60
0.70
0.80
0.90
1.00
– 40
– 10
20
50
80
110
125
– 25
5
35
65
95
Q2
Q1
Q3
Figure 5. Typical RMS Current Derating
IT(RMS), RMS ON-STATE CURRENT (AMP)
125
110
95
80
12
10
8
6
4
2
0
Figure 6. On-State Power Dissipation
IT(AV), AVERAGE ON-STATE CURRENT (AMP)
12
10
8
6
4
2
0
18
16
14
12
10
8
6
4
2
0
180
°
70
24
DC
DC
60
°
90
°
120
°
180
°
30
°
105
90
75
115
100
85
120
16
14
90
°
60
°, 30°
14
16
20
22


Similar Part No. - MAC16HCN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC16HCN ONSEMI-MAC16HCN Datasheet
62Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 1
MAC16HCNG ONSEMI-MAC16HCNG Datasheet
62Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 1
More results

Similar Description - MAC16HCN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N6344 ONSEMI-2N6344 Datasheet
87Kb / 8P
   Silicon Bidirectional Thyristors
March, 2000 ??Rev. 1
MAC223A6 ONSEMI-MAC223A6 Datasheet
162Kb / 5P
   Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Kersemi Electronic Co.,...
MAC4DSM KERSEMI-MAC4DSM Datasheet
466Kb / 8P
   Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA30-600CW3G ONSEMI-BTA30-600CW3G Datasheet
109Kb / 6P
   Silicon Bidirectional Thyristors
March, 2009 ??Rev. 0
logo
Digitron Semiconductors
MAC223 DIGITRON-MAC223 Datasheet
173Kb / 3P
   SILICON BIDIRECTIONAL THYRISTORS
MAC210 DIGITRON-MAC210 Datasheet
208Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
logo
New Jersey Semi-Conduct...
2N6342A NJSEMI-2N6342A Datasheet
167Kb / 1P
   SILICON BIDIRECTIONAL THYRISTORS
logo
Digitron Semiconductors
BTC05 DIGITRON-BTC05 Datasheet
427Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC321 DIGITRON-MAC321 Datasheet
207Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
MAC320 DIGITRON-MAC320 Datasheet
206Kb / 4P
   SILICON BIDIRECTIONAL THYRISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com