Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HX6356-QRC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HX6356-QRC
Description  32K x 8 STATIC RAM-SOI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HX6356-QRC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HX6356-QRC Datasheet HTML 1Page - List of Unclassifed Manufacturers HX6356-QRC Datasheet HTML 2Page - List of Unclassifed Manufacturers HX6356-QRC Datasheet HTML 3Page - List of Unclassifed Manufacturers HX6356-QRC Datasheet HTML 4Page - List of Unclassifed Manufacturers HX6356-QRC Datasheet HTML 5Page - List of Unclassifed Manufacturers HX6356-QRC Datasheet HTML 6Page - List of Unclassifed Manufacturers HX6356-QRC Datasheet HTML 7Page - List of Unclassifed Manufacturers HX6356-QRC Datasheet HTML 8Page - List of Unclassifed Manufacturers HX6356-QRC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
32K x 8 STATIC RAM—SOI
HX6356
Aerospace Electronics
FEATURES
RADIATION
• Fabricated with RICMOSIV Silicon on Insulator (SOI)
0.75
µm Process (L
eff = 0.6 µm)
• Total Dose Hardness through 1x106 rad(SiO
2)
• Neutron Hardness through 1x1014 cm-2
• Dynamic and Static Transient Upset Hardness
through 1x1011 rad(Si)/s
• Dose Rate Survivability through 1x1012 rad(Si)/s
• Soft Error Rate of <1x10-10 upsets/bit-day
in Geosynchronous Orbit
• Latchup Free
GENERAL DESCRIPTION
The 32K x 8 Radiation Hardened Static RAM is a high
performance 32,768 word x 8-bit static random access
memory with industry-standard functionality. It is fabricated
with Honeywell’s radiation hardened technology, and is
designed for use in systems operating in harsh, transient
radiation environments. The RAM operates over the full
military temperature range and requires only a single 5 V
±
10% power supply. The RAM is available with either TTL or
CMOS compatible I/O. Power consumption is typically less
than 15 mW/MHz in operation, and less than 5 mW when
de-selected. The RAM read operation is fully asynchro-
nous, with an associated typical access time of 14 ns at 5V.
Honeywell’s enhanced SOI RICMOSIV (Radiation Insen-
sitive CMOS) technology is radiation hardened through the
use of advanced and proprietary design, layout and pro-
cess hardening techniques. The RICMOSIV process is a
5-volt, SIMOX CMOS technology with a 150 Å gate oxide
and a minimum drawn feature size of 0.75
µm (0.6 µm
effective gate length—L
eff).
Additional features include
tungsten via plugs, Honeywell’s proprietary SHARP pla-
narization process, and a lightly doped drain (LDD) struc-
ture for improved short channel reliability. A 7 transistor
(7T) memory cell is used for superior single event upset
hardening, while three layer metal power bussing and the
low collection volume SIMOX substrate provide improved
dose rate hardening.
OTHER
• Listed On SMD# 5962-95845
• Fast Read/Write Cycle Times
≤ 17 ns (Typical)
≤ 25 ns (-55 to 125°C)
• Typical Operating power < 15 mW/MHz
• Asynchronous Operation
• CMOS or TTL Compatible I/O
• Single 5 V
± 10% Power Supply
• Packaging Options
- 36-Lead CFP—Bottom Braze (0.630 in. x 0.650 in.)
- 36-Lead CFP—Top Braze (0.630 in. x 0.650 in.)


Similar Part No. - HX6356-QRC

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HX6001 HBH-HX6001 Datasheet
20Kb / 1P
   15-21 GHz Active Harmonic Mixer
logo
Pulse A Technitrol Comp...
HX6062FNL PULSE-HX6062FNL Datasheet
477Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6062NL PULSE-HX6062NL Datasheet
328Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6080FNL PULSE-HX6080FNL Datasheet
500Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
HX6080NL PULSE-HX6080NL Datasheet
343Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
More results

Similar Description - HX6356-QRC

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com