Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HX6356-QRC Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # HX6356-QRC
Description  32K x 8 STATIC RAM-SOI
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HX6356-QRC Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button HX6356-QRC Datasheet HTML 3Page - List of Unclassifed Manufacturers HX6356-QRC Datasheet HTML 4Page - List of Unclassifed Manufacturers HX6356-QRC Datasheet HTML 5Page - List of Unclassifed Manufacturers HX6356-QRC Datasheet HTML 6Page - List of Unclassifed Manufacturers HX6356-QRC Datasheet HTML 7Page - List of Unclassifed Manufacturers HX6356-QRC Datasheet HTML 8Page - List of Unclassifed Manufacturers HX6356-QRC Datasheet HTML 9Page - List of Unclassifed Manufacturers HX6356-QRC Datasheet HTML 10Page - List of Unclassifed Manufacturers HX6356-QRC Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
HX6356
ADDRESS
HIGH
IMPEDANCE
DATA OUT
NWE
DATA IN
DATA VALID
TAVAVW
NCS
CE
TAVWH
TWLWH
TAVWL
TWLQZ
TDVWH
TWHQX
TWHDX
TSLWH
TEHWH
TWHAX
TWHWL
WRITE CYCLE AC TIMING CHARACTERISTICS (1)
(1) Test conditions: input switching levels VIL/VIH=0.5V/VDD-0.5V (CMOS), VIL/VIH=0V/3V (TTL), input rise and fall times <1 ns/V, input and
output timing reference levels shown in the Tester AC Timing Characteristics table, capacitive output loading >50 pF, or equivalent capacitive
load of 5 pF for TWLQZ.
(2) Typical operating conditions: VDD=5.0 V, TA=25
°C, pre-radiation.
(3) Worst case operating conditions: VDD=4.5 V to 5.5 V, -55 to 125
°C, post total dose at 25°C.
(4) TAVAVW = TWLWH + TWHWL
(5) Guaranteed but not tested.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P)
2
(
l
a
c
i
p
y
T
)
3
(
e
s
a
C
t
s
r
o
W
s
t
i
n
U
x
a
M
n
i
M
W
V
A
V
A
T)
4
(
e
m
i
T
e
l
c
y
C
e
t
i
r
W3
15
2s
n
H
W
L
W
Th
t
d
i
W
e
s
l
u
P
e
t
i
r
W
e
l
b
a
n
E
e
t
i
r
W9
0
2s
n
H
W
L
S
Te
m
i
T
e
t
i
r
W
f
o
d
n
E
o
t
t
c
e
l
e
S
p
i
h
C0
10
2s
n
H
W
V
D
Te
m
i
T
e
t
i
r
W
f
o
d
n
E
o
t
d
il
a
V
a
t
a
D5
5
1s
n
H
W
V
A
Te
m
i
T
e
t
i
r
W
f
o
d
n
E
o
t
d
il
a
V
s
s
e
r
d
d
A9
0
2s
n
X
D
H
W
Te
m
i
T
e
t
i
r
W
f
o
d
n
E
r
e
t
f
a
e
m
i
T
d
l
o
H
a
t
a
D0
0
s
n
L
W
V
A
Te
m
i
T
e
t
i
r
W
f
o
t
r
a
t
S
o
t
p
u
t
e
S
d
il
a
V
s
s
e
r
d
d
A0
0
s
n
X
A
H
W
Te
m
i
T
e
t
i
r
W
f
o
d
n
E
r
e
t
f
a
d
l
o
H
d
il
a
V
s
s
e
r
d
d
A0
0
s
n
Z
Q
L
W
Te
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
o
t
e
l
b
a
n
E
e
t
i
r
W3
0
9
s
n
X
Q
H
W
Te
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O
o
t
e
l
b
a
s
i
D
e
t
i
r
W9
5
s
n
L
W
H
W
T)
5
(
h
t
d
i
W
e
s
l
u
P
e
l
b
a
n
E
e
t
i
r
W
o
t
e
l
b
a
s
i
D
e
t
i
r
W4
5
s
n
H
W
H
E
Te
m
i
T
e
t
i
r
W
f
o
d
n
E
o
t
e
l
b
a
n
E
p
i
h
C2
10
2s
n


Similar Part No. - HX6356-QRC

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HX6001 HBH-HX6001 Datasheet
20Kb / 1P
   15-21 GHz Active Harmonic Mixer
logo
Pulse A Technitrol Comp...
HX6062FNL PULSE-HX6062FNL Datasheet
477Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6062NL PULSE-HX6062NL Datasheet
328Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6080FNL PULSE-HX6080FNL Datasheet
500Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
HX6080NL PULSE-HX6080NL Datasheet
343Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
More results

Similar Description - HX6356-QRC

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
   32K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
488Kb / 10P
   32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
   32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
   32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
   32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
   32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
   32K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com