Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY57V561620T-H Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # HY57V561620T-H
Description  4Banks x 4M x 16Bit Synchronous DRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY57V561620T-H Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button HY57V561620T-H Datasheet HTML 4Page - Hynix Semiconductor HY57V561620T-H Datasheet HTML 5Page - Hynix Semiconductor HY57V561620T-H Datasheet HTML 6Page - Hynix Semiconductor HY57V561620T-H Datasheet HTML 7Page - Hynix Semiconductor HY57V561620T-H Datasheet HTML 8Page - Hynix Semiconductor HY57V561620T-H Datasheet HTML 9Page - Hynix Semiconductor HY57V561620T-H Datasheet HTML 10Page - Hynix Semiconductor HY57V561620T-H Datasheet HTML 11Page - Hynix Semiconductor HY57V561620T-H Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
HY57V561620(L)T
Revision 1.8 / Apr.01
AC CHARACTERISTICS II
Note :
1. A new command can be given tRRC after self refresh exit.
Parameter
Symbol
-HP
-H
-8
-P
-S
Unit
Note
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
RAS cycle time
Operation
tRC
65
-
65
-
68
-
70
-
70
-
ns
Auto Refresh
tRRC
65
-
65
-
68
-
70
-
70
-
ns
RAS to CAS delay
tRCD
20
-
20
-
20
-
20
-
20
-
ns
RAS active time
tRAS
45
100K
45
100K
48
100K
50
100K
50
100K
ns
RAS precharge time
tRP
20
-
20
-
20
-
20
-
20
-
ns
RAS to RAS bank active delay
tRRD
15
-
15
-
16
-
20
-
20
-
ns
CAS to CAS delay
tCCD
1
-
1
-
1
-
1
-
1
-
CLK
Write command to data-in delay
tWTL
0
-
0
-
0
-
0
-
0
-
CLK
Data-in to precharge command
tDPL
2
-
2
-
2
-
2
-
2
-
CLK
Data-in to active command
tDAL
5
-
5
-
5
-
4
-
4
-
CLK
DQM to data-out Hi-Z
tDQZ
2
-
2
-
2
-
2
-
2
-
CLK
DQM to data-in mask
tDQM
0
-
0
-
0
-
0
-
0
-
CLK
MRS to new command
tMRD
2
-
2
-
2
-
2
-
2
-
CLK
Precharge to data
output Hi-Z
CAS Latency = 3
tPROZ3
3
-
3
-
3
-
3
-
3
-
CLK
CAS Latency = 2
tPROZ2
-
-
-
-
-
-
2
-
2
-
CLK
Power down exit time
tPDE
1
-
1
-
1
-
1
-
1
-
CLK
Self refresh exit time
tSRE
1
-
1
-
1
-
1
-
1
-
CLK
1
Refresh Time
tREF
-
64
-
64
-
64
-
64
-
64
ms


Similar Part No. - HY57V561620T-H

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620BLT-6I HYNIX-HY57V561620BLT-6I Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620BLT-8I HYNIX-HY57V561620BLT-8I Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620BLT-HI HYNIX-HY57V561620BLT-HI Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620BLT-KI HYNIX-HY57V561620BLT-KI Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
More results

Similar Description - HY57V561620T-H

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T436416C TMT-T436416C Datasheet
651Kb / 28P
   4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
T436416D TMT-T436416D Datasheet
710Kb / 73P
   4M x 16 SDRAM 1M x 16bit x 4Banks Synchronous DRAM
logo
Hynix Semiconductor
HY5Y7A2DLM-HF HYNIX-HY5Y7A2DLM-HF Datasheet
939Kb / 26P
   4Banks x 4M x 32bits Synchronous DRAM
HY57V28820HCT-I HYNIX-HY57V28820HCT-I Datasheet
178Kb / 11P
   4Banks x 4M x 8bits Synchronous DRAM
logo
Integrated Silicon Solu...
IS42VM32160D ISSI-IS42VM32160D Datasheet
468Kb / 27P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42SM32160E-6BLI ISSI-IS42SM32160E-6BLI Datasheet
885Kb / 33P
   4M x 32Bits x 4Banks Mobile Synchronous DRAM
IS42VM16160E ISSI-IS42VM16160E Datasheet
838Kb / 33P
   4M x 16Bits x 4Banks Mobile Synchronous DRAM
logo
Hynix Semiconductor
HY57V561620B HYNIX-HY57V561620B Datasheet
165Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
HY57V561620C HYNIX-HY57V561620C Datasheet
217Kb / 12P
   4 Banks x 4M x 16Bit Synchronous DRAM
logo
Taiwan Memory Technolog...
T4312816B TMT-T4312816B Datasheet
665Kb / 70P
   8M x 16 SDRAM 2M x 16bit x 4Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com