Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM4190D Datasheet(PDF) 11 Page - Raytheon Company

Part # RM4190D
Description  Micropower Switching Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAYTHEON [Raytheon Company]
Direct Link  http://www.raytheon.com
Logo RAYTHEON - Raytheon Company

RM4190D Datasheet(HTML) 11 Page - Raytheon Company

Back Button RM4190D Datasheet HTML 7Page - Raytheon Company RM4190D Datasheet HTML 8Page - Raytheon Company RM4190D Datasheet HTML 9Page - Raytheon Company RM4190D Datasheet HTML 10Page - Raytheon Company RM4190D Datasheet HTML 11Page - Raytheon Company RM4190D Datasheet HTML 12Page - Raytheon Company RM4190D Datasheet HTML 13Page - Raytheon Company RM4190D Datasheet HTML 14Page - Raytheon Company RM4190D Datasheet HTML 15Page - Raytheon Company Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
RC4190
PRODUCT SPECIFICATION
11
Figure 13. Low Battery Detector
When the battery voltage drops below this threshold Q2 will
turn on and sink over 1500
µA typically. The low battery
detector circuitry may also be used for other, less conven-
tional applications (see Figures 19 and 20).
Automatic Shutdown
The bias control current for the reference is externally set by
a resistor from the IC pin to the battery. This current can vary
from 1.0
µA to 50 µA without affecting the operation of the
IC. Interrupting this current will disable the entire circuit,
causing the output voltage to go to 0V for step-down appli-
cations, and reducing the supply current to less than 1.0
µA.
Automatic shutdown of the RC4190 can be achieved using
the circuit of Figure 14.
Figure 14. Automatic Shutdown
A resistor is placed from the IC pin to ground, creating a
voltage divider. When the voltage at the IC pin is less than
1.2V, the RC4190 will begin to turn off. This scheme should
only be used in limited temperature range applications since
the “turn off” voltage at the IC pin has a temperature coeffi-
cient of -4.0 mV/
°C. At 25°C, typically 250 nA is the mini-
mum current required by the IC pin to sustain operation.
A 5.0
µA voltage divider works well taking into account the
sustaining current of 250 nA and a threshold voltage of 0.4V
at turn off. As an example, if 3.0V is to be the turn off volt-
age, then R9 = 1.1/4.75
µA and R1 = (3.0 – 1.1) 5.0 µA or
about 240 k
Ω and 390 kΩ respectively. The tempco at the
top of the divider will be -4.0 mV (R1 + R9)/R9 or
-10.5 mV/
°C, an acceptable number for many applications.
+Vs
R4
R5
1
C2
V
1.31V
REF
Q2
8
I LBD
65-1651
LBR
LBD
65-2678
4190
+V
I
GND
3
6
5
R1
R9
V
BAT
S
C
Another method of automatic shutdown without temperature
limitations is the use of a zener diode in series with the IC
pin and set resistor. When the battery voltage falls below VZ
+ 1.2V the circuit will start to shut down. With this connec-
tion and the low battery detector, the application can be
designed to signal a display when the battery voltage has
dropped to the first programmed level, then shut itself off as
the battery reaches the zener threshold.
The set current can also be turned off by forcing the IC pin to
0.2V or less using an external transistor or mechanical
switch. An example of this is shown in Figure 15.
In this circuit an external control voltage is used to determine
the operating state of the RC4190. If the control voltage VC
is a logic 1 at the input of the 4025 (CMOS Triple NOR
Gate), the voltage at the IC pin will be less than 0.5V forcing
the 4190 off (<0.1
µA ICC). Both the 2N3904 and 2N2907
will be off insuring long shelf for the battery since less than
1.0
µA is drawn by the circuit.
When VC goes to a logic 0, 2.0 µA is forced into the IC pin
through the 2.2 M
Ω resistor and the NOR gate, and at the
same time the 2N3904 and 2N2907 turn on, connecting the
battery to the load.
As long as VC remains low the circuit will regulate the
output to 5.0V. This type of circuit is used to back up the
main supply voltage when line interruptions occur, a particu-
larly useful feature when using volatile memory systems.
9.0V Battery Life Extender
Figure 16 shows a common application: a circuit to extend
the lifetime of a 9.0V battery. The regulator remains in its
quiescent state (drawing only 215
µA) until the battery volt-
age decays below 7.5V, at which time it will start to switch
and regulate the output at 7.0V until the battery falls below
2.2V.
If this circuit operates at its typical efficiency of 80%, with
an output current of 10 mA, at 5.0V battery voltage, then the
average input current will be IIN = (VOUT x IL) ÷ (VBAT x
ef) or (7.0V x 10 mA)
÷ (5.0V x 0.8 mA) = 17.5 mA.
Bootstrapped Operation (Step-Up)
In step-up applications, power to the RC4190 can be derived
from the output voltage by connecting the +VS pin and the
top of R1 to the output voltage (Figure 17).
One requirement for this circuit is that the battery voltage
must be greater than 3.0V when it is energized or else there
will not be enough voltage at pin 5 to start up the IC. The big
advantage of this circuit is the ability to operate down to a
discharged battery voltage of 1.0V.


Similar Part No. - RM4190D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RM4195K FAIRCHILD-RM4195K Datasheet
552Kb / 13P
   Fixed 15V Dual Tracking Voltage Regulator
RM4195T FAIRCHILD-RM4195T Datasheet
552Kb / 13P
   Fixed 15V Dual Tracking Voltage Regulator
RM4195T/883B FAIRCHILD-RM4195T/883B Datasheet
552Kb / 13P
   Fixed 15V Dual Tracking Voltage Regulator
More results

Similar Description - RM4190D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX634 MAXIM-MAX634 Datasheet
498Kb / 12P
   CMOS Micropower Inverting Switching Regulator
Rev 0; 5/86
MAX4193 MAXIM-MAX4193 Datasheet
253Kb / 14P
   CMOS Micropower Step-Up Switching Regulator
Rev 2; 9/08
MAX630 MAXIM-MAX630_V01 Datasheet
263Kb / 14P
   CMOS Micropower Step-Up Switching Regulator
2008
MAX630 MAXIM-MAX630 Datasheet
546Kb / 12P
   CMOS Micropower Step-UP Switching Regulator
Rev 0; 5/86
logo
Linear Technology
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
   1A Micropower Step-Down Switching Regulator
logo
ON Semiconductor
NCP1402 ONSEMI-NCP1402_14 Datasheet
178Kb / 18P
   PFM Step-Up Micropower Switching Regulator
July, 2014 ??Rev. 10
NCP1402 ONSEMI-NCP1402_06 Datasheet
174Kb / 18P
   200 mA, PFM Step?뭊p Micropower Switching Regulator
March, 2006 ??Rev. 7
logo
Linear Technology
LT8630 LINER-LT8630 Datasheet
399Kb / 8P
   Synchronous Micropower Step-Down High Efficiency Switching Regulator
logo
ON Semiconductor
NCP1402 ONSEMI-NCP1402 Datasheet
158Kb / 18P
   200 mA, PFM Step-Up Micropower Switching Regulator
November, 2003 ??Rev. 5
logo
Semtech Corporation
SC4530 SEMTECH-SC4530 Datasheet
1Mb / 23P
   30V, 300mA Output Micropower Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com