Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C401-25LMB Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C401-25LMB
Description  64 x 4 Cascadable FIFO / 64 x 5 Cascadable FIFO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C401-25LMB Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C401-25LMB Datasheet HTML 3Page - Cypress Semiconductor CY7C401-25LMB Datasheet HTML 4Page - Cypress Semiconductor CY7C401-25LMB Datasheet HTML 5Page - Cypress Semiconductor CY7C401-25LMB Datasheet HTML 6Page - Cypress Semiconductor CY7C401-25LMB Datasheet HTML 7Page - Cypress Semiconductor CY7C401-25LMB Datasheet HTML 8Page - Cypress Semiconductor CY7C401-25LMB Datasheet HTML 9Page - Cypress Semiconductor CY7C401-25LMB Datasheet HTML 10Page - Cypress Semiconductor CY7C401-25LMB Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CY7C401/CY7C403
CY7C402/CY7C404
7
Typical DC and AC Characteristics
1.2
1.0
0.6
0.4
4.0
4.5
5.0
5.5
6.0
1.6
1.4
1.2
1.0
0.8
–55
25
125
–55
25
125
1.4
1.0
0.8
60
50
40
30
20
10
0.0
1.0
2.0
3.0
4.0
SUPPLY VOLTAGE (V)
NORMALIZED SUPPLY CURRENT
vs. SUPPLY VOLTAGE
NORMALIZED FREQUENCY
vs. AMBIENT TEMPERATURE
NORMALIZED SUPPLY CURRENT
vs. AMBIENT TEMPERATURE
AMBIENTTEMPERATURE (
°C)
OUTPUT VOLTAGE (V)
OUTPUT SOURCE CURRENT
vs. OUTPUT VOLTAGE
0.8
1.3
1.2
1.1
1.0
0.9
0.8
4.0
4.5
5.0
5.5
6.0
NORMALIZED FREQUENCY
vs. SUPPLY VOLTAGE
140
120
60
40
20
0.0
1.0
2.0
3.0
4.0
0
80
OUTPUT SINK CURRENT
vs. OUTPUT VOLTAGE
0.0
VCC =5.0V
TA =25°C
0.6
0.7
0
1.6
1.4
1.2
0
200
400
600
800
CAPACITANCE (pF)
TYPICAL FREQUENCY CHANGE
vs. OUTPUT LOADING
015
30
35
FREQUENCY (MHz)
NORMALIZED I CC
vs. FREQUENCY
1.0
1000
0.0
SUPPLY VOLTAGE (V)
AMBIENT TEMPERATURE (
°C)
OUTPUT VOLTAGE (V)
VCC =5.5V
VIN =5.0V
0.8
0.7
VIN =5.0V
TA =25°C
VCC =5.0V
TA =25°C
1.2
100
1.5
1.3
1.1
0.9
1.1
1.0
510
20
25
C401–15


Similar Part No. - CY7C401-25LMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4021KV13 CYPRESS-CY7C4021KV13 Datasheet
1Mb / 46P
   72-Mbit QDR??IV HP SRAM
CY7C4021KV13-600FCXC CYPRESS-CY7C4021KV13-600FCXC Datasheet
1Mb / 46P
   72-Mbit QDR??IV HP SRAM
CY7C4021KV13-667FCXC CYPRESS-CY7C4021KV13-667FCXC Datasheet
1Mb / 46P
   72-Mbit QDR??IV HP SRAM
CY7C4022KV13 CYPRESS-CY7C4022KV13 Datasheet
1Mb / 46P
   72-Mbit QDR??IV XP SRAM
CY7C4022KV13-106FCXC CYPRESS-CY7C4022KV13-106FCXC Datasheet
1Mb / 46P
   72-Mbit QDR??IV XP SRAM
More results

Similar Description - CY7C401-25LMB

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5481 SHARP-LH5481 Datasheet
125Kb / 16P
   Cascadable 64 x 8 FIFO Cascadable 64 x 9 FIFO
logo
Cypress Semiconductor
CY7C408A-409A CYPRESS-CY7C408A-409A Datasheet
344Kb / 16P
   64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO
logo
Advanced Micro Devices
C67401 AMD-C67401 Datasheet
450Kb / 9P
   FIRST - IN FIRST - OUT (FIFO) 64 X 4, 64 X 5 CASCADABLE MEMORY
logo
Integrated Device Techn...
IDT72401 IDT-IDT72401_05 Datasheet
89Kb / 9P
   CMOS PARALLEL FIFO 64 x 4 and 64 x 5
IDT72401 IDT-IDT72401 Datasheet
95Kb / 9P
   CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT
logo
Fairchild Semiconductor
3341 FAIRCHILD-3341 Datasheet
174Kb / 3P
   64 x 4 FIFO Serial Memory
logo
Renesas Technology Corp
IDT72413 RENESAS-IDT72413 Datasheet
384Kb / 11P
   CMOS PARALLEL FIFO WITH FLAGS 64 x 5
JUNE 2012
logo
Integrated Device Techn...
IDT72413 IDT-IDT72413 Datasheet
104Kb / 11P
   CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
logo
NXP Semiconductors
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
   5-Bit x 64-word FIFO register; 3-state
September 1993
logo
Texas Instruments
TMS4024 TI-TMS4024 Datasheet
172Kb / 5P
[Old version datasheet]   9 X 64 DIGITAL STORAGE BUFFER (FIFO)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com