Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMM3501 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PMM3501
Description  3-Phase Stepping Motor Drive IC for Universal Controller
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PMM3501 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PMM3501 Datasheet HTML 1Page - List of Unclassifed Manufacturers PMM3501 Datasheet HTML 2Page - List of Unclassifed Manufacturers PMM3501 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
37
Vcc2(5V)
Vcc1
Vref
PMM3501
C2
C1
C3
C4
R1
R2
1
P.GND
16~30
Stepping motor
2
3
21
11
12
13
18
14
15
16
17
20
10
19
9
27
28
7
8
1
2
4
23
6
24
5
25
Clock
Mode A
Mode B
Mode C
Hold
CW / CCW
Enable
Reset
MOI
+
+
+
Example of Application Circuit
For the R1 and R2 constants, determine the Vref voltage
according to the following equation.
Vref (V) = motor current adjustment value (A/phase) x 0.41
Notice that 100Ω is recommended for R2 due to the
configuration of the internal circuit of the PMM3101.
Place the GND side of the source by-pass capacitor of VCC1 (C1)
as close to pins 27 and 28 as possible to reduce noise.
Function of each terminal
Function of each terminal
function
Input condition for operation
Vref
Motor current setting input
Clock
Pulse input for motor drive
Mode C = "H": Rising edge operation
Mode C = "L": Rising edge and falling edge operation
Hold
Pause input
Hold = "L" level
CW/CCW
Motor rotational direction setting input
"H" level = CW rotation
"L" level = CCW rotation
Enable
Power off input
Enable = "L" level
Reset
System reset
Reset = "L" level
MOI
Rotation monitor output
"H" level output once for each phase current period
C1
C2
C3
C4
470µF
6.8µF
0.1µF10µF
Input
condition Energization mode
1 step angle
Basic step division
Mode A
Mode B
Mode C
(degree)
LL
H
2EX
1.2
1
LH
H
23EX
0.6
2
HLH
W23EX
0.3
4
HHH
2W23EX
0.15
8
HH
L
4W23EX
0.075
16
Energization mode table
Recommended circuit part constants
• The MOI output differs from the phase origin monitor output.
• When Mode C = "L," 1 step operation is performed for each rising edge and falling edge of the Clock pulse.
If the duty ratio of the drive pulse moves out of the adjustment significantly by 50%, operation becomes unstable.


Similar Part No. - PMM3501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMM3101 ETC-PMM3101 Datasheet
45Kb / 3P
   3-Phase Stepping Motor Drive IC for Universal Controller
More results

Similar Description - PMM3501

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMM3101 ETC-PMM3101 Datasheet
45Kb / 3P
   3-Phase Stepping Motor Drive IC for Universal Controller
PMM8714PT ETC-PMM8714PT Datasheet
73Kb / 5P
   5-Phase Stepping Motor Drive IC for Universal Controller
PMM8713PT ETC-PMM8713PT Datasheet
335Kb / 4P
   Universal Controller IC for the 2-Phase Stepping Motor Drive
logo
Toshiba Semiconductor
TB6528P TOSHIBA-TB6528P Datasheet
478Kb / 14P
   FIVE-PHASE STEPPING MOTOR DRIVE CONTROLLER
logo
SANYO DENKI CO., LTD.
PMM8713 SANYODENKI-PMM8713 Datasheet
859Kb / 4P
   UNIVERSAL CONTROLLER for Stepping Motor Driving
logo
Panasonic Semiconductor
AN8495SB PANASONIC-AN8495SB Datasheet
119Kb / 2P
   Stepping Motor Drive IC
logo
International Rectifier
IR2238Q IRF-IR2238Q_15 Datasheet
435Kb / 17P
   3-PHASE AC Motor Controller IC
IR22381QPBF IRF-IR22381QPBF Datasheet
1Mb / 10P
   3-PHASE AC MOTOR CONTROLLER IC
logo
Infineon Technologies A...
IR2238Q INFINEON-IR2238Q Datasheet
437Kb / 17P
   3-PHASE AC Motor Controller IC
April 14, 2015
logo
International Rectifier
IR2238Q IRF-IR2238Q Datasheet
429Kb / 17P
   3-PHASE AC Motor Controller IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com