Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTV038N20 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MTV038N20
Description  On-Screen Display Controller for CRT/LCD Monitor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MTV038N20 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MTV038N20 Datasheet HTML 1Page - List of Unclassifed Manufacturers MTV038N20 Datasheet HTML 2Page - List of Unclassifed Manufacturers MTV038N20 Datasheet HTML 3Page - List of Unclassifed Manufacturers MTV038N20 Datasheet HTML 4Page - List of Unclassifed Manufacturers MTV038N20 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV038N20 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV038N20 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV038N20 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV038N20 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
This datasheet contains new product information. Myson Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Revision 1.1
-1-
2001/8/21
MTV038
(Revision 1.1)
MYSON
TECHNOLOGY
FEATURES
GENERAL DESCRIPTION
BLOCK DIAGRAM
• Horizontal SYNC input up to 150 KHz.
• On-chip PLL circuitry or external pixel clock input up to
150 MHz.
• Software control for CRT/LCD applications.
• Programmable R,G,B input level for timing measurement
among HFLB, VFLB, RIN, GIN and BIN for auto sizing.
• Full screen self-test pattern generator.
• Programmable Hor. resolutions up to 1524 dots per line.
• Full-screen display consists of 15 (rows) by 30 (columns)
• Two font size 12x16 or 12x18 dot matrix per character.
• True totally 544 mask ROM fonts including 512 standard
fonts and 32 multi-color fonts.
• Character button boxes with programmable box length.
• Double character height and/or width control.
• Programmable positioning for display screen center.
• Character bordering, shadowing and blinking effect.
Character (per row) and window intensity control.
• Row to row spacing control to avoid expansion distortion.
• 4 programmable windows with multi-level operation.
• Shadowing on windows with programmable shadow
width/height/color.
• Programmable adaptive approach to handle H, V sync
collision automatically by hardware.
• Software clears bit for full-screen erasing.
• Fade-in/fade-out or blending-in/blending-out effects.
• Compatible with SPI bus or I2C interface with slave
address 7AH/7BH (slave address is mask option).
• 16-pin or 20-pin PDIP/SOP package.
On-Screen Display Controller for CRT/LCD Monitor
MTV038 is designed for CRT/LCD monitor applications
to display built-in characters or fonts onto monitor screens.
The display operation occurs by transferring data and con-
trol information from the micro-controller to RAM through a
serial data interface. It can execute full-screen display
automatically, as well as specific functions such as charac-
ter background, bordering, shadowing, blinking, double
height and width, font by font color control, character but-
ton boxes, frame positioning, frame size control by charac-
ter height and row-to-row spacing, horizontal display
resolution, full-screen erasing, fade-in/fade-out effect, win-
dowing effect, shadowing on window and full-screen self-
test pattern generator.
MTV038 provides 544 fonts including 512 standard
fonts and 32 multi-color fonts and 2 font sizes, 12x16 or
12x18 for more efficacious applications. The full OSD
menu is formed by 15 rows x 30 columns, which can be
positioned anywhere on the monitor screen by changing
vertical or horizontal delay.
The auto sizing video measurement module measure
the timing relationship among HFLB, VFLB, and R, G, BIN
with 12-bit resolution at the speed related to the OSD pixel
clock. And the R, G, BIN input level can be programming
by software. MCU can get the measurement data, active
video, front porth and back porth, through I2C bus read/
write operation to keep the appropriate display size and
center.
SERIAL DATA
INTERFACE
ADDRESS BUS
ADMINISTRATOR
VERTICAL
DISPLAY
CONTROL
DISPLAY & ROW
CONTROL
REGISTERS
COLOUR
ENCODER
WINDOWS &
FRAME
CONTROL
LUMAR
LUMAG
LUMAB
BLINK
VCLKX
DATA
VERTD
HORD
CH
8
8
7
BSEN
SHADOW
OSDENB
HSP
VSP
HORIZONTAL
DISPLAY CONTROL
PHASE LOCK LOOP
8
DATA
LPN
CWS
VCLKS
5
DATA
CWS
CHS
8
LUMAR
LUMAG
LUMAB
BLINK
CRADDR
8
LUMA
BORDER
ARWDB
HDREN
VCLKX
HORD 8
CH
CHS
VERTD
7
8
LPN
NROW
VDREN
5
RCADDR
DADDR
FONTADDR
WINADDR
PWMADDR
5
9
9
5
5
ARWDB
HDREN
VDREN
NROW
DATA
ROW, COL
ACK
8
9
CHARACTER ROM
LUMINANCE &
BORDGER
GENERATOR
VDD
VSS
VDDA
VSSA
ROUT
GOUT
BOUT
FBKG
HTONE
HFLB
RP
VCO
VFLB
SSB
SCK
SDA
VSP
HSP
AUTO SIZING
MEASUREMENT
RIN
GIN
BIN
8
DATA
8
PRB
POWER ON
RESET


Similar Part No. - MTV038N20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTV030 ETC-MTV030 Datasheet
372Kb / 21P
   On-Screen Display with Auto-Sizing Controller
More results

Similar Description - MTV038N20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTV048 ETC-MTV048 Datasheet
234Kb / 19P
   On-Screen-Display Controller for CRT/LCD Monitor
MTV130 ETC2-MTV130 Datasheet
347Kb / 18P
   On-Screen Display for LCD Monitor
MTV118 ETC-MTV118 Datasheet
291Kb / 30P
   On-Screen-Display for LCD Monitor
MTV121 ETC-MTV121 Datasheet
220Kb / 18P
   Super On-Screen-Display for LCD Monitor
WT6801 ETC2-WT6801 Datasheet
64Kb / 3P
   Monitor On-Screen Display
logo
STMicroelectronics
STV9420 STMICROELECTRONICS-STV9420 Datasheet
228Kb / 16P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
logo
List of Unclassifed Man...
WT6805 ETC2-WT6805 Datasheet
35Kb / 3P
   Monitor On-Screen Display
logo
Motorola, Inc
MC141540 MOTOROLA-MC141540 Datasheet
190Kb / 12P
   Monitor on-Screen Display
logo
List of Unclassifed Man...
WT6804 ETC1-WT6804 Datasheet
37Kb / 3P
   Monitor On-Screen Display
logo
STMicroelectronics
STV9422 STMICROELECTRONICS-STV9422 Datasheet
232Kb / 15P
   MULTISYNC ON-SCREEN DISPLAY FOR MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com