Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRPT1059E Datasheet(PDF) 6 Page - International Rectifier

Part # IRPT1059E
Description  Integrated Power Stage for 1hp Motor Drives
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPT1059E Datasheet(HTML) 6 Page - International Rectifier

Back Button IRPT1059E Datasheet HTML 2Page - International Rectifier IRPT1059E Datasheet HTML 3Page - International Rectifier IRPT1059E Datasheet HTML 4Page - International Rectifier IRPT1059E Datasheet HTML 5Page - International Rectifier IRPT1059E Datasheet HTML 6Page - International Rectifier IRPT1059E Datasheet HTML 7Page - International Rectifier IRPT1059E Datasheet HTML 8Page - International Rectifier IRPT1059E Datasheet HTML 9Page - International Rectifier IRPT1059E Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IRPT1059
page 6
www.irf.com
Power
100%
Power
150%
RthSA 150% load
(1 min.)10-60 Hz
RthSA 100% load continuous
10-60 Hz
PWM Frequency (kHz) – (Induction Motor Load)
RthSA 150% load (1 min.)
down to 3 Hz
0.75 hp
(0.55 kW)
Figure 5b. 0.75hp/3.5A Output Heat Sink Thermal Resistance and Power Dissipation vs. PWM Frequency
NOTE: For figures 5a and 5b – Operating Conditions: Vin = 230V rms, MI = 1.15, P.F. = 0.8, TA = 40
°C. ZthSA limits ∆Tc rise during 1 minute overload to 10°C.
Figure 5a. 1hp/4.4A Output Heat sink Thermal Resistance and Power Dissipation vs. PWM Frequency
Power
100%
RthSA 100% load continuous
10-60 Hz
PWM Frequency (kHz) – (Induction Motor Load)
RthSA 150% load (1 min.)
down to 3 Hz
1.0 hp
(0.75 kW)
RthSA 150% load
(1 min.)10-60 Hz
Power
150%


Similar Part No. - IRPT1059E

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT1059A IRF-IRPT1059A Datasheet
245Kb / 12P
   Power Module for 1 hp Motor Drives
More results

Similar Description - IRPT1059E

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT1060 IRF-IRPT1060 Datasheet
409Kb / 12P
   Integrated Power Stage for 1 hp Motor Drives
IRPT5051 IRF-IRPT5051 Datasheet
433Kb / 12P
   Integrated Power Stage for 15 hp Motor Drives
IRPT2051 IRF-IRPT2051 Datasheet
131Kb / 12P
   Integrated Power Stage for 3 hp Motor Drives
IRPT1058 IRF-IRPT1058 Datasheet
311Kb / 12P
   Integrated Power Stage for 0.75 hp Motor Drives
IRPT2056 IRF-IRPT2056 Datasheet
351Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT2060A IRF-IRPT2060A Datasheet
338Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT2059A IRF-IRPT2059A Datasheet
333Kb / 12P
   Power Module for 2 hp Motor Drives
IRPT2061A IRF-IRPT2061A Datasheet
278Kb / 12P
   Power Module for 1.5 hp Motor Drives
logo
Vincotech
V23990-P760-A50-D2-14 VINCOTECH-V23990-P760-A50-D2-14 Datasheet
462Kb / 28P
   Motor Drives Power Generation
V23990-P580-A46-P1-14 VINCOTECH-V23990-P580-A46-P1-14 Datasheet
511Kb / 25P
   Motor Drives Power Generation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com