Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRPT1059 Datasheet(PDF) 9 Page - International Rectifier

Part # IRPT1059
Description  Integrated Power Stage for 1hp Motor Drives
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPT1059 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRPT1059 Datasheet HTML 4Page - International Rectifier IRPT1059 Datasheet HTML 5Page - International Rectifier IRPT1059 Datasheet HTML 6Page - International Rectifier IRPT1059 Datasheet HTML 7Page - International Rectifier IRPT1059 Datasheet HTML 8Page - International Rectifier IRPT1059 Datasheet HTML 9Page - International Rectifier IRPT1059 Datasheet HTML 10Page - International Rectifier IRPT1059 Datasheet HTML 11Page - International Rectifier IRPT1059 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
IRPT1059
www.irf.com
page 9
Figure 8b
NOTE: Dimensions are in inches [milliimeters]
IRPT1059A Mechanical Specifications
.010
A
M
MOUNTING SURFACE IN CLAMPED CONDITION
PIN DIAGONAL
.037 – .034
[.940 – .864]
28X
28X [ .026 – .024)]
28X .040 [1.02]
PIN CENTER
.875 .[22.27]
.000 [0.00]
.875 [22.27]
PIN CENTER
ALL PIN COORDINATE DIMENSIONS ARE BASIC
– A –


Similar Part No. - IRPT1059

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT1059A IRF-IRPT1059A Datasheet
245Kb / 12P
   Power Module for 1 hp Motor Drives
More results

Similar Description - IRPT1059

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPT1060 IRF-IRPT1060 Datasheet
409Kb / 12P
   Integrated Power Stage for 1 hp Motor Drives
IRPT5051 IRF-IRPT5051 Datasheet
433Kb / 12P
   Integrated Power Stage for 15 hp Motor Drives
IRPT2051 IRF-IRPT2051 Datasheet
131Kb / 12P
   Integrated Power Stage for 3 hp Motor Drives
IRPT1058 IRF-IRPT1058 Datasheet
311Kb / 12P
   Integrated Power Stage for 0.75 hp Motor Drives
IRPT2056 IRF-IRPT2056 Datasheet
351Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT2060A IRF-IRPT2060A Datasheet
338Kb / 12P
   Power Module for 3 hp Motor Drives
IRPT2059A IRF-IRPT2059A Datasheet
333Kb / 12P
   Power Module for 2 hp Motor Drives
IRPT2061A IRF-IRPT2061A Datasheet
278Kb / 12P
   Power Module for 1.5 hp Motor Drives
logo
Vincotech
V23990-P760-A50-D2-14 VINCOTECH-V23990-P760-A50-D2-14 Datasheet
462Kb / 28P
   Motor Drives Power Generation
V23990-P580-A46-P1-14 VINCOTECH-V23990-P580-A46-P1-14 Datasheet
511Kb / 25P
   Motor Drives Power Generation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com