Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T8XC51SND1 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # T8XC51SND1
Description  Single Chip Microcontroller with MP3 Decoder and Man Machine Interface
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T8XC51SND1 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button T8XC51SND1 Datasheet HTML 7Page - ATMEL Corporation T8XC51SND1 Datasheet HTML 8Page - ATMEL Corporation T8XC51SND1 Datasheet HTML 9Page - ATMEL Corporation T8XC51SND1 Datasheet HTML 10Page - ATMEL Corporation T8XC51SND1 Datasheet HTML 11Page - ATMEL Corporation T8XC51SND1 Datasheet HTML 12Page - ATMEL Corporation T8XC51SND1 Datasheet HTML 13Page - ATMEL Corporation T8XC51SND1 Datasheet HTML 14Page - ATMEL Corporation T8XC51SND1 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
11
T8xC51SND1
Rev. D – 15-Nov-01
5. Block Diagram
Figure 3. T8xC51SND1 Block Diagram
8-BIT INTERNAL BUS
Clock & PLL
Unit
C51 (X2 CORE)
RAM
2304 bytes
FLASH
ROM
Interrupt
Handler Unit
FILT
X2
X1
MP3 Decoder
Unit
2-wire
Controller
MMC
Interface
I/O
SCL SDA
MDAT
P0-P5
10-bit A to D
Converter
VSS
VDD
Keyboard
Interface
KIN3:0
I
2S / PCM
Audio Interface
AVSS
AVDD
1 Alternate function of Port 1
AIN1:0
Ports
INT0#
INT1#
MOSI
MISO
3 Alternate function of Port 3
4 Alternate function of Port 4
Timers 0/1
T1
T0
SPI / DataFlash
Controller
MCLK
MCMD
SCK
RST
AREF
DSEL
DCLK
SCLK
DOUT
64 Kbytes
USB
Controller
D+
D-
UART
RXD
TXD
IDE
Interface
SS#
Watchdog
FLASH Boot
4 Kbytes
ISP#
UVSS
UVDD
&
BRG
ALE
33
33
3
34
4
4
4
1
1
1


Similar Part No. - T8XC51SND1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T8XX-XXXB STMICROELECTRONICS-T8XX-XXXB Datasheet
129Kb / 11P
   8A TRIACS
T8XX-XXXG STMICROELECTRONICS-T8XX-XXXG Datasheet
129Kb / 11P
   8A TRIACS
T8XX-XXXH STMICROELECTRONICS-T8XX-XXXH Datasheet
129Kb / 11P
   8A TRIACS
More results

Similar Description - T8XC51SND1

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
DOC4106 ATMEL-DOC4106 Datasheet
791Kb / 47P
   Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
AT83C51SND1C ATMEL-AT83C51SND1C Datasheet
791Kb / 47P
   Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
AT83SND1C ATMEL-AT83SND1C_06 Datasheet
2Mb / 212P
   Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
AT83C51SND1C ATMEL-AT83C51SND1C_03 Datasheet
1Mb / 210P
   Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
AT83SND1C ATMEL-AT83SND1C Datasheet
458Kb / 42P
   Single-Chip Flash Microcontroller with MP3 Decoder and Human Interface
AT89C51SND2C ATMEL-AT89C51SND2C Datasheet
1Mb / 236P
   Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
AT83SND2C ATMEL-AT83SND2C_05 Datasheet
2Mb / 235P
   Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
AT83SND2C ATMEL-AT83SND2C_06 Datasheet
2Mb / 241P
   Single-Chip Flash Microcontroller with MP3 Decoder with Full Audio Interface
AT83SND2CMP3_0605 ATMEL-AT83SND2CMP3_0605 Datasheet
871Kb / 97P
   Single-Chip MP3 Decoder with Full Audio Interface
logo
Silan Microelectronics ...
SC9822P SILAN-SC9822P Datasheet
588Kb / 30P
   MP3 DECODER WITH ESP FUNCTION AND CD INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com